Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE1202I027 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # XE1202I027
Description  Low-power, integrated UHF transceiver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XE1202I027 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  XE1202I027 Datasheet HTML 1Page - List of Unclassifed Manufacturers XE1202I027 Datasheet HTML 2Page - List of Unclassifed Manufacturers XE1202I027 Datasheet HTML 3Page - List of Unclassifed Manufacturers XE1202I027 Datasheet HTML 4Page - List of Unclassifed Manufacturers XE1202I027 Datasheet HTML 5Page - List of Unclassifed Manufacturers XE1202I027 Datasheet HTML 6Page - List of Unclassifed Manufacturers XE1202I027 Datasheet HTML 7Page - List of Unclassifed Manufacturers XE1202I027 Datasheet HTML 8Page - List of Unclassifed Manufacturers XE1202I027 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Data Sheet
XE1202
3 Electrical Characteristics
3.1 Absolute Maximum Operating Ranges
Stresses above those values listed below may cause permanent device failure. Exposure to absolute maximum
ratings for extended periods may affect device reliability.
Symbol
Description
Min.
Max.
Unit
VDDmr
Supply voltage
-0.5
3.9
V
Tmr
Storage temperature
-55
125
°C
3.2 Specifications
3.2.1
Operating Range
Symbol
Description
Min.
Max.
Unit
VDDop
Supply voltage
2.7
3.6
V
TRop
Temperature
-40
85
°C
CLop
Load capacitance on digital ports
-
25
pF
3.2.2
Electrical Specifications
The table below gives the electrical specifications of the transceiver under the following conditions:
Supply Voltage = 3.3 V, temperature = 25 °C, 2-level FSK without pre-filtering, fc = 915 MHz,
∆f = 5 kHz,
Bit rate = 4.8 kb/s, BWSSB = 10 kHz, BER = 1 % (at the output of the bit synchronizer), matched impedances,
environment as defined in section 6, unless otherwise specified.
Symbol
Description
Conditions
Min
Typ
Max
Unit
IDDSL
Supply current in sleep mode
-
0.2
1
µA
IDDST
Supply current in standby
mode
Quartz oscillator (39 MHz)
running
-
0.85
1.10
mA
IDDR
Supply current in receiver
mode
-
14
16.5
mA
IDDT
Supply current in transmitter
mode
RFOP = 5 dBm
RFOP = 15 dBm
-
-
33
48
40
59
mA
mA
RFS
RF sensitivity
3.2.2.1
A-mode
3.2.2.2
B-mode
-
-113
-102
-110
-99
dBm
dBm
FDA
Frequency deviation
Programmable
-
-
-
-
-
5
10
20
40
100
-
-
-
-
-
kHz
kHz
kHz
kHz
kHz
CCR
Co-channel rejection
-13
-10
-
dBc
IIP3
Input intercept point (from
LNA input to base-band filter
output)
funw = fLO + 50 kHz and
fLO + 95 kHz
A-mode
B-mode
-43
-28
-40
-25
-
dBm
dBm
5
D0211-105


Similar Part No. - XE1202I027

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
XE1202 OKAYA-XE1202 Datasheet
401Kb / 1P
   SPARK QUENCHER
XE1202 OKAYA-XE1202 Datasheet
76Kb / 1P
   SPARK QUENCHER
logo
Semtech Corporation
XE1202A SEMTECH-XE1202A Datasheet
436Kb / 32P
   433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
XE1202AI027TRLF SEMTECH-XE1202AI027TRLF Datasheet
436Kb / 32P
   433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
More results

Similar Description - XE1202I027

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1231 SEMTECH-SX1231_10 Datasheet
1,017Kb / 81P
   Transceiver Low Power Integrated UHF Transceiver
logo
List of Unclassifed Man...
XE1203 ETC1-XE1203 Datasheet
367Kb / 37P
   Low-Power, integrated UHF transceiver
logo
Semtech Corporation
SX1231 SEMTECH-SX1231 Datasheet
895Kb / 78P
   Low Power Integrated UHF Transceiver
SX1208IMLTRT SEMTECH-SX1208IMLTRT Datasheet
1Mb / 86P
   Low Power Integrated UHF Transceiver
SX1208 SEMTECH-SX1208 Datasheet
1Mb / 86P
   SX1208 Transceiver Low Power Integrated UHF Transceiver
Rev. 2 - April 2015
logo
HOPE Microelectronics C...
RF63W HOPE-RF63W Datasheet
3Mb / 91P
   Ultra-Low Power Integrated UHF Transceiver
logo
Semtech Corporation
SX1211 SEMTECH-SX1211_08 Datasheet
1Mb / 92P
   Ultra-Low Power Integrated UHF Transceiver
logo
List of Unclassifed Man...
RF63 ETC2-RF63 Datasheet
3Mb / 91P
   Ultra-Low Power Integrated UHF Transceiver
logo
Semtech Corporation
SX1233 SEMTECH-SX1233 Datasheet
1Mb / 81P
   High Bit Rate Transceiver Low Power Integrated UHF Transceiver
logo
List of Unclassifed Man...
XE1201A ETC-XE1201A Datasheet
193Kb / 14P
   LOW POWER UHF TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com