Electronic Components Datasheet Search |
|
XRT91L81 Datasheet(PDF) 10 Page - Exar Corporation |
|
XRT91L81 Datasheet(HTML) 10 Page - Exar Corporation |
10 / 40 page XRT91L81 2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER REV. P1.0.3 PRELIMINARY 8 LOCKDET_CMU LVTTL O N2 CMU Lock This pin is used to monitor the lock condition of the clock multi- plier unit. "Low" = CMU out of Lock "High" = CMU Locked OVERFLOW LVTTL O M13 Transmit FIFO Overflow This pin is used to monitor the transmit FIFO status. "Low" = Normal Status "High" = Overflow Condition FIFO_RST LVTTL I N13 FIFO Control Reset Hardware Mode FIFO_RST should be held "High" for 10 cycles of TXCLK during power-up in order to flush out the FIFO. Upon an interrupt indication that the FIFO has an overflow condition, this pin is used to reset or flush out the FIFO. NOTE: To automaically reset the FIFO, see Pin FIFO_AUTORST. FIFO_AUTORST LVTTL I N12 Automatic FIFO Reset Hardware Mode If this pin is set "High", the OC-48 transceiver will automatically flush the FIFO upon an overflow condition. Upon power-up, the FIFO should be manually reset by pulling FIFO_RST "High" for 10 cycles of TXCLK. "Low" = Manual FIFO reset required for overflow conditions "High" = Automatically resets FIFO upon overflow detection RECEIVER SECTION NAME LEVEL TYPE PIN DESCRIPTION RXD0P RXD0N RXD1P RXD1N RXD2P RXD2N RXD3P RXD3N LVDS O E13 F13 C14 D14 C13 D13 A14 B14 Receive Parallel Data Output 622Mbps 4-bit parallel receive output data is updated simulta- neously on the rising edge of the RXCLK output. The 4-bit par- allel interface is de-multiplexed from the receive serial input data MSB first (RXD3P/N). NOTE: The XRT91L81 can output 666Mbps 4-bit parallel receive output data for Forward Error Correction (FEC) Applications. RXCLKP RXCLKN LVDS O E14 F14 Receive Output Clock 622MHz output clock reference for the 4-bit parallel receive output data RXDP/N[3:0]. NOTE: The XRT91L81 can output a 666MHz receive output clock for Forward Error Correction (FEC). TRIRXD LVTTL I C12 Tri-State Receive Parallel Data Output Hardware Mode This pin is used to control the activity of the 4- bit parallel receive output bus and its reference clock. "Low" = Normal Mode "High" = Tri-State RXDP/N[3:0] and RXCLK TRANSMITTER SECTION NAME LEVEL TYPE PIN DESCRIPTION |
Similar Part No. - XRT91L81 |
|
Similar Description - XRT91L81 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |