Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE5061A Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE5061A
Description  Zener Diode, 1 Watt 짹5% Tolerance
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE5061A Datasheet(HTML) 1 Page - NTE Electronics

  NTE5061A Datasheet HTML 1Page - NTE Electronics NTE5061A Datasheet HTML 2Page - NTE Electronics NTE5061A Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE5061A thru NTE5105A
(Includes NTE134A thru NTE151A)
Zener Diode, 1 Watt
±5% Tolerance
Features:
D Zener Voltage 110V to 200V
D Low Cost
D Low Zener Impedance
D Excellent Clamping
D Easily Cleaned with Freon, Alcohol, Chlorothene, and Similar Solvents
Maximum Ratings and Electrical Characteristics: (TC = +25°C, unless otherwise specified. Single phase,
half wave, 60Hz, resistive or inductive load, for capacitive load, derate current by 20%)
Nominal
Zener
Test
Maximum Dynamic
Impedance
Maximum
Leakage
Max DC
Zener
Max Forward
NTE Type
Number
Zener Voltage
Vz @ Izt
Current
(Izt)
Zzt @ Izt
Zzk @ Izk
Current
IR @ VR
Current
(Izm)
Voltage
VF @ IF
Volts
mA
mA
µA
Volts
mA
Volts
mA
NTE5061A
2.4
20.0
30
1200
0.25
100
1.0
1.1
200
NTE5062A
2.5
20.0
30
1250
0.25
100
1.0
1.1
200
NTE5063A
2.7
20.0
30
1300
0.25
75
1.0
1.1
200
NTE5064A
2.8
20.0
30
1400
0.25
75
1.0
1.1
200
NTE5065A
3.0
20.0
30
1600
0.25
50
1.0
1.1
200
NTE5066A
3.3
76.0
10
400
1.0
100
1.0
1.2
200
NTE134A
3.6
69.0
10
400
1.0
100
1.0
1.2
200
NTE5067A
3.9
64.0
9
400
1.0
50
1.0
1.2
200
NTE5068A
4.3
58.0
9
400
1.0
10
1.0
1.2
200
NTE5069A
4.7
53.0
8
500
1.0
10
1.0
1.2
200
NTE135A
5.1
49.0
7
550
1.0
10
1.0
1.2
200
NTE136A
5.6
45.0
5
600
1.0
10
2.0
1.2
200
NTE5070A
6.0
43.0
3.5
650
1.0
10
2.5
1.2
200
NTE137A
6.2
41.0
2
700
1.0
10
3.0
1.2
200
NTE5071A
6.8
37.0
3.5
700
1.0
10
4.0
1.2
200
NTE138A
7.5
34.0
4.0
700
0.5
10
5.0
1.2
200
NTE5072A
8.2
31.0
4.5
700
0.5
10
6.0
1.2
200


Similar Part No. - NTE5061A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5061A NTE-NTE5061A Datasheet
52Kb / 4P
   NTE5061A thru NTE5105A Zener Diode, 1 Watt 5% Tolerance
More results

Similar Description - NTE5061A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5000A NTE-NTE5000A Datasheet
26Kb / 3P
   Zener Diode, 1/2 Watt 짹5% Tolerance
NTE5174A NTE-NTE5174A Datasheet
30Kb / 4P
   Zener Diode, 10 Watt 짹5% Tolerance
NTE5111A NTE-NTE5111A Datasheet
32Kb / 3P
   Zener Diode, 5 Watt 짹5% Tolerance
NTE5198A NTE-NTE5198A Datasheet
32Kb / 4P
   Zener Diode, 10 Watt 짹5% Tolerance
NTE5240A NTE-NTE5240A Datasheet
31Kb / 3P
   50 Watt Zener Diodes 짹5% Tolerance
NTE5005SM NTE-NTE5005SM Datasheet
19Kb / 2P
   Zener Diode, 300mW 짹5% Tolerance
logo
Central Semiconductor C...
CMXTC935A CENTRAL-CMXTC935A Datasheet
524Kb / 2P
   SURFACE MOUNT TEMPERATURE COMPENSATED SILICON ZENER DIODE 짹5% TOLERANCE
CMZ5913BP CENTRAL-CMZ5913BP Datasheet
297Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 3.0 WATT, 3.3 THRU 200 VOLTS 짹5% TOLERANCE
logo
NTE Electronics
NTE142A NTE-NTE142A Datasheet
52Kb / 4P
   NTE5061A thru NTE5105A Zener Diode, 1 Watt 5% Tolerance
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com