Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL50073GAC Datasheet(PDF) 1 Page - Zarlink Semiconductor Inc

Part # ZL50073GAC
Description  32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50073GAC Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

  ZL50073GAC Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL50073GAC Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL50073GAC Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL50073GAC Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL50073GAC Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL50073GAC Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL50073GAC Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50073GAC Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50073GAC Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
1
Zarlink Semiconductor Inc.
Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc.
Copyright 2004-2005, Zarlink Semiconductor Inc. All Rights Reserved.
Features
• 32,768 channel x 32,768 channel non-blocking
digital Time Division Multiplex (TDM) switch at
65.536 Mbps, 32.768 Mbps and 16.384 Mbps or
using a combination of rates
• 16,384 channel x 16,384 channel non-blocking
digital TDM switch at 8.192 Mbps
• High jitter tolerance with multiple input clock
sources and frequencies
• Up to 128 serial TDM input streams, divided into
32 groups with 4 input streams per group
• Up to 128 serial TDM output streams, divided into
32 groups with 4 output streams per group
• Per-group input and output data rate conversion
selection at 65.536 Mbps, 32.768 Mbps,
16.384 Mbps and 8.192 Mbps. Input and output
data group rates can differ
• Per-group input bit delay for flexible sampling
point selection
• Per-group output fractional bit advancement
• Four sets of output timing signals for interfacing
additional devices
• Per-channel A-Law/
µ-Law Translation
• Per-channel constant or variable throughput delay
for frame integrity and low latency applications
• Per-stream Bit Error Rate (BER) test circuits
• Per-channel high impedance output control
• Per-channel force high output control
• Per-channel message mode
• Control interface compatible with Intel and
Motorola Selectable 32 bit and 16 bit non-
multiplexed buses
• Connection Memory block programming
• Supports ST-BUS and GCI-Bus standards for
input and output timing
• IEEE 1149.1 (JTAG) test port
• 3.3 V I/O with 5 V tolerant inputs; 1.8 V core
voltage
April 2005
Ordering Information
ZL50073GAC
484 Ball PBGA
-40
°C to +85°C
ZL50073
32 K Channel Digital Switch with High Jitter
Tolerance, Rate Conversion per Group of
4 Streams (8, 16, 32 or 64 Mbps),
and 128 Inputs and 128 Outputs
Data Sheet
Figure 1 - ZL50073 Functional Block Diagram
Test Access
VSS
VDD_IO
SToA0
PWR
Connection Memory
STiA0
ODE
Data Memory
S/P
Microprocessor Interface
SToB0
STiB0
VDD_CORE
Converter
Timing
P/S
Converter
FPi2-0
CKi2-0
CK_SEL1-0
FPo3-0
CKo3-0
Port
STiC0
STiD0
SToC0
SToD0
and Control Registers
Output
Input
Timing
Timing
STiA31
STiB31
STiC31
STiD31
:
:
SToA31
SToB31
SToC31
SToD31
:
:


Similar Part No. - ZL50073GAC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50073GAC ZARLINK-ZL50073GAC Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
More results

Similar Description - ZL50073GAC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50075 ZARLINK-ZL50075 Datasheet
499Kb / 60P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 2 Streams (8, 16, 32 or 64 Mbps), and 64 Inputs and 64 Outputs
ZL50073 ZARLINK-ZL50073_06 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
ZL50070 ZARLINK-ZL50070 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50050 ZARLINK-ZL50050 Datasheet
694Kb / 94P
   8 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 32 Inputs and 32 Outputs
ZL50060 ZARLINK-ZL50060 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50057 ZARLINK-ZL50057 Datasheet
815Kb / 108P
   12 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 48 Inputs and 48 Outputs
ZL50052 ZARLINK-ZL50052 Datasheet
449Kb / 59P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (32 Mbps), and 16 Inputs and 16 Outputs
ZL50051 ZARLINK-ZL50051 Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
ZL50063 ZARLINK-ZL50063 Datasheet
453Kb / 60P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (32Mbps), and 32 Inputs and 32 Output
ZL50062 ZARLINK-ZL50062 Datasheet
883Kb / 68P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com