Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH102A-PCB2000 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AH102A-PCB2000
Description  Medium Power, High Linearity Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AH102A-PCB2000 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AH102A-PCB2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers AH102A-PCB2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers AH102A-PCB2000 Datasheet HTML 3Page - List of Unclassifed Manufacturers AH102A-PCB2000 Datasheet HTML 4Page - List of Unclassifed Manufacturers AH102A-PCB2000 Datasheet HTML 5Page - List of Unclassifed Manufacturers AH102A-PCB2000 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
September 2004
AH102A
Medium Power, High Linearity Amplifier
Product Information
The Communications Edge
TM
Application Circuit: 1900 / 2140 MHz (AH102A-PCB2000)
Typical RF Performance at 25
°C
Frequency
1900
2140
Units
S21 - Gain
13.6
13.5
dB
S11
-16
-18
dB
S22
-18
-16
dB
Output P1dB
+27
+27
dBm
Output IP3
+45
+44
dBm
IS-95A Ch. Power
@ -45 dBc ACPR
+20
dBm
W-CDMA Ch. Power
@ -45 dBc ACLR
+17.5
dBm
Noise Figure
3.6
3.6
dB
Supply Voltage
+9
V
Supply Current
200
mA
C=
ID=
56 pF
C1
C=
ID=
1.5 pF
C2
C=
ID=
56 pF
C3
C=
ID=
1e4 pF
C4
C=
ID=
56 pF
C6
L=
ID=
1.8 nH
L1
L=
ID=
15 nH
L2
R=
ID=
0 Ohm
R1
NET="AH102A"
0805
+9 V
Notes:
1. The amplifier should be connected directly to a +9 V regulator; no dropping resistor is required.
2. If no DC signal is present at the input (pin 1), C1 can be removed. The gate (input pin) is internally grounded in the amplifier.
3. R1 is used as a placeholder for a different application circuit. It can be removed from the circuit.
4. Component sizes are 0603 unless otherwise noted.
S-Parameters
Temp = 25°C
-20
-10
0
10
20
1600
1800
2000
2200
Frequency (MHz)
S11
S22
S21
OIP3 vs. Output Power
frequency = 1900 MHz
30
35
40
45
50
6
7
8
9
10
11
12
Output Power (dBm)
-40C
+25C
+85C
OIP3 vs. Output Power
frequency =2140 MHz
30
35
40
45
50
6789
10
11
Output Power (dBm)
-40C
+25C
+85C
ACPRvs. Channel Power
1900 MHz, IS-95, 9 Ch. Fwd, ±885kHz offset, 30 kHz Meas BW
-70
-60
-50
-40
14
16
18
20
22
Output Channel Power (dBm)
ACLRvs. Channel Power
2140MHz, 3GPPW-CDMA, Test Model 1 +64 DPCH, ±5MHz offset
-60
-55
-50
-45
-40
12
13
14
15
16
17
18
Output Channel Power (dBm)
Noise Figure vs. Frequency
Temp = 25°C
0
1
2
3
4
5
6
1600
1800
2000
2200
Frequency (MHz)


Similar Part No. - AH102A-PCB2000

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH102A-PCB2000 WJCI-AH102A-PCB2000 Datasheet
243Kb / 5P
   Medium Power, High Linearity Amplifier
logo
TriQuint Semiconductor
AH102A-PCB2000 TRIQUINT-AH102A-PCB2000 Datasheet
203Kb / 5P
   Medium Power, High Linearity Amplifier
More results

Similar Description - AH102A-PCB2000

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH101 WJCI-AH101 Datasheet
372Kb / 5P
   Medium Power, High Linearity Amplifier
logo
TriQuint Semiconductor
AH102A-G TRIQUINT-AH102A-G_15 Datasheet
203Kb / 5P
   Medium Power, High Linearity Amplifier
logo
List of Unclassifed Man...
AH101 ETC-AH101 Datasheet
214Kb / 6P
   Medium Power, High Linearity Amplifier
logo
WJ Communication. Inc.
AH102A WJCI-AH102A Datasheet
243Kb / 5P
   Medium Power, High Linearity Amplifier
logo
List of Unclassifed Man...
AH102 ETC-AH102 Datasheet
278Kb / 6P
   Medium Power, High Linearity Amplifier
logo
TriQuint Semiconductor
AH101-G TRIQUINT-AH101-G_15 Datasheet
566Kb / 7P
   Medium Power, High Linearity Amplifier
logo
List of Unclassifed Man...
AH201 ETC-AH201 Datasheet
220Kb / 4P
   Medium Power, High Linearity Amplifier
logo
Infineon Technologies A...
BFQ790 INFINEON-BFQ790_17 Datasheet
491Kb / 23P
   High Linearity RF Medium Power Amplifier
Revision 2.0 2017-02-16
logo
Filtronic Compound Semi...
FMA3018QFN FILTRONIC-FMA3018QFN Datasheet
141Kb / 4P
   MEDIUM LINEARITY INTEGRATED BALANCED AMPLIFIER MODULE
logo
NXP Semiconductors
MMG15241H NXP-MMG15241H Datasheet
666Kb / 18P
   High Linearity Amplifier
Rev. 2, 9/2014
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com