Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2603Y Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AP2603Y
Description  P CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AP2603Y Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AP2603Y Datasheet HTML 1Page - List of Unclassifed Manufacturers AP2603Y Datasheet HTML 2Page - List of Unclassifed Manufacturers AP2603Y Datasheet HTML 3Page - List of Unclassifed Manufacturers AP2603Y Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AP2603Y
65mΩ
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
2.01E+08
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D = -4.2A
V GS = -4.5V
0
10
20
30
40
012
3456
789
-V DS , Drain-to-Source Voltage (V)
T A =25
o C
-5.0V
-4.0V
-3.0V
V G = -2.0V
0
4
8
12
16
20
24
28
32
36
0123
4567
-V DS , Drain-to-Source Voltage (V)
V G = -2.0V
-5.0V
-4.0V
-3.0V
T A = 150
o C
0.01
0.1
1
10
0
0.4
0.8
1.2
1.6
-V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
0
0.5
1
1.5
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =-4.2A
T A =25
o C
20
60
100
140
180
220
02
468
10
12
-V GS , Gate-to-Source Voltage (V)
I D =-4.2A
T A =25
o C


Similar Part No. - AP2603Y

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2603GY A-POWER-AP2603GY Datasheet
76Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2603GY-HF A-POWER-AP2603GY-HF Datasheet
58Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2603GY-HF A-POWER-AP2603GY-HF Datasheet
58Kb / 4P
   Simple Drive Requirement
AP2603GY-HF A-POWER-AP2603GY-HF_14 Datasheet
58Kb / 4P
   Simple Drive Requirement
AP2603GY-HF A-POWER-AP2603GY-HF_16 Datasheet
68Kb / 5P
   RoHS Compliant & Halogen-Free
More results

Similar Description - AP2603Y

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com