Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXCL400 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZXCL400
Description  MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCL400 Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZXCL400 Datasheet HTML 1Page - Zetex Semiconductors ZXCL400 Datasheet HTML 2Page - Zetex Semiconductors ZXCL400 Datasheet HTML 3Page - Zetex Semiconductors ZXCL400 Datasheet HTML 4Page - Zetex Semiconductors ZXCL400 Datasheet HTML 5Page - Zetex Semiconductors ZXCL400 Datasheet HTML 6Page - Zetex Semiconductors ZXCL400 Datasheet HTML 7Page - Zetex Semiconductors ZXCL400 Datasheet HTML 8Page - Zetex Semiconductors ZXCL400 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ZXCL Series
ISSUE 7 - AUGUST 2002
3
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNITS
MIN
TYP
MAX
VDO
Dropout Voltage
Note 3
ZXCL250 / 5213v25
IO=10mA
IO=50mA
IO=100mA
ZXCL260 / 5213v26
IO=10mA
IO=50mA
IO=100mA
ZXCL280 / 5213v28
IO=10mA
IO=50mA
IO=100mA
ZXCL300 / 5213v30
IO=10mA
IO=50mA
IO=100mA
ZXCL330 / 5213v33
IO=10mA
IO=50mA
IO=100mA
ZXCL400 / 5213v40
IO=10mA
IO=50mA
IO=100mA
15
85
163
15
85
155
15
85
140
15
85
140
15
85
140
15
85
140
325
310
280
280
280
280
mV
mV
mV
mV
mV
mV
VLNR
Line Regulation
VIN=(VO+0.5V) to 5.5V, IO=1mA
0.02
0.1
%/V
VLDR
Load Regulation
IO=1mA to 100mA
0.01
0.04
%/mA
EN
Output Noise Voltage
f=10Hz to 100kHz, CO=10µF,
50
µVrms
VENH
Enable pin voltage for
normal operation
TA = -40°C
2
2.2
10
V
VENL
Enable pin voltage for
output shutdown
00.8
V
VENHS
Enable pin hysteresis
150
mV
IEN
Enable Pin input
current
VEN=5.5V
100
nA
IQSD
Shutdown supply
current
VEN=0V
1
µA
TSD
Thermal Shutdown
Temperature
125
165
°C
ELECTRICAL CHARACTERISTICS
VIN = VO + 0.5V, all values at TA = 25 C (Unless otherwise stated)
Device testing is performed at TA=25 C. Device thermal performance is guaranteed by design.
Note1: Maximum power dissipation is calculated assuming the device is mounted on a PCB measuring 2 inches
square
Note 2: Output Voltage will start to rise when VIN exceeds a value or approximately 1.3V. For normal
operation, VIN (min) > VOUT (nom) + 0.5V.
Note 3: Dropout voltage is defined as the difference between VIN and VO, when VO has dropped 100mV below
its nominal value. Nominal value of VO is defined at VIN=VO+0.5V.


Similar Part No. - ZXCL400

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCL400 ZETEX-ZXCL400 Datasheet
374Kb / 11P
   ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
ZXCL400E5 ZETEX-ZXCL400E5 Datasheet
374Kb / 11P
   ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
logo
Diodes Incorporated
ZXCL400E5TA DIODES-ZXCL400E5TA Datasheet
427Kb / 14P
   Micropower SC70-5 & SOT23-5 low dropout regulators
logo
Zetex Semiconductors
ZXCL400H5 ZETEX-ZXCL400H5 Datasheet
374Kb / 11P
   ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
logo
Diodes Incorporated
ZXCL400H5TA DIODES-ZXCL400H5TA Datasheet
427Kb / 14P
   Micropower SC70-5 & SOT23-5 low dropout regulators
More results

Similar Description - ZXCL400

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXCL DIODES-ZXCL Datasheet
427Kb / 14P
   Micropower SC70-5 & SOT23-5 low dropout regulators
logo
Zetex Semiconductors
ZXCL250 ZETEX-ZXCL250 Datasheet
374Kb / 11P
   ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
logo
Guangdong Youtai Semico...
SN74LVC1G32 UMW-SN74LVC1G32 Datasheet
565Kb / 8P
   Tiny SC70-5 /SOT23-5 Packages
logo
Acutechnology Semicondu...
AQ102 ACUTECH-AQ102 Datasheet
445Kb / 7P
   Low-Voltage Ref/Amplifier SOT23-5 and SC70-5 Package
AQ120 ACUTECH-AQ120 Datasheet
449Kb / 7P
   Battery Charger Controller SOT23-5 and SC70-5 Package
logo
Guangdong Youtai Semico...
SN74LVC1G02 UMW-SN74LVC1G02 Datasheet
675Kb / 9P
   Tiny SC70-5 /SOT23-5 /DFN6(1.5mm*1.0mm) Packages
SN74LVC1G34 UMW-SN74LVC1G34 Datasheet
1Mb / 9P
   Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
SN74LVC1G07 UMW-SN74LVC1G07 Datasheet
1Mb / 9P
   Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
logo
Maxim Integrated Produc...
MAX4465EXK MAXIM-MAX4465EXK Datasheet
282Kb / 12P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers
Rev 2; 6/12
logo
Acutechnology Semicondu...
AQ105 ACUTECH-AQ105 Datasheet
428Kb / 5P
   Secondary V/I amplifier SOT23-5 and SC70-5 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com