Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC081S021 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC081S021
Description  Single Channel, 500 kSPS, 8-Bit A/D Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC081S021 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  ADC081S021 Datasheet HTML 1Page - National Semiconductor (TI) ADC081S021 Datasheet HTML 2Page - National Semiconductor (TI) ADC081S021 Datasheet HTML 3Page - National Semiconductor (TI) ADC081S021 Datasheet HTML 4Page - National Semiconductor (TI) ADC081S021 Datasheet HTML 5Page - National Semiconductor (TI) ADC081S021 Datasheet HTML 6Page - National Semiconductor (TI) ADC081S021 Datasheet HTML 7Page - National Semiconductor (TI) ADC081S021 Datasheet HTML 8Page - National Semiconductor (TI) ADC081S021 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ADC081S051 Converter Electrical Characteristics (Note 9) (Continued)
The following specifications apply for V
A = +2.7V to 5.25V, GND = 0V, fSCLK = 4 MHz to 10 MHz,
f
SAMPLE = 200 kSPS to 500 kSPS, unless otherwise noted. Boldface limits apply for TA =TMIN to TMAX: all other limits TA =
25˚C.
Symbol
Parameter
Conditions
Typical
Limits
(Note 9)
Units
ANALOG INPUT CHARACTERISTICS
V
IN
Input Range
0 to V
A
V
I
DCL
DC Leakage Current
±1
µA (max)
C
INA
Input Capacitance
Track Mode
30
pF
Hold Mode
4
pF
DIGITAL INPUT CHARACTERISTICS
V
IH
Input High Voltage
V
A = +5.25V
2.4
V (min)
V
IL
Input Low Voltage
V
A = +5.25V
0.8
V (max)
V
A = +3.6V
0.4
V (max)
I
IN
Input Current
V
IN =0VorVA
±0.1
±1
µA (max)
C
IND
Digital Input Capacitance
2
4
pF (max)
DIGITAL OUTPUT CHARACTERISTICS
V
OH
Output High Voltage
I
SOURCE = 200 µA
V
A − 0.03
V
A − 0.2
V (min)
I
SOURCE =1mA
V
A − 0.1
V
V
OL
Output Low Voltage
I
SINK = 200 µA
0.03
0.4
V (max)
I
SINK = 1 mA
0.1
V
I
OZH,
I
OZL
TRI-STATE® Leakage Current
±0.1
±10
µA (max)
C
OUT
TRI-STATE® Output Capacitance
2
4
pF (max)
Output Coding
Straight (Natural) Binary
POWER SUPPLY CHARACTERISTICS (C
L =10pF)
V
A
Supply Voltage
2.7
V (min)
5.25
V (max)
I
A
Supply Current, Normal Mode
(Operational, CS low)
V
A = +5.25V,
f
SAMPLE = 200 kSPS
2.0
2.4
mA (max)
V
A = +3.6V,
f
SAMPLE = 200 kSPS
0.8
1.0
mA (max)
Supply Current, Shutdown (CS high)
f
SCLK= 0 MHz, VA = +5.25V
f
SAMPLE = 0 kSPS
0.5
µA
V
A = +5.25V, fSCLK = 10MHz,
f
SAMPLE = 0 kSPS
22
µA
P
D
Power Consumption, Normal Mode
(Operational, CS low)
V
A = +5.25V
10.5
12.6
mW (max)
V
A = +3.6V
2.9
3.6
mW (max)
Power Consumption, Shutdown (CS
high)
f
SCLK = 0 MHz, VA = +5.25V
f
SAMPLE = 0 kSPS
2.6
µW
V
A = +5.25V, fSCLK = 10 MHz,
f
SAMPLE = 0 kSPS
0.12
mW
AC ELECTRICAL CHARACTERISTICS
f
SCLK
Clock Frequency
(Note 8)
4
MHz (min)
10
MHz (max)
f
S
Sample Rate
(Note 8)
50
200
kSPS (min)
500
kSPS (max)
t
CONV
Conversion Time
16
SCLK cycles
DC
SCLK Duty Cycle
f
SCLK = 10 MHz
50
40
% (min)
60
% (max)
t
ACQ
Track/Hold Acquisition Time
400
ns (max)
Throughput Time
Acquisition Time + Conversion Time
20
SCLK cycles
www.national.com
4


Similar Part No. - ADC081S021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC081S021 NSC-ADC081S021 Datasheet
720Kb / 17P
   Single Channel, 50 to 200ksps, 8-Bit A/D Converter
logo
Texas Instruments
ADC081S021 TI-ADC081S021 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
ADC081S021 TI-ADC081S021 Datasheet
1Mb / 23P
[Old version datasheet]   ADC101S021 Single Channel, 50 to 200 ksps, 10-Bit A/D Converter
ADC081S021 TI-ADC081S021 Datasheet
1Mb / 26P
[Old version datasheet]   ADC081S051 Single Channel, 200 to 500 ksps, 8-Bit A/D Converter
ADC081S021 TI1-ADC081S021 Datasheet
1Mb / 23P
[Old version datasheet]   ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
More results

Similar Description - ADC081S021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
ADC78H90 NSC-ADC78H90 Datasheet
828Kb / 16P
   8-Channel, 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC78H90 TI1-ADC78H90_14 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 500 kSPS, 12-Bit A/D Converter
ADC088S052 TI1-ADC088S052_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com