Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXCL300H5 Datasheet(PDF) 11 Page - Zetex Semiconductors

Part # ZXCL300H5
Description  MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCL300H5 Datasheet(HTML) 11 Page - Zetex Semiconductors

Back Button ZXCL300H5 Datasheet HTML 3Page - Zetex Semiconductors ZXCL300H5 Datasheet HTML 4Page - Zetex Semiconductors ZXCL300H5 Datasheet HTML 5Page - Zetex Semiconductors ZXCL300H5 Datasheet HTML 6Page - Zetex Semiconductors ZXCL300H5 Datasheet HTML 7Page - Zetex Semiconductors ZXCL300H5 Datasheet HTML 8Page - Zetex Semiconductors ZXCL300H5 Datasheet HTML 9Page - Zetex Semiconductors ZXCL300H5 Datasheet HTML 10Page - Zetex Semiconductors ZXCL300H5 Datasheet HTML 11Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ZXCL Series
ISSUE 7 - AUGUST 2002
11
Europe
Zetex plc
Fields New Road
Chadderton
Oldham, OL9 8NP
United Kingdom
Telephone (44) 161 622 4422
Fax: (44) 161 622 4420
uk.sales@zetex.com
Zetex GmbH
Streitfeldstraße19
D-81673 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Hwy
Hauppauge, NY11788
USA
Telephone: (631) 360 2222
Fax: (631) 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia) Ltd
3701-04 Metroplaza, Tower 1
Hing Fong Road
Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
These offices are supported by agents and distributors in major countries world-wide.
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced
for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company
reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
For the latest product information, log on to
www.zetex.com
© Zetex plc 2002
Device
Output
Voltage
V
Package
Partmarking
ZXCL250H5
2.5
SC70
L25A
ZXCL260H5
2.6
SC70
L26A
ZXCL280H5
2.8
SC70
L28A
ZXCL300H5
3.0
SC70
L30A
ZXCL330H5
3.3
SC70
L33A
ZXCL400H5
4.0
SC70
L40A
ZXCL5213V25H5
2.5
SC70
L25C
ZXCL5213V26H5
2.6
SC70
L26C
ZXCL5213V28H5
2.8
SC70
L28C
ZXCL5213V30H5
3.0
SC70
L30C
ZXCL5213V33H5
3.3
SC70
L33C
ZXCL5213V40H5
4.0
SC70
L40C
ZXCL250E5
2.5
SOT23-5
L25B
ZXCL260E5
2.6
SOT23-5
L26B
ZXCL280E5
2.8
SOT23-5
L28B
ZXCL300E5
3.0
SOT23-5
L30B
ZXCL330E5
3.3
SOT23-5
L33B
ZXCL400E5
4.0
SOT23-5
L40B
ORDERING INFORMATION


Similar Part No. - ZXCL300H5

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCL300H5 ZETEX-ZXCL300H5 Datasheet
374Kb / 11P
   ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
logo
Diodes Incorporated
ZXCL300H5TA DIODES-ZXCL300H5TA Datasheet
427Kb / 14P
   Micropower SC70-5 & SOT23-5 low dropout regulators
More results

Similar Description - ZXCL300H5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXCL DIODES-ZXCL Datasheet
427Kb / 14P
   Micropower SC70-5 & SOT23-5 low dropout regulators
logo
Zetex Semiconductors
ZXCL250 ZETEX-ZXCL250 Datasheet
374Kb / 11P
   ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
logo
Guangdong Youtai Semico...
SN74LVC1G32 UMW-SN74LVC1G32 Datasheet
565Kb / 8P
   Tiny SC70-5 /SOT23-5 Packages
logo
Acutechnology Semicondu...
AQ102 ACUTECH-AQ102 Datasheet
445Kb / 7P
   Low-Voltage Ref/Amplifier SOT23-5 and SC70-5 Package
AQ120 ACUTECH-AQ120 Datasheet
449Kb / 7P
   Battery Charger Controller SOT23-5 and SC70-5 Package
logo
Guangdong Youtai Semico...
SN74LVC1G02 UMW-SN74LVC1G02 Datasheet
675Kb / 9P
   Tiny SC70-5 /SOT23-5 /DFN6(1.5mm*1.0mm) Packages
SN74LVC1G34 UMW-SN74LVC1G34 Datasheet
1Mb / 9P
   Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
SN74LVC1G07 UMW-SN74LVC1G07 Datasheet
1Mb / 9P
   Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
logo
Maxim Integrated Produc...
MAX4465EXK MAXIM-MAX4465EXK Datasheet
282Kb / 12P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers
Rev 2; 6/12
logo
Acutechnology Semicondu...
AQ105 ACUTECH-AQ105 Datasheet
428Kb / 5P
   Secondary V/I amplifier SOT23-5 and SC70-5 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com