Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXCL330H5 Datasheet(PDF) 10 Page - Zetex Semiconductors

Part # ZXCL330H5
Description  MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCL330H5 Datasheet(HTML) 10 Page - Zetex Semiconductors

Back Button ZXCL330H5 Datasheet HTML 3Page - Zetex Semiconductors ZXCL330H5 Datasheet HTML 4Page - Zetex Semiconductors ZXCL330H5 Datasheet HTML 5Page - Zetex Semiconductors ZXCL330H5 Datasheet HTML 6Page - Zetex Semiconductors ZXCL330H5 Datasheet HTML 7Page - Zetex Semiconductors ZXCL330H5 Datasheet HTML 8Page - Zetex Semiconductors ZXCL330H5 Datasheet HTML 9Page - Zetex Semiconductors ZXCL330H5 Datasheet HTML 10Page - Zetex Semiconductors ZXCL330H5 Datasheet HTML 11Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ZXCL Series
ISSUE 7 - AUGUST 2002
10
SOT23-5 PACKAGE INFORMATION
CONTROLLING DIMENSIONS IN MILLIMETRES
APPROX CONVERTED DIMENSIONS IN INCHES
DIM
MILLIMETRES
INCHES
MIN
MAX
MIN
MAX
A
0.90
1.45
0.0354
0.0570
A1
0.00
0.15
0.00
0.0059
A2
0.90
1.3
0.0354
0.0511
b
0.20
0.50
0.0078
0.0196
C
0.09
0.26
0.0035
0.0102
D
2.70
3.10
0.1062
0.1220
E
2.20
3.20
0.0866
0.1181
E1
1.30
1.80
0.0511
0.0708
e
0.95 REF
0.0374 REF
e1
1.90 REF
0.0748 REF
L
0.10
0.60
0.0039
0.0236
030030
SOT23-5 PACKAGE DIMENSIONS
DIM
MILLIMETRES
INCHES
MIN
MAX
MIN
MAX
A
1.00
0.0393
A1
0.10
0.0039
A2
0.70
0.90
0.0275
0.0354
b
0.15
0.30
0.006
0.0118
C
0.08
0.25
0.0031
0.0098
D
2.0 BSC
0.0787 BSC
E
2.10 BSC
0.0826 BSC
E1
1.25 BSC
0.0492 BSC
e
0.65 BSC
0.0255 BSC
e1
1.30 BSC
0.0511 BSC
L
0.26
0.46
0.0102
0.0181
a0
8
0
8
SC70-5 PACKAGE DIMENSIONS
S70-5 PACKAGE OUTLINE
CONTROLLING DIMENSIONS IN MILLIMETRES
APPROX CONVERTED DIMENSIONS IN INCHES


Similar Part No. - ZXCL330H5

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCL330H5 ZETEX-ZXCL330H5 Datasheet
374Kb / 11P
   ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
logo
Diodes Incorporated
ZXCL330H5TA DIODES-ZXCL330H5TA Datasheet
427Kb / 14P
   Micropower SC70-5 & SOT23-5 low dropout regulators
More results

Similar Description - ZXCL330H5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXCL DIODES-ZXCL Datasheet
427Kb / 14P
   Micropower SC70-5 & SOT23-5 low dropout regulators
logo
Zetex Semiconductors
ZXCL250 ZETEX-ZXCL250 Datasheet
374Kb / 11P
   ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
logo
Guangdong Youtai Semico...
SN74LVC1G32 UMW-SN74LVC1G32 Datasheet
565Kb / 8P
   Tiny SC70-5 /SOT23-5 Packages
logo
Acutechnology Semicondu...
AQ102 ACUTECH-AQ102 Datasheet
445Kb / 7P
   Low-Voltage Ref/Amplifier SOT23-5 and SC70-5 Package
AQ120 ACUTECH-AQ120 Datasheet
449Kb / 7P
   Battery Charger Controller SOT23-5 and SC70-5 Package
logo
Guangdong Youtai Semico...
SN74LVC1G02 UMW-SN74LVC1G02 Datasheet
675Kb / 9P
   Tiny SC70-5 /SOT23-5 /DFN6(1.5mm*1.0mm) Packages
SN74LVC1G34 UMW-SN74LVC1G34 Datasheet
1Mb / 9P
   Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
SN74LVC1G07 UMW-SN74LVC1G07 Datasheet
1Mb / 9P
   Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
logo
Maxim Integrated Produc...
MAX4465EXK MAXIM-MAX4465EXK Datasheet
282Kb / 12P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers
Rev 2; 6/12
logo
Acutechnology Semicondu...
AQ105 ACUTECH-AQ105 Datasheet
428Kb / 5P
   Secondary V/I amplifier SOT23-5 and SC70-5 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com