Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXCL5213V28H5 Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZXCL5213V28H5
Description  MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCL5213V28H5 Datasheet(HTML) 6 Page - Zetex Semiconductors

Back Button ZXCL5213V28H5 Datasheet HTML 2Page - Zetex Semiconductors ZXCL5213V28H5 Datasheet HTML 3Page - Zetex Semiconductors ZXCL5213V28H5 Datasheet HTML 4Page - Zetex Semiconductors ZXCL5213V28H5 Datasheet HTML 5Page - Zetex Semiconductors ZXCL5213V28H5 Datasheet HTML 6Page - Zetex Semiconductors ZXCL5213V28H5 Datasheet HTML 7Page - Zetex Semiconductors ZXCL5213V28H5 Datasheet HTML 8Page - Zetex Semiconductors ZXCL5213V28H5 Datasheet HTML 9Page - Zetex Semiconductors ZXCL5213V28H5 Datasheet HTML 10Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
PIN DESCRIPTION
ZXCL Series
ISSUE 7 - AUGUST 2002
6
Pin Name
Pin Function
VIN
Supply Voltage
GND
Ground
EN
Active HIGH Enable input. TTL/CMOS logic compatible.
Connect to VIN or logic high for normal operation
N/C
No Connection
VO
Regulator Output
SC70-5
Package Suffix – H5
Top View
SOT23-5
Package Suffix – E5
Top View
GND
EN
N/C
VIN
VO
1
2
3
4
5
GND
EN
N/C
VIN
VO
1
2
3
4
5
SC70-5
Package Suffix –H5
Top View
G ND
EN
N /C
VIN
VO
1
2
3
4
5
ZXCLxxx
ZXCL5213Vxx
ZXCLxxx
CONNECTION DIAGRAMS
SCHEMATIC DIAGRAM


Similar Part No. - ZXCL5213V28H5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXCL5213V28H5TA DIODES-ZXCL5213V28H5TA Datasheet
427Kb / 14P
   Micropower SC70-5 & SOT23-5 low dropout regulators
More results

Similar Description - ZXCL5213V28H5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXCL DIODES-ZXCL Datasheet
427Kb / 14P
   Micropower SC70-5 & SOT23-5 low dropout regulators
logo
Zetex Semiconductors
ZXCL250 ZETEX-ZXCL250 Datasheet
374Kb / 11P
   ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
logo
Guangdong Youtai Semico...
SN74LVC1G32 UMW-SN74LVC1G32 Datasheet
565Kb / 8P
   Tiny SC70-5 /SOT23-5 Packages
logo
Acutechnology Semicondu...
AQ102 ACUTECH-AQ102 Datasheet
445Kb / 7P
   Low-Voltage Ref/Amplifier SOT23-5 and SC70-5 Package
AQ120 ACUTECH-AQ120 Datasheet
449Kb / 7P
   Battery Charger Controller SOT23-5 and SC70-5 Package
logo
Guangdong Youtai Semico...
SN74LVC1G02 UMW-SN74LVC1G02 Datasheet
675Kb / 9P
   Tiny SC70-5 /SOT23-5 /DFN6(1.5mm*1.0mm) Packages
SN74LVC1G34 UMW-SN74LVC1G34 Datasheet
1Mb / 9P
   Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
SN74LVC1G07 UMW-SN74LVC1G07 Datasheet
1Mb / 9P
   Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
logo
Maxim Integrated Produc...
MAX4465EXK MAXIM-MAX4465EXK Datasheet
282Kb / 12P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers
Rev 2; 6/12
logo
Acutechnology Semicondu...
AQ105 ACUTECH-AQ105 Datasheet
428Kb / 5P
   Secondary V/I amplifier SOT23-5 and SC70-5 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com