Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD24AN06LA0 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FDD24AN06LA0
Description  N CHANNEL LOGIC LEVEL POWER TRENCH MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD24AN06LA0 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FDD24AN06LA0 Datasheet HTML 3Page - Fairchild Semiconductor FDD24AN06LA0 Datasheet HTML 4Page - Fairchild Semiconductor FDD24AN06LA0 Datasheet HTML 5Page - Fairchild Semiconductor FDD24AN06LA0 Datasheet HTML 6Page - Fairchild Semiconductor FDD24AN06LA0 Datasheet HTML 7Page - Fairchild Semiconductor FDD24AN06LA0 Datasheet HTML 8Page - Fairchild Semiconductor FDD24AN06LA0 Datasheet HTML 9Page - Fairchild Semiconductor FDD24AN06LA0 Datasheet HTML 10Page - Fairchild Semiconductor FDD24AN06LA0 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
©2004 Fairchild Semiconductor Corporation
FDD24AN06LA0 Rev. A1
SABER Electrical Model
rev January 2004
template FDD24AN06LA0 n2,n1,n3 = m_temp
number m_temp=25
electrical n2,n1,n3
{
var i iscl
dp..model dbodymod = (isl=9.3e-12,rs=2.7e-3,ikf=0.9,trs1=1.5e-3,trs2=2e-7,cjo=6.2e-10,m=0.57,tt=1.2e-8,xti=1.2)
dp..model dbreakmod = (rs=1.1,trs1=2.4e-3,trs2=-2e-5)
dp..model dplcapmod = (cjo=4.9e-10,isl=10e-30,nl=10,m=0.58)
m..model mmedmod = (type=_n,vto=1.7,kp=2.2,is=1e-30, tox=1)
m..model mstrongmod = (type=_n,vto=2.04,kp=69,is=1e-30, tox=1)
m..model mweakmod = (type=_n,vto=1.45,kp=0.05,is=1e-30, tox=1,rs=0.1)
sw_vcsp..model s1amod = (ron=1e-5,roff=0.1,von=-6.0,voff=-3.0)
sw_vcsp..model s1bmod = (ron=1e-5,roff=0.1,von=-3.0,voff=-6.0)
sw_vcsp..model s2amod = (ron=1e-5,roff=0.1,von=-0.4,voff=0.3)
sw_vcsp..model s2bmod = (ron=1e-5,roff=0.1,von=0.3,voff=-0.4)
c.ca n12 n8 = 4.7e-10
c.cb n15 n14 = 8.7e-10
c.cin n6 n8 = 1.75e-9
dp.dbody n7 n5 = model=dbodymod
dp.dbreak n5 n11 = model=dbreakmod
dp.dplcap n10 n5 = model=dplcapmod
spe.ebreak n11 n7 n17 n18 = 64.8
spe.eds n14 n8 n5 n8 = 1
spe.egs n13 n8 n6 n8 = 1
spe.esg n6 n10 n6 n8 = 1
spe.evthres n6 n21 n19 n8 = 1
spe.evtemp n20 n6 n18 n22 = 1
i.it n8 n17 = 1
l.lgate n1 n9 = 3.35e-9
l.ldrain n2 n5 = 1.0e-9
l.lsource n3 n7 = 2.46e-9
res.rlgate n1 n9 = 33.5
res.rldrain n2 n5 = 10
res.rlsource n3 n7 = 24.6
m.mmed n16 n6 n8 n8 = model=mmedmod, temp=m_temp, l=1u, w=1u
m.mstrong n16 n6 n8 n8 = model=mstrongmod, temp=m_temp, l=1u, w=1u
m.mweak n16 n21 n8 n8 = model=mweakmod, temp=m_temp, l=1u, w=1u
res.rbreak n17 n18 = 1, tc1=8.0e-4,tc2=-8.3e-7
res.rdrain n50 n16 = 3.8e-3, tc1=1.0e-2,tc2=3.7e-5
res.rgate n9 n20 = 3.42
res.rslc1 n5 n51 = 1e-6, tc1=4.5e-3,tc2=6.5e-6
res.rslc2 n5 n50 = 1e3
res.rsource n8 n7 = 8e-3, tc1=8e-3,tc2=1e-6
res.rvthres n22 n8 = 1, tc1=-2.9e-3,tc2=-9.0e-6
res.rvtemp n18 n19 = 1, tc1=-2.0e-3,tc2=1e-8
sw_vcsp.s1a n6 n12 n13 n8 = model=s1amod
sw_vcsp.s1b n13 n12 n13 n8 = model=s1bmod
sw_vcsp.s2a n6 n15 n14 n13 = model=s2amod
sw_vcsp.s2b n13 n15 n14 n13 = model=s2bmod
v.vbat n22 n19 = dc=1
equations {
i (n51->n50) +=iscl
iscl: v(n51,n50) = ((v(n5,n51)/(1e-9+abs(v(n5,n51))))*((abs(v(n5,n51)*1e6/150))** 2.5))
}
}
18
22
+
-
6
8
+
-
19
8
+
-
17
18
6
8
+
-
5
8
+
-
RBREAK
RVTEMP
VBAT
RVTHRES
IT
17
18
19
22
12
13
15
S1A
S1B
S2A
S2B
CA
CB
EGS
EDS
14
8
13
8
14
13
MWEAK
EBREAK
DBODY
RSOURCE
SOURCE
11
7
3
LSOURCE
RLSOURCE
CIN
RDRAIN
EVTHRES
16
21
8
MMED
MSTRO
DRAIN
2
LDRAIN
RLDRAIN
DBREAK
DPLCAP
ISCL
RSLC1
10
5
51
50
RSLC2
1
GATE
RGATE
EVTEMP
9
ESG
LGATE
RLGATE
20
+
-
+
-
+
-
6


Similar Part No. - FDD24AN06LA0

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD24AN06LA0 FAIRCHILD-FDD24AN06LA0_11 Datasheet
861Kb / 8P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 36A, 24m廓
More results

Similar Description - FDD24AN06LA0

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC6296 FAIRCHILD-FDMC6296 Datasheet
274Kb / 7P
   Single N-Channel Logic-Level Power Trench MOSFET
logo
List of Unclassifed Man...
CMT60N03 ETC-CMT60N03 Datasheet
307Kb / 8P
   N CHANNEL LOGIC LEVEL POWER MOSFET
CMT70N03 ETC1-CMT70N03 Datasheet
208Kb / 4P
   N CHANNEL LOGIC LEVEL POWER MOSFET
CMT60N06 ETC-CMT60N06 Datasheet
277Kb / 8P
   N-CHANNEL Logic Level POWER MOSFET
logo
Champion Microelectroni...
CMT60N03G CHAMP-CMT60N03G Datasheet
219Kb / 5P
   N-CHANNEL Logic Level Power MOSFET
CMT60N06G CHAMP-CMT60N06G Datasheet
478Kb / 7P
   N-CHANNEL Logic Level Power MOSFET
logo
Fairchild Semiconductor
RFD3055LESM9A FAIRCHILD-RFD3055LESM9A Datasheet
1Mb / 8P
   N-Channel Logic Level Power MOSFET
FDM606P FAIRCHILD-FDM606P Datasheet
146Kb / 6P
   P-Channel 1.8V Logic Level Power Trench MOSFET
FDD6632 FAIRCHILD-FDD6632_04 Datasheet
267Kb / 11P
   N-Channel Logic Level UltraFET짰 Trench Power MOSFET 30V, 9A, 70m?
FDD6632 FAIRCHILD-FDD6632 Datasheet
241Kb / 11P
   N-Channel Logic Level UltraFET Trench Power MOSFET 30V, 9A, 90m?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com