Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICSSSTVF16859 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICSSSTVF16859
Description  DDR 13-Bit to 26-Bit Registered Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICSSSTVF16859 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICSSSTVF16859 Datasheet HTML 2Page - Integrated Circuit Systems ICSSSTVF16859 Datasheet HTML 3Page - Integrated Circuit Systems ICSSSTVF16859 Datasheet HTML 4Page - Integrated Circuit Systems ICSSSTVF16859 Datasheet HTML 5Page - Integrated Circuit Systems ICSSSTVF16859 Datasheet HTML 6Page - Integrated Circuit Systems ICSSSTVF16859 Datasheet HTML 7Page - Integrated Circuit Systems ICSSSTVF16859 Datasheet HTML 8Page - Integrated Circuit Systems ICSSSTVF16859 Datasheet HTML 9Page - Integrated Circuit Systems ICSSSTVF16859 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
ICSSSTVF16859
Advance Information
0776—03/18/03
Ordering Information
ICSSSTVF16859yG-T
Designation for tape and reel packaging
Pattern Number (2 or 3 digit number for parts with ROM code patterns)
Package Type
G = TSSOP
Revision Designator (will not correlate with datasheet revision)
Device Type (consists of 3 or 4 digit numbers)
Prefix
ICS, AV = Standard Device
Example:
ICS XXXX y G - PPP - T
INDEX
AREA
INDEX
AREA
12
1 2
N
D
E1
E
a
SEATING
PLANE
SEATING
PLANE
A1
A
A2
e
-C-
- C -
b
c
L
aaa C
6.10 mm. Body, 0.50 mm. pitch TSSOP
(240 mil)
(0.020 mil)
MIN
MAX
MIN
MAX
A
--
1.20
--
.047
A1
0.05
0.15
.002
.006
A2
0.80
1.05
.032
.041
b
0.17
0.27
.007
.011
c
0.09
0.20
.0035
.008
D
E
E1
6.00
6.20
.236
.244
e
L
0.45
0.75
.018
.030
N
α
aaa
--
0.10
--
.004
VARIATIONS
MIN
MAX
MIN
MAX
64
16.90
17.10
.665
.673
10-0039
SYMBOL
In Millimeters
In Inches
COMMON DIMENSIONS COMMON DIMENSIONS
SEE VARIATIONS
SEE VARIATIONS
8.10 BASIC
0.319 BASIC
0.50 BASIC
0.020 BASIC
SEE VARIATIONS
SEE VARIATIONS
N
D mm.
D (inch)
Ref erence Doc.: JEDEC Publicat ion 95, M O-153


Similar Part No. - ICSSSTVF16859

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICSSSTVF16859B IDT-ICSSSTVF16859B Datasheet
114Kb / 10P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Renesas Technology Corp
ICSSSTVF16859B RENESAS-ICSSSTVF16859B Datasheet
349Kb / 11P
   DDR 13-Bit to 26-Bit Registered Buffer
2019
ICSSSTVF16859YGLF-T RENESAS-ICSSSTVF16859YGLF-T Datasheet
349Kb / 11P
   DDR 13-Bit to 26-Bit Registered Buffer
2019
More results

Similar Description - ICSSSTVF16859

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICSSSTVA16859B ICST-ICSSSTVA16859B Datasheet
130Kb / 11P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Integrated Device Techn...
ICSSSTVA16859C IDT-ICSSSTVA16859C Datasheet
293Kb / 10P
   DDR 13-Bit to 26-Bit Registered Buffer
ICSSSTVF16859B IDT-ICSSSTVF16859B Datasheet
114Kb / 10P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Alliance Semiconductor ...
ASM4SSTVF16859 ALSC-ASM4SSTVF16859 Datasheet
162Kb / 16P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Integrated Circuit Syst...
ICSSSTV16859 ICST-ICSSSTV16859 Datasheet
233Kb / 8P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Renesas Technology Corp
ICSSSTVF16859B RENESAS-ICSSSTVF16859B Datasheet
349Kb / 11P
   DDR 13-Bit to 26-Bit Registered Buffer
2019
logo
Integrated Circuit Syst...
ICS16859C ICST-ICS16859C Datasheet
95Kb / 8P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Alliance Semiconductor ...
AS80SSTVF16859 ALSC-AS80SSTVF16859 Datasheet
122Kb / 13P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Integrated Circuit Syst...
ICS16859 ICST-ICS16859 Datasheet
97Kb / 8P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Renesas Technology Corp
ICSSSTVA16859C RENESAS-ICSSSTVA16859C Datasheet
530Kb / 11P
   DDR 13-Bit to 26-Bit Registered Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com