Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5033 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5033
Description  500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5033 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5033 Datasheet HTML 1Page - Maxim Integrated Products MAX5033 Datasheet HTML 2Page - Maxim Integrated Products MAX5033 Datasheet HTML 3Page - Maxim Integrated Products MAX5033 Datasheet HTML 4Page - Maxim Integrated Products MAX5033 Datasheet HTML 5Page - Maxim Integrated Products MAX5033 Datasheet HTML 6Page - Maxim Integrated Products MAX5033 Datasheet HTML 7Page - Maxim Integrated Products MAX5033 Datasheet HTML 8Page - Maxim Integrated Products MAX5033 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
General Description
The MAX5033 easy-to-use, high-efficiency, high-voltage,
step-down DC-DC converter operates from an input volt-
age up to 76V and consumes only 270µA quiescent cur-
rent at no load. This pulse-width modulated (PWM)
converter operates at a fixed 125kHz switching frequen-
cy at heavy loads, and automatically switches to pulse-
skipping mode to provide low quiescent current and
high efficiency at light loads. The MAX5033 includes
internal frequency compensation simplifying circuit
implementation. The device uses an internal low-on-
resistance, high-voltage, DMOS transistor to obtain high
efficiency and reduce overall system cost. This device
includes undervoltage lockout, cycle-by-cycle current
limit, hiccup-mode output short-circuit protection, and
thermal shutdown.
The MAX5033 delivers up to 500mA output current.
The output current may be limited by the maximum
power dissipation capability of the package. External
shutdown is included, featuring 10µA (typ) shutdown
current. The MAX5033A/B/C versions have fixed output
voltages of 3.3V, 5V, and 12V, respectively, while the
MAX5033D features an adjustable output voltage, from
1.25V to 13.2V.
The MAX5033 is available in space-saving 8-pin SO
and 8-pin plastic DIP packages and operates over the
automotive (-40°C to +125°C) temperature range.
Applications
Automotive
Consumer Electronics
Industrial
Distributed Power
Features
o Wide 7.5V to 76V Input Voltage Range
o Fixed (3.3V, 5V, 12V) and Adjustable (1.25V to
13.2V) Voltage Versions
o 500mA Output Current
o Efficiency Up to 94%
o Internal 0.4Ω High-Side DMOS FET
o 270µA Quiescent Current at No Load, 10µA
Shutdown Current
o Internal Frequency Compensation
o Fixed 125kHz Switching Frequency
o Thermal Shutdown and Short-Circuit Current Limit
o 8-Pin SO and PDIP Packages
500mA, 76V, High-Efficiency, MAXPower
Step-Down DC-DC Converter
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-2979; Rev 2; 5/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-
PACKAGE
OUTPUT
VOLTAGE
(V)
MAX5033AUSA
0
°C to +85°C
8 SO
MAX5033AUPA
0
°C to +85°C
8 PDIP
MAX5033AASA
-40
°C to +125°C 8 SO
3.3
MAX5033BUSA
0
°C to +85°C
8 SO
MAX5033BUPA
0
°C to +85°C
8 PDIP
MAX5033BASA
-40
°C to +125°C 8 SO
5.0
MAX5033CUSA
0
°C to +85°C
8 SO
MAX5033CUPA
0
°C to +85°C
8 PDIP
MAX5033CASA
-40
°C to +125°C 8 SO
12
MAX5033DUSA
0
°C to +85°C
8 SO
MAX5033DUPA
0
°C to +85°C
8 PDIP
MAX5033DASA
-40
°C to +125°C 8 SO
ADJ
1
2
3
4
BST
VD
SGND
FB
8
7
6
5
LX
VIN
GND
ON/OFF
MAX5033
SO/PDIP
Pin Configuration
MAX5033
GND
BST
LX
VIN
SGND
FB
D1
50SQ100
VD
220
µH
VOUT
5V, 0.5A
VIN
7.5V TO 76V
47
µF
0.1
µF
0.1
µF
33
µF
ON
OFF
R1
R2
ON/OFF
Typical Operating Circuit


Similar Part No. - MAX5033

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5033 MAXIM-MAX5033 Datasheet
1Mb / 17P
   500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
2014
MAX5033AASA MAXIM-MAX5033AASA Datasheet
1Mb / 17P
   500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
2014
MAX5033AUPA MAXIM-MAX5033AUPA Datasheet
1Mb / 17P
   500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
2014
MAX5033AUSA MAXIM-MAX5033AUSA Datasheet
1Mb / 17P
   500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
2014
MAX5033BASA MAXIM-MAX5033BASA Datasheet
1Mb / 17P
   500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
2014
More results

Similar Description - MAX5033

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5033 MAXIM-MAX5033_V01 Datasheet
1Mb / 17P
   500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
2014
MAX5035 MAXIM-MAX5035 Datasheet
382Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 0; 9/03
MAX5035 MAXIM-MAX5035_11 Datasheet
288Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 5; 5/11
MAX5035 MAXIM-MAX5035_09 Datasheet
304Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 3; 5/09
MAX5090CATE-T MAXIM-MAX5090CATE-T Datasheet
664Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090A MAXIM-MAX5090A Datasheet
658Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090A MAXIM-MAX5090A_V01 Datasheet
2Mb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
2014
logo
Linear Technology
LTC3630A LINER-LTC3630A_15 Datasheet
344Kb / 26P
   High Efficiency, 76V 500mA Synchronous Step-Down Converter
LTC3630A LINER-LTC3630A Datasheet
346Kb / 24P
   High Efficiency, 76V 500mA Synchronous Step-Down Converter
logo
Maxim Integrated Produc...
MAX17761 MAXIM-MAX17761 Datasheet
941Kb / 17P
   4.5V to 76V, 1A, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 1; 2/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com