Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6101EUR Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6101EUR
Description  PLASTIC ENCAPSULATED DEVICES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6101EUR Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6101EUR Datasheet HTML 1Page - Maxim Integrated Products MAX6101EUR Datasheet HTML 2Page - Maxim Integrated Products MAX6101EUR Datasheet HTML 3Page - Maxim Integrated Products MAX6101EUR Datasheet HTML 4Page - Maxim Integrated Products MAX6101EUR Datasheet HTML 5Page - Maxim Integrated Products MAX6101EUR Datasheet HTML 6Page - Maxim Integrated Products MAX6101EUR Datasheet HTML 7Page - Maxim Integrated Products MAX6101EUR Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
V. Quality Assurance Information
A. Quality Assurance Contacts:
Jim Pedicord (Manager, Reliability Operations)
Bryan Preeshl (Executive Director)
Kenneth Huening (Vice President)
B. Outgoing Inspection Level:
0.1% for all electrical parameters guaranteed by the Datasheet.
0.1% For all Visual Defects.
C. Observed Outgoing Defect Rate: < 50 ppm
D. Sampling Plan: Mil-Std-105D
VI. Reliability Evaluation
A. Accelerated Life Test
The results of the 135
°C biased (static) life test are shown in Table 1. Using these results, the Failure
Rate (
λ) is calculated as follows:
λ =
1
=
1.83
(Chi square value for MTTF upper limit)
MTTF
192 x 4389 x 160 x 2
Temperature Acceleration factor assuming an activation energy of 0.8eV
λ = 6.79 x 10-9
λ = 6.79 F.I.T. (60% confidence level @ 25°C)
This low failure rate represents data collected from Maxim’s reliability monitor program.
In addition to
routine production Burn-In, Maxim pulls a sample from every fabrication process three times per week and subjects
it to an extended Burn-In prior to shipment to ensure its reliability. The reliability control level for each lot to be
shipped as standard product is 59 F.I.T. at a 60% confidence level, which equates to 3 failures in an 80 piece
sample. Maxim performs failure analysis on any lot that exceeds this reliability control level. Attached Burn-In
Schematic (Spec. # 06-5630) shows the static Burn-In circuit. Maxim also performs quarterly 1000 hour life test
monitors. This data is published in the Product Reliability Report (RR-1M).
B. Moisture Resistance Tests
Maxim pulls pressure pot samples from every assembly process three times per week. Each lot sample
must meet an LTPD = 20 or less before shipment as standard product.
Additionally, the industry standard
85
°C/85%RH testing is done per generic device/package family once a quarter.
C. E.S.D. and Latch-Up Testing
The RF24-1 die type has been found to have all pins able to withstand a transient pulse of
±1000V, per Mil-
Std-883 Method 3015 (reference attached ESD Test Circuit). Latch-Up testing has shown that this device
withstands a current of
±250mA.


Similar Part No. - MAX6101EUR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6101EUR-T MAXIM-MAX6101EUR-T Datasheet
260Kb / 12P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 0; 1/00
MAX6101EUR-T MAXIM-MAX6101EUR-T Datasheet
326Kb / 14P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 3; 3/02
More results

Similar Description - MAX6101EUR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LMX321AXK MAXIM-LMX321AXK Datasheet
91Kb / 5P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 26, 2002
MAX1818EUAT MAXIM-MAX1818EUAT Datasheet
96Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A November 12, 2002
MAX4007EUT MAXIM-MAX4007EUT Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A April 28, 2003
MAX6713ZEXS MAXIM-MAX6713ZEXS Datasheet
58Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A December 17, 2001
MAX9018AEKA MAXIM-MAX9018AEKA Datasheet
94Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A September 22, 2003
MAX1546ETL MAXIM-MAX1546ETL Datasheet
123Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 8, 2003
MAX1951ESA MAXIM-MAX1951ESA Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 14, 2003
MAX8546EUB MAXIM-MAX8546EUB Datasheet
94Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A August 9, 2003
MAX6900ETT MAXIM-MAX6900ETT Datasheet
47Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 13, 2003
MAX3801UGG MAXIM-MAX3801UGG Datasheet
68Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com