Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7032 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX7032
Description  Low-Cost, Crystal-Based, Programmable, ASK/FSK Transceiver with Fractional-N PLL
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7032 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX7032 Datasheet HTML 1Page - Maxim Integrated Products MAX7032 Datasheet HTML 2Page - Maxim Integrated Products MAX7032 Datasheet HTML 3Page - Maxim Integrated Products MAX7032 Datasheet HTML 4Page - Maxim Integrated Products MAX7032 Datasheet HTML 5Page - Maxim Integrated Products MAX7032 Datasheet HTML 6Page - Maxim Integrated Products MAX7032 Datasheet HTML 7Page - Maxim Integrated Products MAX7032 Datasheet HTML 8Page - Maxim Integrated Products MAX7032 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Low-Cost, Crystal-Based, Programmable,
ASK/FSK Transceiver with Fractional-N PLL
4
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS (continued)
(Typical Application Circuit, 50
Ω system impedance, AVDD = DVDD = PAVDD = HVIN = +2.1V to +3.6V, fRF = 300MHz to 450MHz, TA =
-40°C to +125°C, unless otherwise noted. Typical values are at PAVDD = AVDD = DVDD = HVIN = +2.7V, TA = +25°C, unless otherwise
noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER AMPLIFIER
TA = +25°C (Note 4)
4.6
10.0
15.5
TA = +125°C, AVDD = DVDD = HVIN =
PAVDD = +2.1V (Note 2)
3.9
6.7
Output Power
POUT
TA = -40°C, AVDD = DVDD = HVIN =
PAVDD = +3.6V (Note 4)
13.1
15.8
dBm
Modulation Depth
82
dB
Maximum Carrier Harmonics
With output-matching network
-40
dBc
Reference Spur
-50
dBc
PHASE-LOCKED LOOP
Transmit VCO Gain
KVCO
340
MHz/V
10kHz offset, 200kHz loop BW
-68
Transmit PLL Phase Noise
1MHz offset, 200kHz loop BW
-98
dBc/Hz
Receive VCO Gain
340
MHz/V
10kHz offset, 500kHz loop BW
-80
Receive PLL Phase Noise
1MHz offset, 500kHz loop BW
-90
dBc/Hz
Transmit PLL
200
Loop Bandwidth
Receive PLL
500
kHz
Minimum Transmit Frequency
Step
fXTAL /
4096
kHz
Reference Frequency Input Level
0.5
VP-P
Programmable Divider Range
In transmit mode (Note 4)
20
27
LOW-NOISE AMPLIFIER/MIXER (Note 9)
fRF = 315MHz
1 - j4.7
LNA Input Impedance
ZINLNA
Normalized to
50
fRF = 434MHz
1 - j3.3
fRF = 315MHz
50
High-gain state
fRF = 434MHz
45
fRF = 315MHz
13
Voltage-Conversion Gain
Low-gain state
fRF = 434MHz
9
dB
High-gain state
-42
Input-Referred 3rd-Order
Intercept Point
IIP3
Low-gain state
-6
dBm
Mixer Output Impedance
330
LO Signal Feedthrough to
Antenna
-100
dBm
RSSI
Input Impedance
330
Operating Frequency
fIF
10.7
MHz
3dB Bandwidth
10
MHz


Similar Part No. - MAX7032

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7032 MAXIM-MAX7032 Datasheet
320Kb / 32P
   Low-Cost, Crystal-Based, Programmable, ASK/FSK Transceiver with Fractional-N PLL
Rev 1; 6/09
MAX7032 MAXIM-MAX7032 Datasheet
298Kb / 32P
   Low-Cost, Crystal-Based, Programmable, ASK/FSK Transceiver with Fractional-N PLL
Rev 2; 11/10
MAX7032ATJ MAXIM-MAX7032ATJ Datasheet
320Kb / 32P
   Low-Cost, Crystal-Based, Programmable, ASK/FSK Transceiver with Fractional-N PLL
Rev 1; 6/09
MAX7032ATJ++ MAXIM-MAX7032ATJ+ Datasheet
298Kb / 32P
   Low-Cost, Crystal-Based, Programmable, ASK/FSK Transceiver with Fractional-N PLL
Rev 2; 11/10
MAX7032 MAXIM-MAX7032_09 Datasheet
320Kb / 32P
   Low-Cost, Crystal-Based, Programmable, ASK/FSK Transceiver with Fractional-N PLL
Rev 1; 6/09
More results

Similar Description - MAX7032

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7032 MAXIM-MAX7032_09 Datasheet
320Kb / 32P
   Low-Cost, Crystal-Based, Programmable, ASK/FSK Transceiver with Fractional-N PLL
Rev 1; 6/09
MAX7032 MAXIM-MAX7032_10 Datasheet
298Kb / 32P
   Low-Cost, Crystal-Based, Programmable, ASK/FSK Transceiver with Fractional-N PLL
Rev 2; 11/10
MAX7031MATJ50 MAXIM-MAX7031MATJ50 Datasheet
234Kb / 20P
   FSK Transceiver with Fractional-N PLL
Rev 3; 11/10
MAX7030_V4 MAXIM-MAX7030_V4 Datasheet
281Kb / 20P
   Low-Cost, 315MHz and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 4; 6/12
MAX7030 MAXIM-MAX7030_09 Datasheet
245Kb / 20P
   Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 2; 6/09
MAX7030 MAXIM-MAX7030_10 Datasheet
243Kb / 20P
   Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 3; 11/10
MAX7031 MAXIM-MAX7031_09 Datasheet
220Kb / 20P
   Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 2; 6/09
MAX7030 MAXIM-MAX7030 Datasheet
735Kb / 20P
   Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 0; 5/05
MAX7031 MAXIM-MAX7031_10 Datasheet
234Kb / 20P
   Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 3; 11/10
MAX7031 MAXIM-MAX7031 Datasheet
651Kb / 19P
   Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 0; 5/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com