Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5033BUPA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5033BUPA
Description  500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5033BUPA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5033BUPA Datasheet HTML 5Page - Maxim Integrated Products MAX5033BUPA Datasheet HTML 6Page - Maxim Integrated Products MAX5033BUPA Datasheet HTML 7Page - Maxim Integrated Products MAX5033BUPA Datasheet HTML 8Page - Maxim Integrated Products MAX5033BUPA Datasheet HTML 9Page - Maxim Integrated Products MAX5033BUPA Datasheet HTML 10Page - Maxim Integrated Products MAX5033BUPA Datasheet HTML 11Page - Maxim Integrated Products MAX5033BUPA Datasheet HTML 12Page - Maxim Integrated Products MAX5033BUPA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
500mA, 76V, High-Efficiency, MAXPower
Step-Down DC-DC Converter
_______________________________________________________________________________________
9
Detailed Description
The MAX5033 step-down DC-DC converter operates
from a 7.5V to 76V input voltage range. A unique volt-
age-mode control scheme with voltage feed-forward
and an internal switching DMOS FET provides high effi-
ciency over a wide input voltage range. This pulse-
width modulated converter operates at a fixed 125kHz
switching frequency. The device also features automat-
ic pulse-skipping mode to provide low quiescent cur-
rent and high efficiency at light loads. Under no load,
the MAX5033 consumes only 270µA, and in shutdown
mode, consumes only 10µA. The MAX5033 also fea-
tures undervoltage lockout, hiccup-mode output short-
circuit protection, and thermal shutdown.
Shutdown Mode
Drive ON/OFF to ground to shut down the MAX5033.
Shutdown forces the internal power MOSFET off, turns
off all internal circuitry, and reduces the VIN supply cur-
rent to 10µA (typ). The ON/OFF rising threshold is
1.69V (typ). Before any operation begins, the voltage at
ON/OFF must exceed 1.69V (typ). The ON/OFF input
has 100mV hysteresis.
Undervoltage Lockout (UVLO)
Use the ON/OFF function to program the UVLO thresh-
old at the input. Connect a resistive voltage-divider
from VIN to GND with the center node to ON/OFF as
shown in Figure 1. Calculate the threshold value by
using the following formula:
The minimum recommended VUVLO(TH) is 6.5V, 7.5V,
and 13V for the output voltages of 3.3V, 5V, and 12V,
respectively. The recommended value for R2 is less
than 1M
Ω.
If the external UVLO threshold-setting divider is not used,
an internal undervoltage-lockout feature monitors the
supply voltage at VIN and allows operation to start when
VIN rises above 5.2V (typ). This feature can be used only
when VIN rise time is faster than 2ms. For slower VIN rise
time, use the resistive divider at ON/OFF.
Boost High-Side Gate Drive (BST)
Connect a flying bootstrap capacitor between LX and
BST to provide the gate-drive voltage to the high-side
n-channel DMOS switch. The capacitor is alternately
charged from the internally regulated output-voltage VD
and placed across the high-side DMOS driver. Use a
0.1µF, 16V ceramic capacitor located as close to the
device as possible.
On startup, an internal low-side switch connects LX to
ground and charges the BST capacitor to VD. Once the
BST capacitor is charged, the internal low-side switch
is turned off and the BST capacitor voltage provides
the necessary enhancement voltage to turn on the
high-side switch.
Thermal-Overload Protection
The MAX5033 features integrated thermal-overload
protection. Thermal-overload protection limits total
power dissipation in the device, and protects the
device in the event of a fault condition. When the die
temperature exceeds +160°C, an internal thermal sen-
sor signals the shutdown logic, turning off the internal
power MOSFET and allowing the IC to cool. The ther-
mal sensor turns the internal power MOSFET back on
after the IC’s die temperature cools down to +140°C,
resulting in a pulsed output under continuous thermal-
overload conditions.
Applications Information
Setting the Output Voltage
The MAX5033A/B/C have preset output voltages of 3.3V,
5.0V, and 12V, respectively. Connect FB to the preset
output voltage (see the Typical Operating Circuit).
The MAX5033D offers an adjustable output voltage. Set
the output voltage with a resistive voltage-divider con-
nected from the circuit’s output to ground (Figure 1).
Connect the center node of the divider to FB. Choose
R4 less than 15k
Ω, then calculate R3 as follows:
R
V
R
OUT
3
122
122
4
=
×
(.
)
.
V
R
R
V
UVLO TH
()
.
=+


×
1
1
2
185
MAX5033D
GND
BST
LX
VIN
SGND
FB
D1
50SQ100
VD
220
µH
VOUT
5V, 0.5A
VIN
7.5V TO 76V
47
µF
0.1
µF
0.1
µF
COUT
33
µF
R1
R2
R3
41.2k
R4
13.3k
ON/OFF
Figure 1. Adjustable Output Voltage


Similar Part No. - MAX5033BUPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5033BUPA MAXIM-MAX5033BUPA Datasheet
1Mb / 17P
   500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
2014
More results

Similar Description - MAX5033BUPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5033 MAXIM-MAX5033_V01 Datasheet
1Mb / 17P
   500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
2014
MAX5035 MAXIM-MAX5035 Datasheet
382Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 0; 9/03
MAX5035 MAXIM-MAX5035_11 Datasheet
288Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 5; 5/11
MAX5035 MAXIM-MAX5035_09 Datasheet
304Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 3; 5/09
MAX5090CATE-T MAXIM-MAX5090CATE-T Datasheet
664Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090A MAXIM-MAX5090A Datasheet
658Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090A MAXIM-MAX5090A_V01 Datasheet
2Mb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
2014
logo
Linear Technology
LTC3630A LINER-LTC3630A_15 Datasheet
344Kb / 26P
   High Efficiency, 76V 500mA Synchronous Step-Down Converter
LTC3630A LINER-LTC3630A Datasheet
346Kb / 24P
   High Efficiency, 76V 500mA Synchronous Step-Down Converter
logo
Maxim Integrated Produc...
MAX17761 MAXIM-MAX17761 Datasheet
941Kb / 17P
   4.5V to 76V, 1A, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 1; 2/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com