Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1186K5LA Datasheet(PDF) 7 Page - Anachip Corp

Part # AP1186K5LA
Description  1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1186K5LA Datasheet(HTML) 7 Page - Anachip Corp

  AP1186K5LA Datasheet HTML 1Page - Anachip Corp AP1186K5LA Datasheet HTML 2Page - Anachip Corp AP1186K5LA Datasheet HTML 3Page - Anachip Corp AP1186K5LA Datasheet HTML 4Page - Anachip Corp AP1186K5LA Datasheet HTML 5Page - Anachip Corp AP1186K5LA Datasheet HTML 6Page - Anachip Corp AP1186K5LA Datasheet HTML 7Page - Anachip Corp AP1186K5LA Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
AP1186
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Sep.7, 2004
7/8
Package Information
(1)Package Type : TO220-5L
E
b
e1
A
J1
F
C
ΦP
e
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
4.07
4.45
4.82
0.160
0.175
0.190
b
0.76
0.89
1.02
0.030
0.035
0.040
C
0.36
0.50
0.64
0.014
0.020
0.025
D
14.22
14.86
15.50
0.560
0.585
0.610
E
9.78
10.16
10.54
0.385
0.400
0.415
e
1.57
1.71
1.85
0.062
0.067
0.073
e1
6.68
6.81
6.93
0.263
0.268
0.273
F
1.14
1.27
1.40
0.045
0.050
0.055
H1
5.46
6.16
6.86
0.215
0.243
0.270
J1
2.29
2.74
3.18
0.090
0.108
0.125
L
13.21
13.97
14.73
0.520
0.550
0.580
Øp
3.68
3.81
3.94
0.145
0.150
0.155
Q
2.54
2.73
2.92
0.100
0.107
0.115


Similar Part No. - AP1186K5LA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1186K5 DIODES-AP1186K5 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
AP1186K5-15L-13 DIODES-AP1186K5-15L-13 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
AP1186K5-15L-U DIODES-AP1186K5-15L-U Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
AP1186K5-18L-13 DIODES-AP1186K5-18L-13 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
AP1186K5-18L-U DIODES-AP1186K5-18L-U Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
More results

Similar Description - AP1186K5LA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1186 DIODES-AP1186 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
logo
E-Tech Electronics LTD
G5E1286 ETL-G5E1286 Datasheet
301Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Advanced Power Electron...
APE1186 A-POWER-APE1186 Datasheet
478Kb / 9P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
GTM CORPORATION
G5E1286 GTM-G5E1286 Datasheet
299Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1086 DIODES-AP1086 Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
logo
GTM CORPORATION
GE1086 GTM-GE1086 Datasheet
265Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1086 ANACHIP-AP1086 Datasheet
207Kb / 9P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1086 GTM-GJ1086 Datasheet
270Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1086 GTM-GU1086 Datasheet
302Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1086 A-POWER-APE1086 Datasheet
279Kb / 6P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com