Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS41LV16256-60T Datasheet(PDF) 1 Page - Integrated Circuit Solution Inc

Part # IS41LV16256-60T
Description  256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS41LV16256-60T Datasheet(HTML) 1 Page - Integrated Circuit Solution Inc

  IS41LV16256-60T Datasheet HTML 1Page - Integrated Circuit Solution Inc IS41LV16256-60T Datasheet HTML 2Page - Integrated Circuit Solution Inc IS41LV16256-60T Datasheet HTML 3Page - Integrated Circuit Solution Inc IS41LV16256-60T Datasheet HTML 4Page - Integrated Circuit Solution Inc IS41LV16256-60T Datasheet HTML 5Page - Integrated Circuit Solution Inc IS41LV16256-60T Datasheet HTML 6Page - Integrated Circuit Solution Inc IS41LV16256-60T Datasheet HTML 7Page - Integrated Circuit Solution Inc IS41LV16256-60T Datasheet HTML 8Page - Integrated Circuit Solution Inc IS41LV16256-60T Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
IS41C16256
IS41LV16256
Integrated Circuit Solution Inc.
1
DR001-0E 01/25/2002
ICSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any errors
which may appear in this publication. © Copyright 2000, Integrated Circuit Solution Inc.
FEATURES
• Extended Data-Out (EDO) Page Mode access cycle
• TTL compatible inputs and outputs; tristate I/O
• Refresh Interval: 512 cycles /8 ms
• Refresh Mode:
RAS-Only, CAS-before-RAS (CBR),
Hidden
• Single power supply:
5V
± 10% (IS41C16256)
3.3V
± 10% (IS41LV16256)
• Byte Write and Byte Read operation via two
CAS
• Industrial Temperature Range -40oC to 85oC
DESCRIPTION
The
ICSI IS41C16256 and IS41LV16256 is a 262,144 x 16-
bit high-performance CMOS Dynamic Random Access Memo-
ries. The IS41C16256 offer an accelerated cycle access
called EDO Page Mode. EDO Page Mode allows 512 random
accesses within a single row with access cycle time as short
as 10 ns per 16-bit word. The Byte Write control, of upper and
lower byte, makes the IS41C16256 ideal for use in
16-, 32-bit wide data bus systems.
These features make the IS41C16256and IS41LV16256 ideally
suited for high-bandwidth graphics, digital signal processing,
high-performance computing systems, and peripheral
applications.
The IS41C16256 is packaged in a 40-pin 400mil SOJ and
400mil TSOP-2.
256K x 16 (4-MBIT) DYNAMIC RAM
WITH EDO PAGE MODE
KEY TIMING PARAMETERS
Parameter
-25(5V)
-35
-50
-60
Unit
Max.
RAS Access Time (tRAC)
25355060
ns
Max.
CAS Access Time (tCAC)
10101415
ns
Max. Column Address Access Time (tAA)
12182530
ns
Min. EDO Page Mode Cycle Time (tPC)
10122025
ns
Min. Read/Write Cycle Time (tRC)
456090
110
ns
40-Pin SOJ
PIN CONFIGURATIONS
40-Pin TSOP-2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
VCC
I/O0
I/O1
I/O2
I/O3
VCC
I/O4
I/O5
I/O6
I/O7
NC
NC
WE
RAS
NC
A0
A1
A2
A3
VCC
GND
I/O15
I/O14
I/O13
I/O12
GND
I/O11
I/O10
I/O9
I/O8
NC
LCAS
UCAS
OE
A8
A7
A6
A5
A4
GND
PIN DESCRIPTIONS
A0-A8
Address Inputs
I/O0-15
Data Inputs/Outputs
WE
Write Enable
OE
Output Enable
RAS
Row Address Strobe
UCAS
Upper Column Address Strobe
LCAS
Lower Column Address Strobe
Vcc
Power
GND
Ground
NC
No Connection
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
VCC
I/O0
I/O1
I/O2
I/O3
VCC
I/O4
I/O5
I/O6
I/O7
NC
NC
WE
RAS
NC
A0
A1
A2
A3
VCC
GND
I/O15
I/O14
I/O13
I/O12
GND
I/O11
I/O10
I/O9
I/O8
NC
LCAS
UCAS
OE
A8
A7
A6
A5
A4
GND


Similar Part No. - IS41LV16256-60T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41LV16256-60T ISSI-IS41LV16256-60T Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16256-60TI ISSI-IS41LV16256-60TI Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IS41LV16256-60T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41LV16256B ISSI-IS41LV16256B Datasheet
145Kb / 22P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16256 ISSI-IS41C16256 Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T224162B TMT-T224162B Datasheet
143Kb / 9P
   256K x 16 DYNAMIC RAM EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41LV44002A ICSI-IC41LV44002A Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C4400X ISSI-IS41C4400X Datasheet
158Kb / 19P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A428316 AMICC-A428316 Datasheet
268Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
273Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316_15 Datasheet
265Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV44002B ISSI-IS41LV44002B Datasheet
163Kb / 21P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com