Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMR117AHVSR Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # OMR117AHVSR
Description  100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OMR117AHVSR Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  OMR117AHVSR Datasheet HTML 1Page - List of Unclassifed Manufacturers OMR117AHVSR Datasheet HTML 2Page - List of Unclassifed Manufacturers OMR117AHVSR Datasheet HTML 3Page - List of Unclassifed Manufacturers OMR117AHVSR Datasheet HTML 4Page - List of Unclassifed Manufacturers OMR117AHVSR Datasheet HTML 5Page - List of Unclassifed Manufacturers OMR117AHVSR Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MECHANICAL OUTLINES
OMR117AHVSR, OMR117AHVST, OMR117AHVNM, OMR117AHVNH
OMR117AHVNH
Non-Isolated
Pin 1
-
Input
Pin 2
-
Adjust
Pin 3
-
Output (Case)
Add “H” to part number for TO-205 Package
OMR117AHVST
Isolated/Front View
Pin 1 - Adjust
Pin 2 - Output
Pin 3 - Input
Tab
- Isolated
Add “T” to part number for
TO-257 Package
OMR117AHVNM
Pin 1 - Adjust
Pin 2 - Input
Pin 3 - Output
Add “M” to part number for
SMD (Surface Mount Package)
.430
.410
.200
.190
.038 MAX.
.005
.120 TYP.
.537
.527
.665
.645
.420
.410
.150
.140
.750
.500
.100 TYP.
.035
.025
.045
.035
.450
.140
.415
.157
.015
.140
.140
.050
.050
.037
.375
.030
MIN.
TOP VIEW
SIDE VIEW
BOTTOM VIEW
.625
12 3
1
2
3
“T” P/N DESIGNATOR
“H” P/N DESIGNATOR
TO-257AA
TO-205AF (TO-39)
SMD-1
PART NUMBER DESIGNATOR
(Example OMR117AHVSTM)
OMR
117
AHV
S
T
M
Omnirel
Device
1% Hi-Volt
Isolated
Package
Screening
Rad-Tolerant
Type
Package
Style
Level
Hermetic D2 Pac
“R” P/N DESIGNATOR
OMR117AHVSR
Isolated
Front View
Pin 1 - Adjust
Pin 2 - Output
Pin 3 - Input
Tab
- Isolated
Add “R” to part number for
D2 Pac Package
“M” P/N DESIGNATOR
OMR117
4/4/2000
11:46 AM
Page 5


Similar Part No. - OMR117AHVSR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMR1033SR ETC-OMR1033SR Datasheet
65Kb / 6P
   20 kRAD RADIATION TOLERANT 3 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATORS
logo
International Rectifier
OMR183 IRF-OMR183 Datasheet
304Kb / 8P
   30 kRad - 100kRad RADIATION TOLERANT 7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
OMR183NC IRF-OMR183NC Datasheet
304Kb / 8P
   30 kRad - 100kRad RADIATION TOLERANT 7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
OMR183NCM IRF-OMR183NCM Datasheet
304Kb / 8P
   30 kRad - 100kRad RADIATION TOLERANT 7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
OMR183NH IRF-OMR183NH Datasheet
304Kb / 8P
   30 kRad - 100kRad RADIATION TOLERANT 7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
More results

Similar Description - OMR117AHVSR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMR7805 ETC-OMR7805 Datasheet
107Kb / 8P
   300 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE FIXED VOLTAGE REGULATORS
logo
Aeroflex Circuit Techno...
VRG8660 AEROFLEX-VRG8660 Datasheet
275Kb / 6P
   Adjustable Regulator Positive Voltage Radiation Tolerant
logo
List of Unclassifed Man...
OMR7905 ETC-OMR7905 Datasheet
82Kb / 8P
   300 kRAD RADIATION TOLERANT 1.5 AMP NEGATIVE FIXED VOLTAGE REGULATORS
OMR1033SR ETC-OMR1033SR Datasheet
65Kb / 6P
   20 kRAD RADIATION TOLERANT 3 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATORS
logo
Aeroflex Circuit Techno...
VRG8684 AEROFLEX-VRG8684 Datasheet
454Kb / 6P
   Voltage Regulator, 3.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8662 AEROFLEX-VRG8662 Datasheet
280Kb / 6P
   Voltage Regulator, 1.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
logo
Sensitron
SHD526050 SENSITRON-SHD526050 Datasheet
43Kb / 2P
   POSITIVE ADJUSTABLE 1.5 AMP REGULATOR
logo
List of Unclassifed Man...
OM7620ST ETC1-OM7620ST Datasheet
37Kb / 4P
   1.5 AMP HIGH VOLTAGE POSITIVE ADJUSTABLE REGULATOR
logo
Sensitron
OM1321ST SENSITRON-OM1321ST Datasheet
70Kb / 3P
   POSITIVE ADJUSTABLE 1.5 AMP REGULATOR
logo
List of Unclassifed Man...
SHD526030 ETC2-SHD526030 Datasheet
64Kb / 3P
   POSITIVE ADJUSTABLE 1.5 AMP REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com