Electronic Components Datasheet Search |
|
NCP612SQ18T1 Datasheet(PDF) 2 Page - ON Semiconductor |
|
NCP612SQ18T1 Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 10 page NCP612, NCV612 http://onsemi.com 2 PIN FUNCTION DESCRIPTION Pin No. Pin Name Description 1 Vin Positive power supply input voltage. 2 Gnd Power supply ground. 3 Enable This input is used to place the device into low−power standby. When this input is pulled low, the device is disabled. If this function is not used, Enable should be connected to Vin. 4 N/C No internal connection. 5 Vout Regulated output voltage. MAXIMUM RATINGS Rating Symbol Value Unit Input Voltage Vin 0 to 6.0 V Enable Voltage Enable −0.3 to Vin +0.3 V Output Voltage Vout −0.3 to Vin +0.3 V Power Dissipation and Thermal Characteristics Power Dissipation Thermal Resistance, Junction−to−Ambient PD RqJA Internally Limited 300 W °C/W Operating Junction Temperature TJ +150 °C Operating Ambient Temperature TA −40 to +125 °C Storage Temperature Tstg −55 to +150 °C Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. This device series contains ESD protection and exceeds the following tests: Human Body Model 2000 V per MIL−STD−883, Method 3015 Machine Model Method 200 V 2. Latch−up capability (85 °C) "200 mA DC with trigger voltage. |
Similar Part No. - NCP612SQ18T1 |
|
Similar Description - NCP612SQ18T1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |