Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMR117AHVST Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # OMR117AHVST
Description  100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OMR117AHVST Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  OMR117AHVST Datasheet HTML 1Page - List of Unclassifed Manufacturers OMR117AHVST Datasheet HTML 2Page - List of Unclassifed Manufacturers OMR117AHVST Datasheet HTML 3Page - List of Unclassifed Manufacturers OMR117AHVST Datasheet HTML 4Page - List of Unclassifed Manufacturers OMR117AHVST Datasheet HTML 5Page - List of Unclassifed Manufacturers OMR117AHVST Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
THANK YOU FOR YOUR INTEREST IN
OMNIREL’S PRODUCTS!
205 Crawford Street, Leominster, MA 01453 USA (978) 534-5776 FAX (978) 537-4246
Visit Our Web Site at www.omnirel.com
OMR117
4/4/2000
11:46 AM
Page 6


Similar Part No. - OMR117AHVST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMR1033SR ETC-OMR1033SR Datasheet
65Kb / 6P
   20 kRAD RADIATION TOLERANT 3 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATORS
logo
International Rectifier
OMR183 IRF-OMR183 Datasheet
304Kb / 8P
   30 kRad - 100kRad RADIATION TOLERANT 7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
OMR183NC IRF-OMR183NC Datasheet
304Kb / 8P
   30 kRad - 100kRad RADIATION TOLERANT 7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
OMR183NCM IRF-OMR183NCM Datasheet
304Kb / 8P
   30 kRad - 100kRad RADIATION TOLERANT 7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
OMR183NH IRF-OMR183NH Datasheet
304Kb / 8P
   30 kRad - 100kRad RADIATION TOLERANT 7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
More results

Similar Description - OMR117AHVST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMR7805 ETC-OMR7805 Datasheet
107Kb / 8P
   300 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE FIXED VOLTAGE REGULATORS
logo
Aeroflex Circuit Techno...
VRG8660 AEROFLEX-VRG8660 Datasheet
275Kb / 6P
   Adjustable Regulator Positive Voltage Radiation Tolerant
logo
List of Unclassifed Man...
OMR7905 ETC-OMR7905 Datasheet
82Kb / 8P
   300 kRAD RADIATION TOLERANT 1.5 AMP NEGATIVE FIXED VOLTAGE REGULATORS
OMR1033SR ETC-OMR1033SR Datasheet
65Kb / 6P
   20 kRAD RADIATION TOLERANT 3 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATORS
logo
Aeroflex Circuit Techno...
VRG8684 AEROFLEX-VRG8684 Datasheet
454Kb / 6P
   Voltage Regulator, 3.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8662 AEROFLEX-VRG8662 Datasheet
280Kb / 6P
   Voltage Regulator, 1.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
logo
Sensitron
SHD526050 SENSITRON-SHD526050 Datasheet
43Kb / 2P
   POSITIVE ADJUSTABLE 1.5 AMP REGULATOR
logo
List of Unclassifed Man...
OM7620ST ETC1-OM7620ST Datasheet
37Kb / 4P
   1.5 AMP HIGH VOLTAGE POSITIVE ADJUSTABLE REGULATOR
logo
Sensitron
OM1321ST SENSITRON-OM1321ST Datasheet
70Kb / 3P
   POSITIVE ADJUSTABLE 1.5 AMP REGULATOR
logo
List of Unclassifed Man...
SHD526030 ETC2-SHD526030 Datasheet
64Kb / 3P
   POSITIVE ADJUSTABLE 1.5 AMP REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com