Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7114 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SAA7114
Description  PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC comb filter, VBI data slicer and high performance scaler
Download  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7114 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SAA7114 Datasheet HTML 3Page - NXP Semiconductors SAA7114 Datasheet HTML 4Page - NXP Semiconductors SAA7114 Datasheet HTML 5Page - NXP Semiconductors SAA7114 Datasheet HTML 6Page - NXP Semiconductors SAA7114 Datasheet HTML 7Page - NXP Semiconductors SAA7114 Datasheet HTML 8Page - NXP Semiconductors SAA7114 Datasheet HTML 9Page - NXP Semiconductors SAA7114 Datasheet HTML 10Page - NXP Semiconductors SAA7114 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 147 page
background image
2004 Mar 03
7
Philips Semiconductors
Product specification
PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC
comb filter, VBI data slicer and high performance scaler
SAA7114
7
PINNING
SYMBOL
PIN
TYPE(1)
DESCRIPTION
LQFP100
BGA156
VDDD(EP1)
1
L7
P
external digital pad supply voltage 1 (+3.3 V)
TDO
2
N5
O
test data output for boundary scan test; note 2
TDI
3
N6
I/pu
test data input for boundary scan test; note 2
XTOUT
4
P4
O
crystal oscillator output signal; auxiliary signal
VSS(XTAL)
5
P5
P
ground for crystal oscillator
XTALO
6
P3
O
24.576 MHz (32.11 MHz) crystal oscillator output; not connected if TTL
clock input of XTALI is used
XTALI
7
P2
I
input terminal for 24.576 MHz (32.11 MHz) crystal oscillator or
connection of external oscillator with TTL compatible square wave
clock signal
VDD(XTAL)
8
L8
P
supply voltage for crystal oscillator
VSSA2
9
M7, N7
P
ground for analog inputs AI2n
AI24
10
P6
I
analog input 24
VDDA2
11
M8
P
analog supply voltage for analog inputs AI2n (+3.3 V)
AI23
12
P7
I
analog input 23
AI2D
13
P8
I
differential input for ADC channel 2 (pins AI24, AI23, AI22 and AI21)
AI22
14
P9
I
analog input 22
VSSA1
15
N8, N9
P
ground for analog inputs AI1n
AI21
16
P10
I
analog input 21
VDDA1
17
P
analog supply voltage for analog inputs AI1n (+3.3 V)
AI12
18
P11
I
analog input 12
AI1D
19
P12
I
differential input for ADC channel 1 (pins AI12 and AI11)
AI11
20
P13
I
analog input 11
AGND
21
N10
P
analog ground connection
AOUT
22
M10
O
do not connect; analog test output
VDDA0
23
N11
P
analog supply voltage (+3.3 V) for internal Clock Generation Circuit
(CGC)
VSSA0
24
N12, N13
P
ground for internal clock generation circuit
VDDD(EP2)
25
L9
P
external digital pad supply voltage 2 (+3.3 V)
VSSD(EP1)
26
M13
P
external digital pad supply ground 1
CE
27
N14
I/pu
chip enable or reset input (with internal pull-up)
LLC
28
M14
O
line-locked system clock output (27 MHz nominal)
LLC2
29
L14
O
line-locked 1
2 clock output (13.5 MHz nominal)
RES
30
M12
O
reset output (active LOW)
SCL
31
M11
I(/O)
serial clock input (I2C-bus) with inactive output path
SDA
32
L12
I/O
serial data input/output (I2C-bus)
VDDD(ICO1)
33
L11
P
internal digital core supply voltage 1 (+3.3 V)
RTS0
34
K13
O
real-time status or sync information, controlled by subaddresses
11H and 12H; see Section 15.2.18, 15.2.19 and 15.2.20
RTS1
35
L10
O


Similar Part No. - SAA7114

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7114 PHILIPS-SAA7114 Datasheet
548Kb / 140P
   PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC combfilter, VBI-data slicer and high performance scaler
2000 Mar 15
SAA7114H PHILIPS-SAA7114H Datasheet
548Kb / 140P
   PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC combfilter, VBI-data slicer and high performance scaler
2000 Mar 15
More results

Similar Description - SAA7114

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7114H PHILIPS-SAA7114H Datasheet
548Kb / 140P
   PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC combfilter, VBI-data slicer and high performance scaler
2000 Mar 15
SAA7115 PHILIPS-SAA7115 Datasheet
732Kb / 214P
   PAL/NTSC/SECAM Video Decoder with Adaptive PAL/NTSC Comb Filter, High Performance Scaler, I2C Sliced Data Readback and SQ PIXEL OUTPUT
23 Oct 2001
logo
Intersil Corporation
TW9910 INTERSIL-TW9910 Datasheet
150Kb / 3P
   Low Power NTSC/PAL/SECAM Video Decoder with VBI Slicer
logo
Renesas Technology Corp
TW9900 RENESAS-TW9900 Datasheet
160Kb / 2P
   Low Power NTSC/PAL/SECAM Video Decoder with VBI Slicer
TW9910 RENESAS-TW9910 Datasheet
160Kb / 2P
   Low Power NTSC/PAL/SECAM Video Decoder with VBI Slicer
logo
Zoran Corporation
CVD2 ZORAN-CVD2 Datasheet
225Kb / 2P
   3D Comb Filter NTSC/PAL/SECAM Video Decoder
CVD1 ZORAN-CVD1 Datasheet
222Kb / 2P
   2D Comb Filter NTSC/PAL/SECAM Video Decoder
logo
Texas Instruments
TVP5160 TI-TVP5160 Datasheet
188Kb / 2P
[Old version datasheet]   TVP5160: 3D Comb-Filter NTSC/PAL/SECAM Video Decoder
logo
Asahi Kasei Microsystem...
AK8853XQ AKM-AK8853XQ Datasheet
616Kb / 70P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VN AKM-AK8859VN Datasheet
704Kb / 72P
   NTSC/PAL/SECAM Digital Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com