Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7114E Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SAA7114E
Description  PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC comb filter, VBI data slicer and high performance scaler
Download  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7114E Datasheet(HTML) 4 Page - NXP Semiconductors

  SAA7114E Datasheet HTML 1Page - NXP Semiconductors SAA7114E Datasheet HTML 2Page - NXP Semiconductors SAA7114E Datasheet HTML 3Page - NXP Semiconductors SAA7114E Datasheet HTML 4Page - NXP Semiconductors SAA7114E Datasheet HTML 5Page - NXP Semiconductors SAA7114E Datasheet HTML 6Page - NXP Semiconductors SAA7114E Datasheet HTML 7Page - NXP Semiconductors SAA7114E Datasheet HTML 8Page - NXP Semiconductors SAA7114E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 147 page
background image
2004 Mar 03
4
Philips Semiconductors
Product specification
PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC
comb filter, VBI data slicer and high performance scaler
SAA7114
1.5
Digital I/O interfaces
• Real-time signal port (R port), inclusive continuous
line-locked reference clock and real-time status
information supporting RTC level 3.1 (refer to document
“RTC Functional Specification” for details)
• Bidirectional expansion port (X port) with half duplex
functionality (D1), 8-bit Y-CB-CR:
– Output from decoder part, real-time and unscaled
– Input to scaler part, e.g. video from MPEG decoder
(extension to 16-bit possible)
• Video image port (I port) configurable for 8-bit data
(extension to 16-bit possible) in master mode (own
clock), or slave mode (external clock), with auxiliary
timing and handshake signals
• Discontinuous data streams supported
• 32-word × 4-byte FIFO register for video output data
• 28-word × 4-byte FIFO register for decoded VBI data
output
• Scaled 4:2:2, 4:1:1, 4:2:0, 4:1:0 Y-CB-CR
output
• Scaled 8-bit luminance only and raw CVBS data output
• Sliced, decoded VBI data output.
1.6
Miscellaneous
• Power-on control
• 5 V tolerant digital inputs and I/O ports
• Software controlled power saving standby modes
supported
• Programming via serial I2C-bus, full read back ability by
an external controller, bit rate up to 400 kbits/s
• Boundary scan test circuit complies with the “IEEE Std.
1149.b1 - 1994”.
2
APPLICATIONS
• Desktop video
• Multimedia
• Digital television
• Image processing
• Video phone applications.
3
GENERAL DESCRIPTION
The SAA7114 is a video capture device for applications at
the image port of VGA controllers.
The SAA7114 is a combination of a two-channel analog
preprocessing circuit including source selection,
anti-aliasing filter and ADC, an automatic clamp and gain
control, a Clock Generation Circuit (CGC), a digital
multistandard decoder containing two-dimensional
chrominance/luminance separation by an adaptive comb
filter and a high performance scaler, including variable
horizontal and vertical up and downscaling and a
brightness, contrast and saturation control circuit.
It is a highly integrated circuit for desktop video and similar
applications. The decoder is based on the principle of
line-locked clock decoding and is able to decode the colour
of PAL, SECAM and NTSC signals into ITU 601
compatible colour component values. The SAA7114
accepts CVBS or S-video (Y/C) as analog inputs from TV
or VCR sources, including weak and distorted signals.
An expansion port (X port) for digital video (bidirectional
half duplex, D1 compatible) is also supported to connect to
MPEG or a video phone codec. At the so called image port
(I port) the SAA7114 supports 8 or 16-bit wide output data
with auxiliary reference data for interfacing to VGA
controllers.
The target application for the SAA7114 is to capture and
scale video images, to be provided as a digital video
stream through the image port of a VGA controller, for
display via the frame buffer of the VGA, or for capture to
system memory.
In parallel SAA7114 also incorporates provisions for
capturing the serially coded data in the vertical blanking
interval (VBI data). Two principal functions are available:
1. To capture raw video samples, after interpolation to
the required output data rate, via the scaler
2. A versatile data slicer (data recovery) unit.
The SAA7114 also incorporates field-locked audio clock
generation. This function ensures that there is always the
same number of audio samples associated with a field, or
a set of fields. This prevents the loss of synchronization
between video and audio during capture or playback.
The circuit is I2C-bus controlled (full write/read capability
for all programming registers, bit rate up to 400 kbits/s).


Similar Part No. - SAA7114E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7114 PHILIPS-SAA7114 Datasheet
548Kb / 140P
   PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC combfilter, VBI-data slicer and high performance scaler
2000 Mar 15
SAA7114H PHILIPS-SAA7114H Datasheet
548Kb / 140P
   PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC combfilter, VBI-data slicer and high performance scaler
2000 Mar 15
More results

Similar Description - SAA7114E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7114H PHILIPS-SAA7114H Datasheet
548Kb / 140P
   PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC combfilter, VBI-data slicer and high performance scaler
2000 Mar 15
SAA7115 PHILIPS-SAA7115 Datasheet
732Kb / 214P
   PAL/NTSC/SECAM Video Decoder with Adaptive PAL/NTSC Comb Filter, High Performance Scaler, I2C Sliced Data Readback and SQ PIXEL OUTPUT
23 Oct 2001
logo
Intersil Corporation
TW9910 INTERSIL-TW9910 Datasheet
150Kb / 3P
   Low Power NTSC/PAL/SECAM Video Decoder with VBI Slicer
logo
Renesas Technology Corp
TW9900 RENESAS-TW9900 Datasheet
160Kb / 2P
   Low Power NTSC/PAL/SECAM Video Decoder with VBI Slicer
TW9910 RENESAS-TW9910 Datasheet
160Kb / 2P
   Low Power NTSC/PAL/SECAM Video Decoder with VBI Slicer
logo
Zoran Corporation
CVD2 ZORAN-CVD2 Datasheet
225Kb / 2P
   3D Comb Filter NTSC/PAL/SECAM Video Decoder
CVD1 ZORAN-CVD1 Datasheet
222Kb / 2P
   2D Comb Filter NTSC/PAL/SECAM Video Decoder
logo
Texas Instruments
TVP5160 TI-TVP5160 Datasheet
188Kb / 2P
[Old version datasheet]   TVP5160: 3D Comb-Filter NTSC/PAL/SECAM Video Decoder
logo
Asahi Kasei Microsystem...
AK8853XQ AKM-AK8853XQ Datasheet
616Kb / 70P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VN AKM-AK8859VN Datasheet
704Kb / 72P
   NTSC/PAL/SECAM Digital Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com