Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIL740 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # SIL740
Description  SMT Power Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SIL740 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  SIL740 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG)
Tolerance of inductance
3.3~100uH 30%
I
: rated current.
L<35%, T<45
at I
Operating temperature: -20
to 105
(including self-temperature rise)
o
Test condition at 25 C: 100KHz, 0.1V
oC
oo
CC
RATED
RATED
SIL740 - 3R3
3.3
0.020
3.50
SIL740 - 5R0
5.0
0.024
2.90
SIL740 - 6R2
6.2
0.027
2.50
SIL740 - 7R4
7.4
0.031
2.30
SIL740 - 8R6
8.6
0.034
2.20
SIL740 - 100
10
0.038
2.00
SIL740 - 120
12
0.053
1.70
SIL740 - 150
15
0.057
1.60
SIL740 - 180
18
0.092
1.50
SIL740 - 220
22
0.096
1.30
SIL740 - 270
27
0.109
1.20
SIL740 - 330
33
0.124
1.10
SIL740 - 390
39
0.138
1.00
SIL740 - 470
47
0.155
0.95
SIL740 - 560
56
0.202
0.85
SIL740 - 680
68
0.234
0.75
SIL740 - 820
82
0.324
0.70
SIL740 - 101
100
0.358
0.65
L
DCR
PART NO.
(uH)
( ) MAX
(Adc)
SMT Power Inductor
SIL740 Type
Small size (6.6mm*6.6mm), low profile (4.0mm max. height) SMD type.
Magnetically shielded, suitable for high density mounting.
High energy storage and low DCR.
Provided with embossed carrier tape packing.
Ideal for power source circuits, DC-DC converter,
DC-AC inverters inductor application.
In addition to the standard versions shown here,
custom inductors are available to meet your exact requirements.
Features
7.3
1.5
4.0 Max.
2.0 0.1
7.0 Max.
7.0 Max.
7.3
36
Electrical Characteristics:
Recommended Pad
0.00
0.01
0.10
1.00
10.00
CURRENT (A)
1.00
10.00
100.00
6R2
7R4
8R7
100
120
150
180
220
270
330
390
470
560
680
820
101
5R0
3R3
Mechanical Dimension: Unit: mm
252, SAN YING ROAD, KUEISAN INDUSTRIAL ZONE, TAOYUAN SHIEN, 333, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991
http://www.deltaww.com
IRATED


Similar Part No. - SIL740

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SIL740 DELTA-SIL740 Datasheet
172Kb / 1P
   SMT Power Inductor
SIL740-100 DELTA-SIL740-100 Datasheet
172Kb / 1P
   SMT Power Inductor
SIL740-101 DELTA-SIL740-101 Datasheet
172Kb / 1P
   SMT Power Inductor
SIL740-120 DELTA-SIL740-120 Datasheet
172Kb / 1P
   SMT Power Inductor
SIL740-150 DELTA-SIL740-150 Datasheet
172Kb / 1P
   SMT Power Inductor
More results

Similar Description - SIL740

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
logo
Delta Electronics, Inc.
SIL104-1R5 DELTA-SIL104-1R5 Datasheet
83Kb / 1P
   SMT Power Inductor
SIWC1365 DELTA-SIWC1365 Datasheet
97Kb / 1P
   SMT Power Inductor
logo
List of Unclassifed Man...
SI106 ETC-SI106 Datasheet
419Kb / 1P
   SMT Power Inductor
MOS6020 ETC-MOS6020 Datasheet
84Kb / 2P
   SMT Power Inductor
logo
Delta Electronics, Inc.
HAL1345 DELTA-HAL1345 Datasheet
149Kb / 1P
   SMT Power Inductor
SIWC1350 DELTA-SIWC1350 Datasheet
96Kb / 1P
   SMT Power Inductor
SIQ1250R DELTA-SIQ1250R Datasheet
76Kb / 1P
   SMT Power Inductor
SIQ1055 DELTA-SIQ1055 Datasheet
211Kb / 1P
   SMT Power Inductor
SIQ126R DELTA-SIQ126R Datasheet
327Kb / 1P
   SMT Power Inductor
SIL530 DELTA-SIL530 Datasheet
92Kb / 1P
   SMT Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com