Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMN6A09KTC Datasheet(PDF) 7 Page - Zetex Semiconductors

Part # ZXMN6A09KTC
Description  60V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMN6A09KTC Datasheet(HTML) 7 Page - Zetex Semiconductors

  ZXMN6A09KTC Datasheet HTML 1Page - Zetex Semiconductors ZXMN6A09KTC Datasheet HTML 2Page - Zetex Semiconductors ZXMN6A09KTC Datasheet HTML 3Page - Zetex Semiconductors ZXMN6A09KTC Datasheet HTML 4Page - Zetex Semiconductors ZXMN6A09KTC Datasheet HTML 5Page - Zetex Semiconductors ZXMN6A09KTC Datasheet HTML 6Page - Zetex Semiconductors ZXMN6A09KTC Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
ZXMN6A09K
SEMICO NDUC TORS
ISSUE 3 - JANUARY 2004
7
Corporate Headquaters
Zetex plc
Fields New Road
Chadderton
Oldham, OL9 8NP
United Kingdom
Telephone (44) 161 622 4444
Fax: (44) 161 622 4446
hq@zetex.com
Regional sales offices
Europe
Zetex GmbH
Streitfeldstraße 19
D-81673 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Hwy
Hauppauge, NY 11788
USA
Telephone: (1) 631 360 2222
Fax: (1) 631 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia) Ltd
3701-04 Metroplaza Tower 1
Hing Fong Road, Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
These offices are supported by agents and distributors in major countries world-wide.
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced
for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company
reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
For the latest product information, log on to
www.zetex.com
© Zetex plc 2003
PACKAGE OUTLINE
DIM
Millimeters
Inches
DIM
Millimeters
Inches
Min
Max
Min
Max
Min
Max
Min
Max
A
2.18
2.38
0.086
0.094
e
2.30 BSC
0.090 BSC
A1
0.127
0.005
H
9.40
10.41
0.370
0.410
b
0.635
0.89
0.025
0.035
L
1.40
1.78
0.055
0.070
b2
0.762
1.114
0.030
0.045
L1
2.74 REF
0.108 REF
b3
5.20
5.46
0.205
0.215
L2
0.051 BSC
0.020 BSC
c
0.457
0.609
0.018
0.024
L3
0.89
1.27
0.035
0.050
c2
0.457
0.584
0.018
0.023
L4
0.635
1.01
0.025
0.040
D
5.97
6.22
0.235
0.245
L5
1.14
1.52
0.045
0.060
D1
5.20
0.205
1
0
10
0
10
E
6.35
6.73
0.250
0.265
0
15
0
15
E1
4.32
0.170
PACKAGE DIMENSIONS
Controlling dimensions are in millimeters. Approximate
conversions are given in inches


Similar Part No. - ZXMN6A09KTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A09KTC ZETEX-ZXMN6A09KTC Datasheet
617Kb / 8P
   60V N-channel enhancement mode MOSFET in DPAK
logo
VBsemi Electronics Co.,...
ZXMN6A09KTC VBSEMI-ZXMN6A09KTC Datasheet
898Kb / 6P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - ZXMN6A09KTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A09K ZETEX-ZXMN6A09K_07 Datasheet
617Kb / 8P
   60V N-channel enhancement mode MOSFET in DPAK
ZXMN6A25K ZETEX-ZXMN6A25K Datasheet
802Kb / 8P
   60V DPAK N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN6A25K DIODES-ZXMN6A25K Datasheet
813Kb / 8P
   60V DPAK N-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMP6A16K ZETEX-ZXMP6A16K Datasheet
587Kb / 8P
   60V DPAK P-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMP6A16K DIODES-ZXMP6A16K Datasheet
575Kb / 8P
   60V DPAK P-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN3A04K ZETEX-ZXMN3A04K Datasheet
146Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
ZXMN10A09K ZETEX-ZXMN10A09K Datasheet
197Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
logo
Diodes Incorporated
ZXMN3A04K DIODES-ZXMN3A04K Datasheet
155Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
logo
Zetex Semiconductors
ZXMN10A25K ZETEX-ZXMN10A25K Datasheet
601Kb / 8P
   100V DPAK N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN10A25K DIODES-ZXMN10A25K Datasheet
614Kb / 8P
   100V DPAK N-channel enhancement mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com