Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT69RH051P-PX Datasheet(PDF) 8 Page - Aeroflex Circuit Technology

Part # UT69RH051P-PX
Description  Radiation-Hardened MicroController
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT69RH051P-PX Datasheet(HTML) 8 Page - Aeroflex Circuit Technology

Back Button UT69RH051P-PX Datasheet HTML 4Page - Aeroflex Circuit Technology UT69RH051P-PX Datasheet HTML 5Page - Aeroflex Circuit Technology UT69RH051P-PX Datasheet HTML 6Page - Aeroflex Circuit Technology UT69RH051P-PX Datasheet HTML 7Page - Aeroflex Circuit Technology UT69RH051P-PX Datasheet HTML 8Page - Aeroflex Circuit Technology UT69RH051P-PX Datasheet HTML 9Page - Aeroflex Circuit Technology UT69RH051P-PX Datasheet HTML 10Page - Aeroflex Circuit Technology UT69RH051P-PX Datasheet HTML 11Page - Aeroflex Circuit Technology UT69RH051P-PX Datasheet HTML 12Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
5.0 DC ELECTRICAL CHARACTERISTICS (Pre/Post-Radiation)*
VDD = 5.0V ±10%; TA = -55°C < TC < +125°C)
Notes:
* Post-radiation performance guaranteed at 25
°C per MIL-STD-883.
1. Under steady state (non-transient) conditions, IOL must be limited externally as follows:
Maximum IOL per port pin:
10mA
Maximum IOL per 8-bit port-
Port 0:
26mA
Ports 1, 2, & 3:
15mA
Maximum total IOL for all output pins:
71mA
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than the listed test conditions.
2. Capacitive loading on ports 0 and 2 may cause spurious noise pulses to be superimposed on the VOL of ALE and ports 1 and 3. The noise is due to external bus
capacitance discharging into the port 0 and port 2 pins when these pins make 1 to 0 transitions during bus operations. In applications where capacitance loading
exceeds 100 pF, the noise pulse on the ALE may exceed 0.8V. In these cases, it may be desirable to qualify ALE with a schmitt trigger or use an address latch
with a schmitt trigger strobe input.
3. Capacitive loading ports 0 and 2 cause the VOH on ALE and PSEN to drop below the VDD-0.3 specification when the address lines are stabilizing.
4. Capacitance measured for initial qualification or design changes which may affect the value.
SYMBOL
PARAMETER
CONDITION
MINIMUM
MAXIMUM
UNIT
VIL
Low-level Input Voltage
0.8
V
VIH
High-level Input Voltage
(except XTAL, RST)
2.0
V
VIH1
High-level Input Voltage
(XTAL, RST)
3.85
V
VOL
Low-level Output Voltage1
(Ports 1, 2 and 3)
IOL = 100µA
0.3
V
IOL = 1.6mA
0.45
V
IOL = 3.5mA
1.0
V
VOL1
Low-level Output Voltage1,2
(Port 0, ALE, PSEN, PROG)
IOL = 200µA
0.3
V
IOL = 3.2mA
0.45
V
IOL = 7.0mA
1.0
V
VOH
High-level Output Voltage3
(Ports 1, 2, and 3
ALE and PSEN)
IOH = -10µA
4.2
V
IOH = -30µA
3.8
V
IOH = -60µA
3.0
V
VOH1
High-level Output Voltage
(Port 0 in External Bus Mode)
IOH = -200µA
4.2
V
IOH = -3.2mA
3.8
V
IOH = -7.0mA
3.0
V
IIL
Logical 0 Input Current
(Ports 1, 2, and 3)
VIN = 0.0V
VCC = 5.5V
-50
-65
µA
IIL
Logical 0 Input Current
(XTAL 1)
VIN = 0.0V
VCC = 5.5V
-65
µA
ILI
Input Leakage Current
(Port 0)
VIN = 0.0V or VCC
VCC = 5.5V
±25
±65
µA
ILI
Input Leakage Current
(XTAL1)
VIN = 0.0V or VCC
VCC = 5.5V
±65
µA
CIO
4
Pin Capacitance
@ 1MHZ, 25
°C
15
pF
IDD
Power Supply Current:
@16MHz
@20 MHz
95
120
mA


Similar Part No. - UT69RH051P-PX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT69RH051 ETC2-UT69RH051 Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
More results

Similar Description - UT69RH051P-PX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT69RH051 ETC2-UT69RH051 Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
logo
Texas Instruments
MSP430FR5969-SP TI1-MSP430FR5969-SP_18 Datasheet
1Mb / 128P
[Old version datasheet]   Radiation Hardened Mixed-Signal Microcontroller
MSP430FR5969-SP TI1-MSP430FR5969-SP Datasheet
1Mb / 126P
[Old version datasheet]   Radiation Hardened Mixed-Signal Microcontroller
logo
Microchip Technology
SAMRH707 MICROCHIP-SAMRH707 Datasheet
11Mb / 1389P
   Radiation-Hardened 32-bit Microcontroller with Advanced Radiation-Hardened 32-bit Microcontroller with Advanced
2021
logo
Intersil Corporation
HS-RTX2010RH INTERSIL-HS-RTX2010RH Datasheet
406Kb / 36P
   Radiation Hardened Real Time Express??Microcontroller
logo
Xilinx, Inc
DS692 XILINX-DS692 Datasheet
1Mb / 41P
   Radiation-Hardened
logo
Microsemi Corporation
2N3498 MICROSEMI-2N3498_1 Datasheet
111Kb / 3P
   RADIATION HARDENED
2N2906A MICROSEMI-2N2906A_1 Datasheet
105Kb / 6P
   RADIATION HARDENED
2N3634 MICROSEMI-2N3634_1 Datasheet
233Kb / 5P
   RADIATION HARDENED
2N2221A MICROSEMI-2N2221A_1 Datasheet
144Kb / 7P
   RADIATION HARDENED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com