Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6212B302ML Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6212B302ML
Description  High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6212B302ML Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6212B302ML Datasheet HTML 1Page - Torex Semiconductor XC6212B302ML Datasheet HTML 2Page - Torex Semiconductor XC6212B302ML Datasheet HTML 3Page - Torex Semiconductor XC6212B302ML Datasheet HTML 4Page - Torex Semiconductor XC6212B302ML Datasheet HTML 5Page - Torex Semiconductor XC6212B302ML Datasheet HTML 6Page - Torex Semiconductor XC6212B302ML Datasheet HTML 7Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
XC6212 Series
High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
! PIN CONFIGURATION
! PIN ASSIGNMENT
! BLOCK DIAGRAM
! SELECTION GUIDE
The following options for the CE pin logic and internal pull-up/down are available:
Active 'High' + no pull-down resistor built-in (standard)
Active 'High' + 2.0M
Ω pull-down resistor built-in <between CE-VSS> (semi-custom)
Active 'Low' + no pull-up resistor built-in (semi-custom)
Active 'Low' + 2.0M
Ω pull-up resistor built-in <between VIN-CE> (semi-custom)
Note: *With the pull-up resistor or pull-down resistor built-in types, the supply current during operation will increase by VIN / 2.0M
Ω (TYP.).
! ORDERING INFORMATION
XC6212
123456
Output Voltage : 100mV Step
Accuracy : within
±2%
e.g.
2=2, 3=8, 4=2
⇒ 2.80V
Output Voltage : 50mV Step
Accuracy : within
±2%
e.g.
2=2, 3=8, 4=A
⇒ 2.85V
Output Voltage :
Device Orientation :
e.g. 3.0V =
2 : 3, 3 : 0
Embossed Tape : Standard Feed
Embossed Tape : Reverse Feed
PIN NUMBER
No Connection
NC
1
Integer
2 3
6
R
L
1
A
B
C
D
5
DESCRIPTION
Active 'Low', No pull-up resistor built in
(Semi-custom)
DESIGNATOR
Active 'High', Pull-down resistor built in
(Semi-custom)
Active 'High',
No pull-down resistor built in (Standard)
Active 'Low', Pull-up resistor built in
(Semi-custom)
VSS
Output
Ground
DESIGNATOR
SYMBOL
Power Input
ON / OFF Control
3
4
2
VOUT
PIN NAME
FUNCTION
SOT-25
4
5
M
VIN
CE
SOT-25 (SOT-23-5)
Package Type :
DESCRIPTION
SYMBOL
A
2
4
2
5
13
CE
NC
VIN
VSS
VOUT
SOT-25 (SOT-23-5)
(TOP VIEW)
VSS
VOUT
VIN
Current
Limiter
ON/OFF
Control
Voltage
Reference
each circuit
CE
R2
R1
Semiconductor Ltd.
2


Similar Part No. - XC6212B302ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6212B30AD TOREX-XC6212B30AD Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
More results

Similar Description - XC6212B302ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6205 TOREX-XC6205 Datasheet
205Kb / 13P
   Low ESR Cap. Compatible Output On/Off Control
XC6204_004 TOREX-XC6204_004 Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com