Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6212C30AML Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6212C30AML
Description  High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6212C30AML Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6212C30AML Datasheet HTML 1Page - Torex Semiconductor XC6212C30AML Datasheet HTML 2Page - Torex Semiconductor XC6212C30AML Datasheet HTML 3Page - Torex Semiconductor XC6212C30AML Datasheet HTML 4Page - Torex Semiconductor XC6212C30AML Datasheet HTML 5Page - Torex Semiconductor XC6212C30AML Datasheet HTML 6Page - Torex Semiconductor XC6212C30AML Datasheet HTML 7Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
XC6212 Series
High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
! DROPOUT VOLTAGE
* The input voltage 2.0V (Min.) is needed to operate the series. When the output voltage is less than 2.0V,
2.0V-VOUT(T) of dropout voltage is needed at minimum.
230
180
270
200
250
-50
70
-60
80
70
100
120
0.9
1.5
1150
-60
90
-60
90
200
-
-
70
100
-
80
120
-
200
210
220
270
240
330
220
290
240
310
400
280
380
350
80
120
240
510
550
600
80
500
2.1 ~ 2.2
-
1.8
1.9
TYP
MAX
500
1110
300
1200
TYP
MAX
E-2
Vdif 2
160
210
1100
1100
SYMBOL
5.0 ~ 6.0
2.3 ~ 2.4
2.5 ~ 2.7
2.8 ~ 2.9
3.0
4.0 ~ 4.9
3.1 ~ 3.9
E-1
100
2.0
120
150
Vdif 1
200
MIN
-
-
MIN
1100
500
200
100
-
-
-
-
-
-
-
PARAMETER
OUTPUT VOLTAGE
Semiconductor Ltd.
5


Similar Part No. - XC6212C30AML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6212C30AD TOREX-XC6212C30AD Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
More results

Similar Description - XC6212C30AML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6205 TOREX-XC6205 Datasheet
205Kb / 13P
   Low ESR Cap. Compatible Output On/Off Control
XC6204_004 TOREX-XC6204_004 Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com