Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962H9563801VYA Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # 5962H9563801VYA
Description  Radiation-Hardened MicroController
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

5962H9563801VYA Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

Back Button 5962H9563801VYA Datasheet HTML 3Page - Aeroflex Circuit Technology 5962H9563801VYA Datasheet HTML 4Page - Aeroflex Circuit Technology 5962H9563801VYA Datasheet HTML 5Page - Aeroflex Circuit Technology 5962H9563801VYA Datasheet HTML 6Page - Aeroflex Circuit Technology 5962H9563801VYA Datasheet HTML 7Page - Aeroflex Circuit Technology 5962H9563801VYA Datasheet HTML 8Page - Aeroflex Circuit Technology 5962H9563801VYA Datasheet HTML 9Page - Aeroflex Circuit Technology 5962H9563801VYA Datasheet HTML 10Page - Aeroflex Circuit Technology 5962H9563801VYA Datasheet HTML 11Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
3.0 RADIATION HARDNESS
The UT69RH051 incorporates special design and layout features
which allow operation in high-level radiation environments.
UTMC has developed special low-temperature processing
techniques designed to enhance the total-dose radiation hardness
of both the gate oxide and the field oxide while maintaining the
circuit density and reliability. For transient radiation hardness
and latchup immunity, UTMC builds all radiation-hardened
products on epitaxial wafers using an advanced twin-tub CMOS
process. In addition, UTMC pays special attention to power and
ground distribution during the design phase, minimizing dose-
rate upset caused by rail collapse.
RADIATION HARDNESS DESIGN SPECIFICATIONS 1
Note:
1. Worst case temperature TA = +125°C.
2. Adams 90% worst case environment (geosynchronous).
4.0 ABSOLUTE MAXIMUM RATINGS 1
(Referenced to VSS)
Notes:
1. Stresses outside the listed absolute maximum ratings may cause permanent damage to the device. This is a stress rating only, and functional operation of the device
at these or any other conditions beyond limits indicated in the operational sections of this specification is not recommended. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2. Test per MIL-STD-883, Method 1012.
Total Dose
1.0E6
rad(Si)
LET Threshold
20
MeV-cm2/mg
Neutron Fluence
1.0E14
n/cm2
Saturated Cross-Section (1Kx8)
1E-4
cm2/device
Single Event Upset
1.3E-7
errors/device-day2
Single Event Latchup1
LET>126
MeV-cm2/mg
SYMBOL
PARAMETER
LIMITS
UNITS
VDD
DC Supply Voltage
-0.5 to 7.0
V
VI/O
Voltage on Any Pin
-0.5 to VDD+0.3V
V
TSTG
Storage Temperature
-65 to +150
°C
PD
Maximum Power Dissipation
750
mW
TJ
Maximum Junction Temperature
175
°C
Θ
JC
Thermal Resistance, Junction-to-Case 2
10
°C/W
II
DC Input Current
±10
mA


Similar Part No. - 5962H9563801VYA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5962H9563801VQYA ETC2-5962H9563801VQYA Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
5962H9563801VQYC ETC2-5962H9563801VQYC Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
5962H9563801VQYX ETC2-5962H9563801VQYX Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
More results

Similar Description - 5962H9563801VYA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT69RH051 ETC2-UT69RH051 Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
logo
Texas Instruments
MSP430FR5969-SP TI1-MSP430FR5969-SP_18 Datasheet
1Mb / 128P
[Old version datasheet]   Radiation Hardened Mixed-Signal Microcontroller
MSP430FR5969-SP TI1-MSP430FR5969-SP Datasheet
1Mb / 126P
[Old version datasheet]   Radiation Hardened Mixed-Signal Microcontroller
logo
Microchip Technology
SAMRH707 MICROCHIP-SAMRH707 Datasheet
11Mb / 1389P
   Radiation-Hardened 32-bit Microcontroller with Advanced Radiation-Hardened 32-bit Microcontroller with Advanced
2021
logo
Intersil Corporation
HS-RTX2010RH INTERSIL-HS-RTX2010RH Datasheet
406Kb / 36P
   Radiation Hardened Real Time Express??Microcontroller
logo
Xilinx, Inc
DS692 XILINX-DS692 Datasheet
1Mb / 41P
   Radiation-Hardened
logo
Microsemi Corporation
2N3498 MICROSEMI-2N3498_1 Datasheet
111Kb / 3P
   RADIATION HARDENED
2N2906A MICROSEMI-2N2906A_1 Datasheet
105Kb / 6P
   RADIATION HARDENED
2N3634 MICROSEMI-2N3634_1 Datasheet
233Kb / 5P
   RADIATION HARDENED
2N2221A MICROSEMI-2N2221A_1 Datasheet
144Kb / 7P
   RADIATION HARDENED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com