Electronic Components Datasheet Search |
|
5EQ100 Datasheet(PDF) 1 Page - International Rectifier |
|
5EQ100 Datasheet(HTML) 1 Page - International Rectifier |
1 / 4 page SCHOTTKY RECTIFIER 8A, 100V 5EQ100 Description/Features 05/24/02 HIGH EFFICIENCY SERIES The 5EQ100 Schottky rectifier has been expressly designed to meet the rigorous requirements of hi-rel environments. It is packaged in the hermetic isolated LCC-18 ceramic package. The device's forward voltage drop and reverse leakage current are optimized for the lowest power loss and the highest circuit efficiency for typical high frequency switching power supplies and resonent power converters. Full MIL-PRF-19500 quality conformance testing is available on source controlled drawings to TX, TXV and S levels. • Hermetically Sealed • Low Forward Voltage Drop • High Frequency Operation • Guard Ring for Enhanced Ruggedness and Long Term Reliability • Suface Mount • Lightweight PD -20349C Major Ratings and Characteristics Characteristics 5EQ100 Units IF(AV) 8.0 A VRRM 100 V IFSM @ tp = 8.3ms half-sine 250 A VF @ 8.0Apk, TJ =125°C 0.65 V TJ, Tstg Operating and storage -55 to 150 °C Case Style www.irf.com 1 Case Outline and Dimensions - LCC-18 PIN LAYOUT LEGEND A = ANODE C = CATHODE NC = NO CONNECTION |
Similar Part No. - 5EQ100 |
|
Similar Description - 5EQ100 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |