Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N134 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # 6N134
Description  Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

6N134 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  6N134 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 6N134 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 6N134 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 6N134 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 6N134 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 6N134 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 6N134 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 6N134 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 6N134 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
• Dual Marked with Device
Part Number and DSCC
Drawing Number
• Manufactured and Tested on
a MIL-PRF-38534 Certified
Line
• QML-38534, Class H and K
• Five Hermetically Sealed
Package Configurations
• Performance Guaranteed
over -55
°C to +125°C
• High Speed: 10 M Bit/s
• CMR: > 10,000 V/
µs Typical
• 1500 Vdc Withstand Test
Voltage
• 2500 Vdc Withstand Test
Voltage for HCPL-565X
• High Radiation Immunity
• 6N137, HCPL-2601, HCPL-
2630/-31 Function
Compatibility
• Reliability Data
• TTL Circuit Compatibility
Applications
• Military and Space
• High Reliability Systems
• Transportation, Medical, and
Life Critical Systems
• Line Receiver
• Voltage Level Shifting
• Isolated Input Line Receiver
• Isolated Output Line Driver
• Logic Ground Isolation
• Harsh Industrial
Environments
• Isolation for Computer,
Communication, and Test
Equipment Systems
Description
These units are single, dual and
quad channel, hermetically sealed
optocouplers. The products are
capable of operation and storage
over the full military temperature
range and can be purchased as
either standard product or with
full MIL-PRF-38534 Class Level H
or K testing or from the appropri-
ate DSCC Drawing. All devices are
manufactured and tested on a
MIL-PRF-38534 certified line and
are included in the DSCC Quali-
fied Manufacturers List QML-
38534 for Hybrid Microcircuits.
Quad channel devices are
available by special order in the
16 pin DIP through hole
packages.
Truth Table
(Positive Logic)
Multichannel Devices
Input
Output
On (H)
L
Off (L)
H
Functional Diagram
Multiple Channel Devices
Available
Single Channel DIP
Input
Enable
Output
On (H)
H
L
Off (L)
H
H
On (H)
L
H
Off (L)
L
H
*See matrix for available extensions.
Hermetically Sealed, High Speed,
High CMR, Logic Gate
Optocouplers
Technical Data
6N134*
81028
HCPL-563X
HCPL-663X
HCPL-565X
5962-98001
HCPL-268K
HCPL-665X
5962-90855
HCPL-560X
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.
VCC
VOUT
VE
GND
The connection of a 0.1
µF bypass capacitor between VCC and GND is recommended.


Similar Part No. - 6N134

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
6N134 BOARDCOM-6N134 Datasheet
1Mb / 15P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
More results

Similar Description - 6N134

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-563K AVAGO-HCPL-563K Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-5631 AVAGO-HCPL-5631 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-6630 AVAGO-HCPL-6630 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
5962-9800101KEC AVAGO-5962-9800101KEC Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
6N134 BOARDCOM-6N134 Datasheet
1Mb / 15P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
ACPL-267XL BOARDCOM-ACPL-267XL Datasheet
939Kb / 14P
   Hermetically Sealed, 3.3V High-Speed, High CMR, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-2672L AVAGO-ACPL-2672L Datasheet
147Kb / 11P
   Hermetically Sealed, 3.3V High Speed, High CMR, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com