Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N1136 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 6N1136
Description  High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 C Rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N1136 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button 6N1136 Datasheet HTML 2Page - Vishay Siliconix 6N1136 Datasheet HTML 3Page - Vishay Siliconix 6N1136 Datasheet HTML 4Page - Vishay Siliconix 6N1136 Datasheet HTML 5Page - Vishay Siliconix 6N1136 Datasheet HTML 6Page - Vishay Siliconix 6N1136 Datasheet HTML 7Page - Vishay Siliconix 6N1136 Datasheet HTML 8Page - Vishay Siliconix 6N1136 Datasheet HTML 9Page - Vishay Siliconix 6N1136 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.vishay.com
8
Document Number 83909
Rev. 1.5, 26-Oct-04
6N1135/ 6N1136
Vishay Semiconductors
Package Dimensions in Inches (mm)
i6n135_11
0.6
0.5
0.4
0.3
0.2
0.1
0
10
15
20
25
IF /mA
5
0
(VCC = 5.0 V, RL = 100 Ω)
Figure 21. Small Signal Current Transfer Ratio vs. Quiescent Input
Current
i178006
pin one ID
.255 (6.48)
.268 (6.81)
.379 (9.63)
.390 (9.91)
.030 (0.76)
.045 (1.14)
4° typ.
.100 (2.54) typ.
10°
3°–9°
.300 (7.62)
typ.
.018 (.46)
.022 (.56)
.008 (.20)
.012 (.30)
.110 (2.79)
.130 (3.30)
.130 (3.30)
.150 (3.81)
.020 (.51 )
.035 (.89 )
.230(5.84)
.250(6.35)
4
3
2
1
.031 (0.79)
.050 (1.27)
5
6
78
ISO Method A


Similar Part No. - 6N1136

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6N1136 VISHAY-6N1136 Datasheet
160Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 °C Rated
Rev. 1.6, 07-May-08
6N1136-X006 VISHAY-6N1136-X006 Datasheet
160Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 °C Rated
Rev. 1.6, 07-May-08
6N1136-X007 VISHAY-6N1136-X007 Datasheet
160Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 °C Rated
Rev. 1.6, 07-May-08
6N1136-X009 VISHAY-6N1136-X009 Datasheet
160Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 °C Rated
Rev. 1.6, 07-May-08
More results

Similar Description - 6N1136

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6N1135 VISHAY-6N1135_08 Datasheet
160Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 °C Rated
Rev. 1.6, 07-May-08
6N136 VISHAY-6N136_V01 Datasheet
221Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
01-Jan-2022
6N135 VISHAY-6N135 Datasheet
224Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
Rev. 1.9, 02-Nov-15
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.3, 20-Nov-03
SFH636 VISHAY-SFH636_V01 Datasheet
202Kb / 11P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.4, 27-Apr-04
SFH6136 VISHAY-SFH6136_V01 Datasheet
192Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6343 VISHAY-SFH6343 Datasheet
168Kb / 10P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
6N135 VISHAY-6N135_08 Datasheet
148Kb / 8P
   High Speed Optocoupler, 1 MBd, Phtotdiode with Transistor Output
Rev. 1.5, 07-May-08
SFH6325 VISHAY-SFH6325_08 Datasheet
188Kb / 8P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
Rev. 1.5, 10-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com