Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC164245 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74ALVC164245
Description  16-bit dual supply translating transciever; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC164245 Datasheet(HTML) 1 Page - NXP Semiconductors

  74ALVC164245 Datasheet HTML 1Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 2Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 3Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 4Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 5Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 6Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 7Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 8Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
General description
The 74ALVC164245 is a high-performance, low-power, low-voltage, Si-gate CMOS
device, superior to most advanced CMOS compatible TTL families.
The 74ALVC164245 is a 16-bit (dual octal) dual supply translating transceiver featuring
non-inverting 3-state bus compatible outputs in both send and receive directions. It is
designed to interface between a 3 V and 5 V bus in a mixed 3 V and 5 V supply
environment.
This device can be used as two 8-bit transceivers or one 16-bit transceiver.
The direction control inputs (1DIR and 2DIR) determine the direction of the data flow.
nDIR (active HIGH) enables data from nA ports to nB ports. nDIR (active LOW) enables
data from nB ports to nA ports. The output enable inputs (1OE and 2OE), when HIGH,
disable both nA and nB ports by placing them in a high-impedance OFF-state. The nB
ports interface with the 5 V bus. The nA ports interface with the 3 V bus.
In suspend mode, when one of the supply voltages is zero, there will be no current flow
from the non-zero supply towards the zero supply. The A-outputs must be set 3-state and
the voltage on the A-bus must be smaller than Vdiode (typical 0.7 V). VCCB ≥ VCCA (except
in suspend mode).
2.
Features
s 5 V tolerant inputs/outputs for interfacing with 5 V logic
s Wide supply voltage range:
x 3 V port (VCCA): 1.5 V to 3.6 V
x 5 V port (VCCB): 1.5 V to 5.5 V.
s CMOS low power consumption
s Direct interface with TTL levels
s Control inputs voltage range from 2.7 V to 5.5 V
s Inputs accept voltages up to 5.5 V
s High-impedance outputs when VCCA or VCCB = 0 V
s Complies with JEDEC standard JESD8-B/JESD36
s ESD protection:
x HBM EIA/JESD22-A114-B exceeds 2000 V
x MM EIA/JESD22-A115-A exceeds 200 V.
s Specified from
−40 °C to +85 °C and −40 °C to +125 °C.
74ALVC164245
16-bit dual supply translating transciever; 3-state
Rev. 02 — 1 June 2004
Product data sheet


Similar Part No. - 74ALVC164245

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245 Datasheet
129Kb / 12P
   16-bit dual supply translating transceiver 3-State
Rev. 02-1 June 2004
74ALVC164245 NXP-74ALVC164245 Datasheet
181Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 05-13 April 2010
logo
Nexperia B.V. All right...
74ALVC164245 NEXPERIA-74ALVC164245 Datasheet
242Kb / 14P
   16-bit dual supply translating transceiver; 3-state
Rev. 11 - 27 July 2021
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
logo
NXP Semiconductors
74ALVC164245BQ NXP-74ALVC164245BQ Datasheet
181Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 05-13 April 2010
More results

Similar Description - 74ALVC164245

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Nexperia B.V. All right...
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
logo
NXP Semiconductors
74ALVC164245 NXP-74ALVC164245 Datasheet
181Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 05-13 April 2010
74ALVC164245 PHILIPS-74ALVC164245 Datasheet
129Kb / 12P
   16-bit dual supply translating transceiver 3-State
Rev. 02-1 June 2004
logo
Nexperia B.V. All right...
74ALVC164245 NEXPERIA-74ALVC164245 Datasheet
242Kb / 14P
   16-bit dual supply translating transceiver; 3-state
Rev. 11 - 27 July 2021
logo
NXP Semiconductors
74ALVC164245DL,112 NXP-74ALVC164245DL,112 Datasheet
282Kb / 20P
   74ALVC164245 16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Nexperia B.V. All right...
74AVC4T774-Q100 NEXPERIA-74AVC4T774-Q100 Datasheet
318Kb / 23P
   4-bit dual supply translating transceiver; 3-state
Rev. 2 - 2 January 2023
74AXP2T45 NEXPERIA-74AXP2T45 Datasheet
325Kb / 26P
   2-bit dual supply translating transceiver; 3-state
Rev. 2 - 23 June 2022
74AXP1T45 NEXPERIA-74AXP1T45 Datasheet
319Kb / 26P
   1-bit dual supply translating transceiver; 3-state
Rev. 2 - 3 February 2022
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com