Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT154 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HCT154
Description  4-to-16 line decoder/demultiplexer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT154 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HCT154 Datasheet HTML 3Page - NXP Semiconductors 74HCT154 Datasheet HTML 4Page - NXP Semiconductors 74HCT154 Datasheet HTML 5Page - NXP Semiconductors 74HCT154 Datasheet HTML 6Page - NXP Semiconductors 74HCT154 Datasheet HTML 7Page - NXP Semiconductors 74HCT154 Datasheet HTML 8Page - NXP Semiconductors 74HCT154 Datasheet HTML 9Page - NXP Semiconductors 74HCT154 Datasheet HTML 10Page - NXP Semiconductors 74HCT154 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
2004 Oct 12
7
Philips Semiconductors
Product specification
4-to-16 line decoder/demultiplexer
74HC154; 74HCT154
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V).
Notes
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. For DIP24 packages: above 70
°C the value of Ptot derates linearly with 12 mW/K.
For SO24 packages: above 70
°C the value of Ptot derates linearly with 8 mW/K.
For SSOP24 and TSSOP24 packages: above 60
°C the value of Ptot derates linearly with 5.5 mW/K.
For DHVQFN24 packages: above 60
°C the value of Ptot derates linearly with 4.5 mW/K.
SYMBOL
PARAMETER
CONDITIONS
74HC154
74HCT154
UNIT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
VCC
supply voltage
2.0
5.0
6.0
4.5
5.0
5.5
V
VI
input voltage
0
VCC
0
VCC
V
VO
output voltage
0
VCC
0
VCC
V
Tamb
ambient temperature
−40
+25
+125
−40
+25
+125
°C
tr,tf
input rise and fall times
VCC = 2.0 V
−−
1000
−−−
ns
VCC = 4.5 V
6.0
500
6.0
500
ns
VCC = 6.0 V
−−
400
−−−
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
−0.5
+7.0
V
IIK
input diode current
VI < −0.5 V or VI >VCC + 0.5 V; note 1
−±20
mA
IOK
output diode current
VO < −0.5 V or VO >VCC + 0.5 V; note 1
−±20
mA
IO
output source or sink current
−0.5V<VO <VCC + 0.5 V; note 1
−±25
mA
ICC, IGND
VCC or GND current
note 1
−±50
mA
Tstg
storage temperature
−65
+150
°C
Ptot
power dissipation
Tamb = −40 °C to +125 °C; note 2
300
mW


Similar Part No. - 74HCT154

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT154 PHILIPS-74HCT154 Datasheet
59Kb / 7P
   4-to-16 line decoder/demultiplexer
September 1993
74HCT154 NXP-74HCT154 Datasheet
138Kb / 21P
   4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
logo
Nexperia B.V. All right...
74HCT154 NEXPERIA-74HCT154 Datasheet
294Kb / 17P
   4-to-16 line decoder/demultiplexer
Rev. 9 - 19 August 2021
logo
NXP Semiconductors
74HCT154BQ NXP-74HCT154BQ Datasheet
138Kb / 21P
   4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
logo
Nexperia B.V. All right...
74HCT154BQ NEXPERIA-74HCT154BQ Datasheet
294Kb / 17P
   4-to-16 line decoder/demultiplexer
Rev. 9 - 19 August 2021
More results

Similar Description - 74HCT154

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74LS154 FAIRCHILD-DM74LS154 Datasheet
52Kb / 5P
   4-Line to 16-Line Decoder/Demultiplexer
MM74C154 FAIRCHILD-MM74C154 Datasheet
51Kb / 6P
   4-Line to 16-Line Decoder/Demultiplexer
logo
STMicroelectronics
M74HC154 STMICROELECTRONICS-M74HC154 Datasheet
170Kb / 8P
   4 TO 16 LINE DECODER/DEMULTIPLEXER
logo
National Semiconductor ...
MM54C154 NSC-MM54C154 Datasheet
101Kb / 4P
   4-Line to 16-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74HC154 PHILIPS-74HC154 Datasheet
59Kb / 7P
   4-to-16 line decoder/demultiplexer
September 1993
74HC154 NXP-74HC154 Datasheet
138Kb / 21P
   4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
74HC_HCT154 PHILIPS-74HC_HCT154_15 Datasheet
138Kb / 21P
   4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
74LV154 PHILIPS-74LV154 Datasheet
131Kb / 12P
   4-to-16 line decoder/demultiplexer
1998 Apr 28
logo
Nexperia B.V. All right...
74HCT154 NEXPERIA-74HCT154 Datasheet
294Kb / 17P
   4-to-16 line decoder/demultiplexer
Rev. 9 - 19 August 2021
logo
Hitachi Semiconductor
HD74HC154 HITACHI-HD74HC154 Datasheet
34Kb / 7P
   4-to-16-line Decoder/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com