Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962R9563801QYX Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # 5962R9563801QYX
Description  Radiation-Hardened MicroController
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

5962R9563801QYX Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  5962R9563801QYX Datasheet HTML 1Page - Aeroflex Circuit Technology 5962R9563801QYX Datasheet HTML 2Page - Aeroflex Circuit Technology 5962R9563801QYX Datasheet HTML 3Page - Aeroflex Circuit Technology 5962R9563801QYX Datasheet HTML 4Page - Aeroflex Circuit Technology 5962R9563801QYX Datasheet HTML 5Page - Aeroflex Circuit Technology 5962R9563801QYX Datasheet HTML 6Page - Aeroflex Circuit Technology 5962R9563801QYX Datasheet HTML 7Page - Aeroflex Circuit Technology 5962R9563801QYX Datasheet HTML 8Page - Aeroflex Circuit Technology 5962R9563801QYX Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
- 1
Standard Products
UT69RH051 Radiation-Hardened MicroController
Data Sheet
June 2004
FEATURES
Three 16-bit timer/counters
- High speed output
- Compare/capture
- Pulse width modulator
- Watchdog timer capabilities
256 bytes of on-chip data RAM
32 programmable I/O lines
7 interrupt sources
Programmable serial channel with:
- Framing error detection
- Automatic address recognition
TTL and CMOS compatible logic levels
64K external data and program memory space
MCS-51 fully compatible instruction set
Flexible clock operation
- 1Hz to 20MHz with external clock
- 2MHz to 20MHz using internal oscillator with external
crystal
Radiation-hardened process and design; total dose irradia-
tion testing MIL-STD-883 Method 1019
- Total dose: 1.0E6 rads(Si)
- Latchup immune
Packaging options:
- 40-pin 100-mil center DIP (0.600 x 2.00)
- 44-lead 25-mil center Flatpack (0.670 x 0.800)
Standard Microcircuit Drawing 5962-95638 available
- QML Q & V compliant
RAM
PORT 0
LATCH
PORT 2
LATCH
PORT 0
DRIVERS
PORT 2
DRIVERS
PROGRAM
ADDRESS
REGISTER
BUFFER
PC
INCREMENTER
PROGRAM
COUNTER
DPTR
PORT 3
LATCH
PORT 3
DRIVERS
PORT 1
DRIVERS
OSC.
PORT 1
LATCH
PSW
TMP3
B
REGISTER
ACC
STACK
POINTER
ALU
TMP2
TMP1
SPECIAL FUNCTION
REGISTERS,
TIMERS,
PCA,
SERIAL PORT
PSEN
ALE
EA
RST
P1.0 - P1.7
P3.0 - P3.7
XTAL2
XTAL1
Figure 1. UT69RH051 MicroController Block Diagram


Similar Part No. - 5962R9563801QYX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5962R9563801QQYA ETC2-5962R9563801QQYA Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
5962R9563801QQYC ETC2-5962R9563801QQYC Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
5962R9563801QQYX ETC2-5962R9563801QQYX Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
More results

Similar Description - 5962R9563801QYX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT69RH051 ETC2-UT69RH051 Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
logo
Texas Instruments
MSP430FR5969-SP TI1-MSP430FR5969-SP_18 Datasheet
1Mb / 128P
[Old version datasheet]   Radiation Hardened Mixed-Signal Microcontroller
MSP430FR5969-SP TI1-MSP430FR5969-SP Datasheet
1Mb / 126P
[Old version datasheet]   Radiation Hardened Mixed-Signal Microcontroller
logo
Microchip Technology
SAMRH707 MICROCHIP-SAMRH707 Datasheet
11Mb / 1389P
   Radiation-Hardened 32-bit Microcontroller with Advanced Radiation-Hardened 32-bit Microcontroller with Advanced
2021
logo
Intersil Corporation
HS-RTX2010RH INTERSIL-HS-RTX2010RH Datasheet
406Kb / 36P
   Radiation Hardened Real Time Express??Microcontroller
logo
Xilinx, Inc
DS692 XILINX-DS692 Datasheet
1Mb / 41P
   Radiation-Hardened
logo
Microsemi Corporation
2N3498 MICROSEMI-2N3498_1 Datasheet
111Kb / 3P
   RADIATION HARDENED
2N2906A MICROSEMI-2N2906A_1 Datasheet
105Kb / 6P
   RADIATION HARDENED
2N3634 MICROSEMI-2N3634_1 Datasheet
233Kb / 5P
   RADIATION HARDENED
2N2221A MICROSEMI-2N2221A_1 Datasheet
144Kb / 7P
   RADIATION HARDENED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com