Electronic Components Datasheet Search |
|
74HC154BQ Datasheet(PDF) 8 Page - NXP Semiconductors |
|
74HC154BQ Datasheet(HTML) 8 Page - NXP Semiconductors |
8 / 22 page 2004 Oct 12 8 Philips Semiconductors Product specification 4-to-16 line decoder/demultiplexer 74HC154; 74HCT154 DC CHARACTERISTICS Type 74HC154 At recommended operating conditions; voltages are referenced to GND (ground = 0 V). SYMBOL PARAMETER CONDITIONS MIN. TYP. MAX. UNIT OTHER VCC (V) Tamb =25 °C VIH HIGH-level input voltage 2.0 1.5 1.2 − V 4.5 3.15 2.4 − V 6.0 4.2 3.2 − V VIL LOW-level input voltage 2.0 − 0.8 0.5 V 4.5 − 2.1 1.35 V 6.0 − 2.8 1.8 V VOH HIGH-level output voltage VI =VIH or VIL IO = −20 µA 2.0 1.9 2.0 − V IO = −20 µA 4.5 4.4 4.5 − V IO = −20 µA 6.0 5.9 6.0 − V IO = −4.0 mA 4.5 3.98 4.32 − V IO = −5.2 mA 6.0 5.48 5.81 − V VOL LOW-level output voltage VI =VIH or VIL IO =20 µA 2.0 − 0 0.1 V IO =20 µA 4.5 − 0 0.1 V IO =20 µA 6.0 − 0 0.1 V IO = 4.0 mA 4.5 − 0.15 0.26 V IO = 5.2 mA 6.0 − 0.16 0.26 V ILI input leakage current VI =VCC or GND 6.0 −−±0.1 µA ICC quiescent supply current VI =VCC or GND; IO =0A 6.0 −− 8.0 µA |
Similar Part No. - 74HC154BQ |
|
Similar Description - 74HC154BQ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |