Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8133 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8133
Description  Triple Differential Driver With Output Pull-Down
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8133 Datasheet(HTML) 5 Page - Analog Devices

  AD8133 Datasheet HTML 1Page - Analog Devices AD8133 Datasheet HTML 2Page - Analog Devices AD8133 Datasheet HTML 3Page - Analog Devices AD8133 Datasheet HTML 4Page - Analog Devices AD8133 Datasheet HTML 5Page - Analog Devices AD8133 Datasheet HTML 6Page - Analog Devices AD8133 Datasheet HTML 7Page - Analog Devices AD8133 Datasheet HTML 8Page - Analog Devices AD8133 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD8133
Rev. 0 | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
12 V
All VOCM
±VS
Power Dissipation
See Figure 3
Input Common-Mode Voltage
±VS
Storage Temperature
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature Range
(Soldering 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress rat-
ing only and functional operation of the device at these or any
other conditions above those indicated in the operational sec-
tion of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, i.e., θJA is specified
for the device soldered in a circuit board in still air.
Table 4. Thermal Resistance with the Underside Pad
Connected to the Plane
Package Type/PCB Type
θJA
Unit
24-Lead LFCSP/4-Layer
70
°C/W
Maximum Power Dissipation
The maximum safe power dissipation in the AD8133 package is
limited by the associated rise in junction temperature (TJ) on
the die. At approximately 150°C, which is the glass transition
temperature, the plastic changes its properties. Even temporarily
exceeding this temperature limit may change the stresses that
the package exerts on the die, permanently shifting the para-
metric performance of the AD8133. Exceeding a junction tem-
perature of 175°C for an extended period of time can result in
changes in the silicon devices potentially causing failure.
The power dissipated in the package (PD) is the sum of the
quiescent power dissipation and the power dissipated in the
package due to the load drive for all outputs. The quiescent
power is the voltage between the supply pins (VS) times the
quiescent current (IS). The load current consists of differential
and common-mode currents flowing to the loads, as well as
currents flowing through the internal differential and common-
mode feedback loops. The internal resistor tap used in the
common-mode feedback loop places a 4 kΩ differential load on
the output. RMS output voltages should be considered when
dealing with ac signals.
Airflow reduces θJA. Also, more metal directly in contact with
the package leads from metal traces, through holes, ground,
and power planes reduces the θJA. The exposed paddle on the
underside of the package must be soldered to a pad on the PCB
surface that is thermally connected to a copper plane in order to
achieve the specified θJA.
Figure 3 shows the maximum safe power dissipation in the
package versus ambient temperature for the 24-lead LFCSP
(70°C/W) package on a JEDEC standard 4-layer board with the
underside paddle soldered to a pad that is thermally connected
to a PCB plane. θJA values are approximations.
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–40
–20
0
20
40
60
80
AMBIENT TEMPERATURE (
°C)
LFCSP
Figure 3. Maximum Power Dissipation vs. Temperature for a 4-Layer Board
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features proprie-
tary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic
discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of
functionality.


Similar Part No. - AD8133

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8133 AD-AD8133 Datasheet
400Kb / 17P
   Triple Differential Driver with Output Pull-Down
AD8133ACP-R2 AD-AD8133ACP-R2 Datasheet
486Kb / 16P
   Triple Differential Driver With Output Pull-Down
REV. 0
AD8133ACP-REEL AD-AD8133ACP-REEL Datasheet
486Kb / 16P
   Triple Differential Driver With Output Pull-Down
REV. 0
AD8133ACP-REEL7 AD-AD8133ACP-REEL7 Datasheet
486Kb / 16P
   Triple Differential Driver With Output Pull-Down
REV. 0
AD8133ACPZ-R2 AD-AD8133ACPZ-R2 Datasheet
400Kb / 17P
   Triple Differential Driver with Output Pull-Down
More results

Similar Description - AD8133

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8133ACP-R2 AD-AD8133ACP-R2 Datasheet
486Kb / 16P
   Triple Differential Driver With Output Pull-Down
REV. 0
AD8133 AD-AD8133_15 Datasheet
486Kb / 16P
   Triple Differential Driver With Output Pull-Down
REV. 0
AD8133 AD-AD8133_16 Datasheet
400Kb / 17P
   Triple Differential Driver with Output Pull-Down
logo
IC-Haus GmbH
IC-HE ICHAUS-IC-HE Datasheet
371Kb / 6P
   TRIPLE DIFFERENTIAL LINE DRIVER
logo
Analog Devices
AD8134 AD-AD8134_16 Datasheet
443Kb / 20P
   Triple Differential Driver With Sync-On-Common-Mode
AD8134 AD-AD8134_15 Datasheet
455Kb / 20P
   Triple Differential Driver With Sync-On-Common-Mode
REV. A
AD8134 AD-AD8134 Datasheet
458Kb / 20P
   Triple Differential Driver With Sync-On-Common-Mode
REV. A
logo
Linear Technology
LT3496 LINER-LT3496 Datasheet
263Kb / 20P
   Triple Output LED Driver
LT3496 LINER-LT3496_15 Datasheet
343Kb / 20P
   Triple Output LED Driver
logo
New Japan Radio
NJM2504 NJRC-NJM2504 Datasheet
117Kb / 5P
   VIDEO DIFFERENTIAL OUTPUT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com