Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1088 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM1088
Description  Simple Sequencers in 6-Lead SC70
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1088 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM1088 Datasheet HTML 6Page - Analog Devices ADM1088 Datasheet HTML 7Page - Analog Devices ADM1088 Datasheet HTML 8Page - Analog Devices ADM1088 Datasheet HTML 9Page - Analog Devices ADM1088 Datasheet HTML 10Page - Analog Devices ADM1088 Datasheet HTML 11Page - Analog Devices ADM1088 Datasheet HTML 12Page - Analog Devices ADM1088 Datasheet HTML 13Page - Analog Devices ADM1088 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADM1085/ADM1086/ADM1087/ADM1088
Rev. 0 | Page 10 of 16
OPEN-DRAIN AND PUSH-PULL OUTPUTS
The ADM1085 and ADM1087 have open-drain output stages
that require an external pull-up resistor to provide a logic-high
voltage level. The geometry of the NMOS transistor enables the
output to be pulled up to voltage levels as high as 22 V.
ADM1085/ADM1087
LOGIC
VCC (22V)
Figure 21. Open-Drain Output Stage
The ADM1086 and ADM1088 have push-pull (CMOS) output
stages that require no external components to drive other logic
circuits. An internal PMOS pull-up transistor provides the
logic-high voltage level.
ADM1086/ADM1088
VCC
LOGIC
Figure 22. Push-Pull Output Stage


Similar Part No. - ADM1088

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1088AKS-REEL7 AD-ADM1088AKS-REEL7 Datasheet
299Kb / 16P
   Simple Sequencers in 6-Lead SC7
REV. A
ADM1088AKSZ-REEL7 AD-ADM1088AKSZ-REEL7 Datasheet
299Kb / 16P
   Simple Sequencers in 6-Lead SC7
REV. A
More results

Similar Description - ADM1088

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1085AKSZ-REEL7 AD-ADM1085AKSZ-REEL7 Datasheet
299Kb / 16P
   Simple Sequencers in 6-Lead SC7
REV. A
ADM6820 AD-ADM6820_15 Datasheet
215Kb / 12P
   FET Drive Simple Sequencers
REV. 0
ADM6819 AD-ADM6819_15 Datasheet
215Kb / 12P
   FET Drive Simple Sequencers
REV. 0
ADM6819 AD-ADM6819 Datasheet
215Kb / 12P
   FET Drive Simple Sequencers
REV. 0
AD7910 AD-AD7910_15 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7910 AD-AD7910 Datasheet
1Mb / 20P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. B
AD7920 AD-AD7920_15 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7920BRMZ AD-AD7920BRMZ Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
logo
SG Micro Corp
SGM3167 SGMICRO-SGM3167_15 Datasheet
324Kb / 11P
   Analog Switch in 6-Pin SC70
logo
Analog Devices
ADM6711 AD-ADM6711 Datasheet
155Kb / 8P
   Microprocessor Supervisory Circuit in 4-Lead SC70
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com