Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE5020A Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE5020A
Description  Zener Diode, 1/2 Watt 짹5% Tolerance
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE5020A Datasheet(HTML) 1 Page - NTE Electronics

  NTE5020A Datasheet HTML 1Page - NTE Electronics NTE5020A Datasheet HTML 2Page - NTE Electronics NTE5020A Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE5000A thru NTE5060A
Zener Diode, 1/2 Watt
±5% Tolerance
Features:
D Zener Voltage 2.4 to 200V
D DO35 Package
Maximum Ratings:
Operating Junction Temperature Range, Topr
–65
° to +200°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +200°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC Power Dissipation, PD
500mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above 75
°C
4.0mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Forward Voltage (IF = 200mA), VF
1.1V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TC = +25°C, unless otherwise specified)
Nominal
Zener
Maximum Dynamic
Impedance
Typical
Temperature
Maximum
NTE Type
Number
Zener Voltage
Vz @ Izt
(Note 1)
Test
Current
(Izt)
Zzt @ Izt
Zzk @
0.25mA (Izk)
Coefficient
(Note 2)
α
vz
Leakage
Current
IR @ VR
Volts
mA
Ohms
Ohms
%/
°C
µA
Volts
NTE5000A
2.4
20
30
1200
–0.085
100
1.0
NTE5001A
2.5
20
30
1250
–0.085
100
1.0
NTE5002A
2.7
20
30
1300
–0.080
75
1.0
NTE5003A
2.8
20
30
1400
–0.080
75
1.0
NTE5004A
3.0
20
29
1600
–0.075
50
1.0
NTE5005A
3.3
20
28
1600
–0.070
25
1.0
NTE5006A
3.6
20
24
1700
–0.065
15
1.0
NTE5007A
3.9
20
23
1900
–0.060
10
1.0
NTE5008A
4.3
20
22
2000
±0.055
5
1.0
NTE5009A
4.7
20
19
1900
±0.030
5
2.0
NTE5010A
5.1
20
17
1600
±0.030
5
2.0
NTE5011A
5.6
20
11
1600
+0.038
5
3.0


Similar Part No. - NTE5020A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5021SM NTE-NTE5021SM Datasheet
19Kb / 2P
   Zener Diode, 300mW 짹5% Tolerance
NTE5021T1 NTE-NTE5021T1 Datasheet
15Kb / 1P
   Zener Diode, 500mW 짹1% Tolerance
NTE5024SM NTE-NTE5024SM Datasheet
19Kb / 2P
   Zener Diode, 300mW 짹5% Tolerance
NTE5027SM NTE-NTE5027SM Datasheet
19Kb / 2P
   Zener Diode, 300mW 짹5% Tolerance
More results

Similar Description - NTE5020A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5061A NTE-NTE5061A Datasheet
30Kb / 3P
   Zener Diode, 1 Watt 짹5% Tolerance
NTE5174A NTE-NTE5174A Datasheet
30Kb / 4P
   Zener Diode, 10 Watt 짹5% Tolerance
NTE5111A NTE-NTE5111A Datasheet
32Kb / 3P
   Zener Diode, 5 Watt 짹5% Tolerance
NTE5198A NTE-NTE5198A Datasheet
32Kb / 4P
   Zener Diode, 10 Watt 짹5% Tolerance
NTE5240A NTE-NTE5240A Datasheet
31Kb / 3P
   50 Watt Zener Diodes 짹5% Tolerance
NTE5005SM NTE-NTE5005SM Datasheet
19Kb / 2P
   Zener Diode, 300mW 짹5% Tolerance
logo
Taiwan Semiconductor Co...
BZX55B2V4 TSC-BZX55B2V4_14 Datasheet
228Kb / 5P
   2% Tolerance Zener Diode
BZX585B2V4 TSC-BZX585B2V4 Datasheet
230Kb / 6P
   Zener Diode, 2% Tolerance
logo
Central Semiconductor C...
CMXTC935A CENTRAL-CMXTC935A Datasheet
524Kb / 2P
   SURFACE MOUNT TEMPERATURE COMPENSATED SILICON ZENER DIODE 짹5% TOLERANCE
CMZ5913BP CENTRAL-CMZ5913BP Datasheet
297Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 3.0 WATT, 3.3 THRU 200 VOLTS 짹5% TOLERANCE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com