Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1602IPFBT Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS1602IPFBT
Description  16-Bit, 2.5MSPS Analog-to-Digital Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1602IPFBT Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button ADS1602IPFBT Datasheet HTML 7Page - Burr-Brown (TI) ADS1602IPFBT Datasheet HTML 8Page - Burr-Brown (TI) ADS1602IPFBT Datasheet HTML 9Page - Burr-Brown (TI) ADS1602IPFBT Datasheet HTML 10Page - Burr-Brown (TI) ADS1602IPFBT Datasheet HTML 11Page - Burr-Brown (TI) ADS1602IPFBT Datasheet HTML 12Page - Burr-Brown (TI) ADS1602IPFBT Datasheet HTML 13Page - Burr-Brown (TI) ADS1602IPFBT Datasheet HTML 14Page - Burr-Brown (TI) ADS1602IPFBT Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
ADS1602
SBAS341B − DECEMBER 2004 − REVISED APRIL 2005
www.ti.com
11
TYPICAL CHARACTERISTICS (continued)
All specifications at TA = 25°C, AVDD = 5V, DVDD = IOVDD = 3V, fCLK = 40MHz, External VREF = +3V, VCM = +1.45V, and RBIAS = 37kΩ,
unless otherwise noted.
Figure 15
−80
−70
−60
−50
−40
−30
−20
−10
0
Input Signal Amplitude, V
IN (dB)
SNR, THD, and SFDR vs INPUT SIGNAL AMPLITUDE
SFDR
SNR
THD
140
120
100
80
60
40
20
f
IN =10kHz
Figure 16
−80
−70
−60
−50
−40
−30
−20
−10
0
Input Signal Amplitude, V
IN (dB)
SNR, THD, and SFDR vs INPUT SIGNAL AMPLITUDE
SFDR
SNR
THD
120
110
100
90
80
70
60
50
40
30
20
f
IN =50kHz
Figure 17
140
120
100
80
60
40
20
−80
−70
−60
−50
−40
−30
−20
−10
0
Input Signal Amplitude, V
IN (dB)
SNR, THD, and SFDR vs INPUT SIGNAL AMPLITUDE
SFDR
SNR
f
IN = 100kHz
THD
Figure 18
140
120
100
80
60
40
20
−80
−70
−60
−50
−40
−30
−20
−10
0
Input Signal Amplitude, V
IN (dB)
SNR, THD, and SFDR vs INPUT SIGNAL AMPLITUDE
SFDR
SNR
f
IN = 500kHz
THD
Figure 19
140
120
100
80
60
40
20
−80
−70
−60
−50
−40
−30
−20
−10
0
Input Signal Amplitude, V
IN (dB)
SNR, THD, and SFDR vs INPUT SIGNAL AMPLITUDE
SFDR
SNR
THD
f
IN = 800kHz
Figure 20
10k100k1M
Input Frequency, f
IN (Hz)
SIGNAL−TO−NOISE RATIO
vs INPUT FREQUENCY
95
90
85
80
75
70
V
IN = −1dB
V
IN = − 6dB
V
IN = − 10dB


Similar Part No. - ADS1602IPFBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1602IPFBT TI1-ADS1602IPFBT Datasheet
778Kb / 29P
[Old version datasheet]   16-Bit, 2.5MSPS Analog-to-Digital Converter
ADS1602IPFBTG4 TI1-ADS1602IPFBTG4 Datasheet
778Kb / 29P
[Old version datasheet]   16-Bit, 2.5MSPS Analog-to-Digital Converter
More results

Similar Description - ADS1602IPFBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1602 TI1-ADS1602 Datasheet
778Kb / 29P
[Old version datasheet]   16-Bit, 2.5MSPS Analog-to-Digital Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
logo
Burr-Brown (TI)
ADC76 BURR-BROWN-ADC76 Datasheet
113Kb / 8P
   16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
DATEL, Inc.
5962-8953102HXA DATEL-5962-8953102HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211 PTC-PT8211_10 Datasheet
290Kb / 13P
   16 Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953101HXC DATEL-5962-8953101HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211L PTC-PT8211L Datasheet
124Kb / 4P
   16 Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com