Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5220RGZ Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS5220RGZ
Description  12-Bit, 40MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS5220RGZ Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button ADS5220RGZ Datasheet HTML 4Page - Burr-Brown (TI) ADS5220RGZ Datasheet HTML 5Page - Burr-Brown (TI) ADS5220RGZ Datasheet HTML 6Page - Burr-Brown (TI) ADS5220RGZ Datasheet HTML 7Page - Burr-Brown (TI) ADS5220RGZ Datasheet HTML 8Page - Burr-Brown (TI) ADS5220RGZ Datasheet HTML 9Page - Burr-Brown (TI) ADS5220RGZ Datasheet HTML 10Page - Burr-Brown (TI) ADS5220RGZ Datasheet HTML 11Page - Burr-Brown (TI) ADS5220RGZ Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADS5220
8
SBAS261A
www.ti.com
TYPICAL CHARACTERISTICS: AVDD = 3.3V (Cont.)
TMIN = –40°C, TMAX = +85°C, typical values are at TA = +25°C, sampling rate = 40MSPS, 50% clock duty cycle, AVDD = 3.3V, DVDD = 3.3V, VDRV = 2.5V, –1dBFS,
DCA off, internal reference voltage, and 2VPP differential input, unless otherwise noted.
SFDR/SNR vs CLOCK DUTY CYCLE
(DCA = Duty Cycle Adjust)
Duty Cycle (%)
30
50
55
60
65
40
45
35
70
90
80
70
60
50
40
30
SFDR: DCA on
SNR: DCA on
SFDR: DCA off
SNR: DCA off
SWEPT POWER (SNR)
EXTERNAL REFERENCE
Analog Input Level (dBFS)
–80
–40
–30
–20
–10
–50
–60
–70
0
dBc
80
70
60
50
40
30
20
10
0
−10
−20
dBFS
f
IN = 9.7MHz
SWEPT POWER (SFDR)
Analog Input Level (dBFS)
–80
–40
–30
–20
–10
–50
–60
–70
0
dBc
100
90
80
70
60
50
40
30
20
10
0
dBFS
f
IN = 9.7MHz
SNR, SFDR vs INPUT FREQUENCY
Frequency (MHz)
110
100
90
85
80
75
70
65
60
55
50
45
SFDR
SNR
DYNAMIC PERFORMANCE vs TEMPERATURE
Temperature (
°C)
−50
25
50
75
0
−25
100
95
90
85
80
75
70
65
60
55
SFDR
SNR
f
IN = 2.4MHz
DYNAMIC PERFORMANCE vs TEMPERATURE
Temperature (
°C)
−50
25
50
75
0
−25
100
95
90
85
80
75
70
65
60
SFDR
SNR
f
IN = 9.7MHz


Similar Part No. - ADS5220RGZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5221 TI-ADS5221 Datasheet
367Kb / 19P
[Old version datasheet]   12-Bit, 65MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
ADS5221PFBR TI-ADS5221PFBR Datasheet
367Kb / 19P
[Old version datasheet]   12-Bit, 65MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
ADS5221PFBT TI-ADS5221PFBT Datasheet
367Kb / 19P
[Old version datasheet]   12-Bit, 65MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
ADS5221RGZ TI-ADS5221RGZ Datasheet
367Kb / 19P
[Old version datasheet]   12-Bit, 65MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
ADS5221RGZR TI-ADS5221RGZR Datasheet
367Kb / 19P
[Old version datasheet]   12-Bit, 65MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS5220RGZ

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5231 BURR-BROWN-ADS5231 Datasheet
571Kb / 26P
   Dual, 12-Bit, 40MSPS, 3.3V Analog-to-Digital Converter
logo
Texas Instruments
ADS5221 TI-ADS5221 Datasheet
367Kb / 19P
[Old version datasheet]   12-Bit, 65MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS5270 TI1-ADS5270_13 Datasheet
1Mb / 31P
[Old version datasheet]   8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
logo
Burr-Brown (TI)
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com