Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE4966 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE4966
Description  Surge Clamping, Transient Overvoltage Suppressor Unidirectional
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE4966 Datasheet(HTML) 1 Page - NTE Electronics

  NTE4966 Datasheet HTML 1Page - NTE Electronics NTE4966 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE4902 thru NTE4998
Surge Clamping, Transient Overvoltage Suppressor
Unidirectional
Description:
The NTE4900 series of silicon Transient Suppressors designed to protect voltage sensitive compo-
nents from high energy voltage transients. Transient over voltage suppressor devices have become
very important as a consequence of their high surge capability, extremely fast response time, and low
incremental surge resistance (Rs).
Application:
The NTE4900 series has a peak pulse power rating of 1500 watts for one millisecond can protect inte-
grated circuits, hybrids, CMOS, MOS, and other voltage sensitive components in a broad range of
applications such as telecommunications, power supplies, computers, automotive, industrial, and
medical equipment.
Absolute Maximum Ratings:
Peak Pulse Power Dissipation (TA = +25°C)
1500W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
tclamping (0 volts to BV Min)
< 1 x 10–12 sec
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating and Storage Temperature
–65
°C to +175°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Forward Surge Rating 200 Amps,
1/20 Second at +25
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Steady State Power Dissipation
5.0 W @ T1 = +25
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics:
Clamping Factor: 1.33 @ full rated power
1.20 @ 50% rated power
The clamping factor is defined as: The ratio of the actual VC (Clamping voltage) to the actual BV
(Breakdown Voltage) as measured on a specific device.
Maximum Ratings
NTE Type
Number
Diagram
Number
Maximum Reverse
Stand Off Voltage
(Volts)
Breakdown Voltage @ IT
(Volts)
Clamping Voltage
@ Ipp (1msec)
(Volts)
Reverse Leakage
Current @ VR
(
µA)
Peak Pulse
Current
(Amps)
Temperature
Coefficient
of BV%/
°C
VR
VBR
VC
IR
Ipp
Min
Typ
Max
IT mA
4902
183
5.80
6.45
6.80
7.14
10.0
10.5
1000.0
143.00
0.057
4904
183
6.40
7.13
7.50
7.88
10.0
11.3
500.0
132.00
0.061
4906
183
7.02
7.79
8.20
8.61
10.0
12.1
200.0
124.00
0.065
4910
183
8.55
9.50
10.00
10.50
1.0
14.5
10.0
103.00
0.073
4914
183
10.20
11.40
12.00
12.60
1.0
16.7
5.0
90.00
0.078
4918
183
11.10
12.40
13.00
13.70
1.0
18.2
5.0
82.00
0.081


Similar Part No. - NTE4966

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NTE496 ETC2-NTE496 Datasheet
190Kb / 9P
   HARDWARE ACCESSORIES
logo
NTE Electronics
NTE4961 NTE-NTE4961 Datasheet
26Kb / 2P
   Surge Clamping, Transient Overvoltage Suppressor Bidirectional
NTE4963 NTE-NTE4963 Datasheet
26Kb / 2P
   Surge Clamping, Transient Overvoltage Suppressor Bidirectional
NTE4965 NTE-NTE4965 Datasheet
26Kb / 2P
   Surge Clamping, Transient Overvoltage Suppressor Bidirectional
NTE4967 NTE-NTE4967 Datasheet
26Kb / 2P
   Surge Clamping, Transient Overvoltage Suppressor Bidirectional
More results

Similar Description - NTE4966

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE4828 NTE-NTE4828 Datasheet
21Kb / 2P
   Surge Clamping, Transient Overvoltage Suppressor Unidirectional
NTE4900 NTE-NTE4900 Datasheet
20Kb / 2P
   Surge Clamping, Overvoltage Transient Suppressor, Unidirectional
NTE4963 NTE-NTE4963 Datasheet
26Kb / 2P
   Surge Clamping, Transient Overvoltage Suppressor Bidirectional
NTE4903 NTE-NTE4903 Datasheet
26Kb / 2P
   Surge Clamping, Transient Overvoltage Suppressor Bidirectiona
logo
ON Semiconductor
TRA2532 ONSEMI-TRA2532 Datasheet
61Kb / 8P
   Overvoltage Transient Suppressor
October, 2000 ??Rev. 1
MR2520L ONSEMI-MR2520L_06 Datasheet
71Kb / 6P
   Overvoltage Transient Suppressor
June, 2006 ??Rev. 3
logo
New Jersey Semi-Conduct...
1N6290A NJSEMI-1N6290A Datasheet
68Kb / 1P
   UNIDIRECTIONAL TRANSIENT SUPPRESSOR
1N6292 NJSEMI-1N6292 Datasheet
85Kb / 1P
   UNIDIRECTIONAL TRANSIENT SUPPRESSOR
1N5645 NJSEMI-1N5645 Datasheet
82Kb / 1P
   UNIDIRECTIONAL TRANSIENT SUPPRESSOR
1N5645A NJSEMI-1N5645A Datasheet
76Kb / 1P
   UNIDIRECTIONAL TRANSIENT SUPPRESSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com