Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C04A Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT24C04A
Description  Two-wire Serial EEPROM Extended Temperature
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C04A Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT24C04A Datasheet HTML 5Page - ATMEL Corporation AT24C04A Datasheet HTML 6Page - ATMEL Corporation AT24C04A Datasheet HTML 7Page - ATMEL Corporation AT24C04A Datasheet HTML 8Page - ATMEL Corporation AT24C04A Datasheet HTML 9Page - ATMEL Corporation AT24C04A Datasheet HTML 10Page - ATMEL Corporation AT24C04A Datasheet HTML 11Page - ATMEL Corporation AT24C04A Datasheet HTML 12Page - ATMEL Corporation AT24C04A Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
AT24C02A/04A/08A/16A
5083A–SEEPR–9/04
Device Addressing
The 2K, 4K, and 8K EEPROM devices all require an 8-bit device address word following
a start condition to enable the chip for a read or write operation, as shown in Figure 7.
Figure 7. Device Address
The device address word consists of a mandatory “1”, “0” sequence for the first four
most significant bits as shown. This is common to all the EEPROM devices.
The next three bits are the A2, A1, and A0 device address bits for the 2K EEPROM.
These three bits must compare to their corresponding hardwired input pins.
The 4K EEPROM only uses the A2 and A1 device address bits with the third bit being a
memory page address bit. The two device address bits must compare to their corre-
sponding hardwired input pins. The A0 pin is no-connect.
The 8K EEPROM only uses the A2 device address bit with the next two bits being for
memory page addressing. The A2 bit must compare to its corresponding hardwired
input pin. The A1 and A0 pins are no-connect.
The 16K EEPROM does not use the device address pins, which limits the number of
devices on a single bus to one. The A0, A1, and A2 pins are no-connects.
The eighth bit of the device address is the read/write operation select bit. A read opera-
tion is initiated if this bit is high, and a write operation is initiated if this bit is low.
Upon a compare of the device address, the EEPROM will output a “0”. If a compare is
not made, the chip will return to a standby state.
Write Operations
BYTE WRITE: A write operation requires an 8-bit data word address following the
device address word and acknowledgement. Upon receipt of this address, the EEPROM
will again respond with a “0” and then clock in the first 8-bit data word. Following receipt
of the 8-bit data word, the EEPROM will output a “0” and the addressing device, such as
a microcontroller, must terminate the write sequence with a stop condition. At this time,
the EEPROM enters an internally-timed write cycle, tWR, to the nonvolatile memory. All
inputs are disabled during this write cycle, and the EEPROM will not respond until the
write is complete, as shown in Figure 8.
MSB
2K
LSB
1
A2
A0
A1
R/W
4K
1
A2
P0
A1
R/W
0
0
0
0
0
0
1
1
1
8K
1
A2
P0 R/W
00
1
16K
1P2
P0 R/W
P1
P1


Similar Part No. - AT24C04A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C04A ATMEL-AT24C04A Datasheet
592Kb / 16P
   Two-wire Automotive Temperature Serial EEPROM
AT24C04A-10PI-1.8 ATMEL-AT24C04A-10PI-1.8 Datasheet
194Kb / 21P
   Write Protect Pin for Hardware Data Protection
AT24C04A-10PI-2.7 ATMEL-AT24C04A-10PI-2.7 Datasheet
194Kb / 21P
   Write Protect Pin for Hardware Data Protection
AT24C04A-10TI-1.8 ATMEL-AT24C04A-10TI-1.8 Datasheet
194Kb / 21P
   Write Protect Pin for Hardware Data Protection
AT24C04A-10TI-2.7 ATMEL-AT24C04A-10TI-2.7 Datasheet
194Kb / 21P
   Write Protect Pin for Hardware Data Protection
More results

Similar Description - AT24C04A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_09 Datasheet
493Kb / 20P
   Two-wire Automotive Temperature Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_09 Datasheet
399Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
AT24C02A ATMEL-AT24C02A_07 Datasheet
592Kb / 16P
   Two-wire Automotive Temperature Serial EEPROM
AT24C11 ATMEL-AT24C11 Datasheet
392Kb / 14P
   Two-wire Automotive Temperature Serial EEPROM
AT24HC02B_0701 ATMEL-AT24HC02B_0701 Datasheet
504Kb / 16P
   Two-wire Automotive Temperature Serial EEPROM
AT24C02B_0701 ATMEL-AT24C02B_0701 Datasheet
512Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
AT24C01A ATMEL-AT24C01A_07 Datasheet
495Kb / 20P
   Two-wire Automotive Temperature Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com