Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB011B Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT45DB011B
Description  1-MEGABIT 2.7 VOLT ONLY DATA FLASH
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB011B Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT45DB011B Datasheet HTML 6Page - ATMEL Corporation AT45DB011B Datasheet HTML 7Page - ATMEL Corporation AT45DB011B Datasheet HTML 8Page - ATMEL Corporation AT45DB011B Datasheet HTML 9Page - ATMEL Corporation AT45DB011B Datasheet HTML 10Page - ATMEL Corporation AT45DB011B Datasheet HTML 11Page - ATMEL Corporation AT45DB011B Datasheet HTML 12Page - ATMEL Corporation AT45DB011B Datasheet HTML 13Page - ATMEL Corporation AT45DB011B Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10
AT45DB011B
1984H–DFLSH–10/04
RESET: A low state on the reset pin (RESET) will terminate the operation in progress and
reset the internal state machine to an idle state. The device will remain in the reset condition
as long as a low level is present on the RESET pin. Normal operation can resume once the
RESET pin is brought back to a high level.
The device incorporates an internal power-on reset circuit, so there are no restrictions on the
RESET pin during power-on sequences. If this pin and feature are not utilized it is recom-
mended that the RESET pin be driven high externally.
READY/BUSY: This open-drain output pin will be driven low when the device is busy in an
internally self-timed operation. This pin, which is normally in a high state (through a 1k
Ω exter-
nal pull-up resistor), will be pulled low during programming operations, compare operations,
and during page-to-buffer transfers.
The busy status indicates that the Flash memory array and one of the buffers cannot be
accessed; read and write operations to the other buffer can still be performed.
Power-on/Reset
State
When power is first applied to the device, or when recovering from a reset condition, the
device will default to SPI Mode 3. In addition, the SO pin will be in a high-impedance state, and
a high-to-low transition on the CS pin will be required to start a valid instruction. The SPI mode
will be automatically selected on every falling edge of CS by sampling the inactive clock state.
After power is applied and V
CC is at the minimum datasheet value, the system should wait
20 ms before an operational mode is started.
System
Considerations
DataFlash is controlled by the Serial Clock (SCK) and Chip Select (CS) pins. These signals
must rise and fall monotonically and be free from noise. Excessive noise or ringing on these
pins can be misinterpreted as multiple edges and cause improper operation of the device. The
PC board traces must be kept to a minimum distance or appropriately terminated. If neces-
sary, decoupling capacitors can be added on these pins to provide filtering against noise
glitches.
As system complexity continues to increase, voltage regulation is becoming more important. A
key element of any voltage regulation scheme is its current sourcing capability. Like all Flash
memories, the peak currents for DataFlash occur during the programming and erase opera-
tions. The peak current during programming or erase of a DataFlash is 70 mA to 80 mA. The
regulator needs to supply this peak current requirement. An under specified regulator can
cause current starvation. Besides increasing system noise, current starvation during program-
ming or erase can lead to improper operation and possible data corruption.


Similar Part No. - AT45DB011B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011B ATMEL-AT45DB011B Datasheet
408Kb / 32P
   1-megabit 2.7-volt Only DataFlash
AT45DB011B-CC ATMEL-AT45DB011B-CC Datasheet
408Kb / 32P
   1-megabit 2.7-volt Only DataFlash
AT45DB011B-CI ATMEL-AT45DB011B-CI Datasheet
408Kb / 32P
   1-megabit 2.7-volt Only DataFlash
AT45DB011B-SC ATMEL-AT45DB011B-SC Datasheet
408Kb / 32P
   1-megabit 2.7-volt Only DataFlash
AT45DB011B-SI ATMEL-AT45DB011B-SI Datasheet
408Kb / 32P
   1-megabit 2.7-volt Only DataFlash
More results

Similar Description - AT45DB011B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011B ATMEL-AT45DB011B_06 Datasheet
408Kb / 32P
   1-megabit 2.7-volt Only DataFlash
AT45DB011 ATMEL-AT45DB011 Datasheet
150Kb / 19P
   1-Megabit 2.7-volt Only Serial DataFlash
AT45DB011 ATMEL-AT45DB011_01 Datasheet
253Kb / 20P
   1-megabit 2.7-volt Only Serial DataFlash
AT45DB021B ATMEL-AT45DB021B_05 Datasheet
484Kb / 32P
   2-megabit 2.7-volt Only DataFlash
AT45DB021B ATMEL-AT45DB021B Datasheet
261Kb / 33P
   2-megabit 2.7-volt Only DataFlash
AT45DB021B ATMEL-AT45DB021B Datasheet
261Kb / 33P
   2-megabit 2.7-volt Only DataFlash
AT45DB321B ATMEL-AT45DB321B Datasheet
230Kb / 32P
   32-megabit 2.7-volt Only DataFlash
AT45DB081B ATMEL-AT45DB081B Datasheet
414Kb / 32P
   8-megabit 2.5-volt Only or 2.7-volt Only DataFlash
AT45DB081B ATMEL-AT45DB081B_05 Datasheet
530Kb / 33P
   8-megabit 2.5-volt Only or 2.7-volt Only DataFlash
AT45DB161B ATMEL-AT45DB161B Datasheet
351Kb / 33P
   16 MEGABIT 2.5-VOLT ONLY OR 2.7-VOLT ONLY DATAFLASH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com