Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB321C-CI Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT45DB321C-CI
Description  32 MEGABIT 2.7 VOLT DATAFLASH
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321C-CI Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT45DB321C-CI Datasheet HTML 5Page - ATMEL Corporation AT45DB321C-CI Datasheet HTML 6Page - ATMEL Corporation AT45DB321C-CI Datasheet HTML 7Page - ATMEL Corporation AT45DB321C-CI Datasheet HTML 8Page - ATMEL Corporation AT45DB321C-CI Datasheet HTML 9Page - ATMEL Corporation AT45DB321C-CI Datasheet HTML 10Page - ATMEL Corporation AT45DB321C-CI Datasheet HTML 11Page - ATMEL Corporation AT45DB321C-CI Datasheet HTML 12Page - ATMEL Corporation AT45DB321C-CI Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
9
AT45DB321C [Preliminary]
3387B–DFLSH–9/04
Note:
1. Default value for devices shipped from Atmel.
2. When protecting or unprotecting sector 0b (pages 8-511), we recommend protecting
or unprotecting the entire sector 0b simultaneously.
ERASING THE SECTOR PROTECTION REGISTER: To erase the Sector Protection
Register, the CS pin must first be asserted. Once the CS pin has been asserted, the
4-byte erase command sequence must be clocked in via the SI (serial input) pin. After
the last bit of the command sequence has been clocked in, the CS pin must be deas-
serted to initiate the internally self-timed erase cycle (t
PE). The Ready/Busy status will
indicate that the device is busy during the erase cycle. The erased state of each bit (of a
byte) in the Sector Protection Register indicates that the corresponding sector is flagged
for protection. The RESET pin is disabled during this erase cycle to prevent incomplete
erasure of the Sector Protection Register.
PROGRAMMING THE SECTOR PROTECTION REGISTER: To program the Sector
Protection Register, the CS pin must first be asserted. Once the CS pin has been
asserted, the 4-byte command sequence must be clocked in via the SI (serial input) pin.
After the last bit of the command sequence has been clocked in, the data for the con-
tents of the Sector Protection Register must be clocked in. The first byte corresponds to
sector 0 (0a, 0b), the second byte corresponds to Sector 1 and the last byte (byte 16)
corresponds to Sector 15. After the last bit of data has been clocked in, the CS pin must
be deasserted to initiate the internally self-timed program cycle (t
P). The Ready/Busy
status will indicate that the device is busy during the program cycle. The RESET pin is
disabled during this program cycle to prevent incomplete programming of the sector pro-
tection register.
READING THE SECTOR PROTECTION REGISTER: To read the Sector Protection
Register, the CS pin must first be asserted. Once the CS pin has been asserted, a
4-byte command sequence 32H, 00H, 00H, 00H and 32 don’t care clock cycles must be
clocked in via the SI (serial input) pin. The 32 don’t care clock cycles are required to ini-
Sector 0 (0a, 0b):
0a
0b
0b
Data
Value
(Page 8-255)
(Page 256-511)
Bit 6, 7
Bit 4, 5
Bit 2, 3
Bit 0, 1
Sectors 0a, 0b
Unprotected
00
00
00
00
00H
Protect Sector 0a
11
00
00
00
C0H
Protect Sector 0b
(Page 8-255)
00
11
00
00
30H
Protect Sector 0b
(Page 256-511)
00
00
11
00
0CH
Protect Sectors 0a,
0b (Page 8-255), 0b
(Page 256-511)(1)
11
11
11
00
FCH
Protect Sectors 0a,
0b (Page 8-255)
11
11
00
00
F0H
Command
Byte 1
Byte 2
Byte 3
Byte 4
Erase Sector Protection Register
3DH
2AH
7FH
CFH
Command
Byte 1
Byte 2
Byte 3
Byte 4
Program Sector Protection Register
3DH
2AH
7FH
FCH


Similar Part No. - AT45DB321C-CI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB321C-CI ATMEL-AT45DB321C-CI Datasheet
632Kb / 40P
   32-megabit 2.7 volt DataFlash
More results

Similar Description - AT45DB321C-CI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB321D ATMEL-AT45DB321D_09 Datasheet
1Mb / 57P
   32-megabit 2.7-volt DataFlash
AT45DB321C ATMEL-AT45DB321C_06 Datasheet
632Kb / 40P
   32-megabit 2.7 volt DataFlash
AT45DB321D ATMEL-AT45DB321D_08 Datasheet
1Mb / 54P
   32-megabit 2.7-volt DataFlash
AT45DB321D ATMEL-AT45DB321D_07 Datasheet
1Mb / 55P
   32-megabit 2.7-volt DataFlash
AT45DB321B ATMEL-AT45DB321B Datasheet
230Kb / 32P
   32-megabit 2.7-volt Only DataFlash
AT45DB321 ATMEL-AT45DB321 Datasheet
154Kb / 20P
   32-Megabit 2.7-volt Only Serial DataFlash
AT45DB021D ATMEL-AT45DB021D_07 Datasheet
1Mb / 52P
   2-megabit 2.7-volt DataFlash
AT45DB011D ATMEL-AT45DB011D_07 Datasheet
1Mb / 52P
   1-megabit 2.7-volt DataFlash
AT26DF321 ATMEL-AT26DF321_07 Datasheet
590Kb / 35P
   32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT25DF321 ATMEL-AT25DF321 Datasheet
786Kb / 37P
   32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com