Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C04AN-10SE-2.7 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT24C04AN-10SE-2.7
Description  Two-wire Serial EEPROM Extended Temperature
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C04AN-10SE-2.7 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT24C04AN-10SE-2.7 Datasheet HTML 2Page - ATMEL Corporation AT24C04AN-10SE-2.7 Datasheet HTML 3Page - ATMEL Corporation AT24C04AN-10SE-2.7 Datasheet HTML 4Page - ATMEL Corporation AT24C04AN-10SE-2.7 Datasheet HTML 5Page - ATMEL Corporation AT24C04AN-10SE-2.7 Datasheet HTML 6Page - ATMEL Corporation AT24C04AN-10SE-2.7 Datasheet HTML 7Page - ATMEL Corporation AT24C04AN-10SE-2.7 Datasheet HTML 8Page - ATMEL Corporation AT24C04AN-10SE-2.7 Datasheet HTML 9Page - ATMEL Corporation AT24C04AN-10SE-2.7 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
AT24C02A/04A/08A/16A
5083A–SEEPR–9/04
Device Operation
CLOCK and DATA TRANSITIONS: The SDA pin is normally pulled high with an exter-
nal device. Data on the SDA pin may change only during SCL low time periods (see
Figure 2). Data changes during SCL high periods will indicate a start or stop condition as
defined in Figure 2.
Figure 2. Data Validity
START CONDITION: A high-to-low transition of SDA with SCL high is a start condition
that must precede any other command (see Figure 3).
Figure 3. Start and Stop Definition
STOP CONDITION: A low-to-high transition of SDA with SCL high is a stop condition.
After a read sequence, the stop command will place the EEPROM in a standby power
mode (see Figure 3).
ACKNOWLEDGE: All addresses and data words are serially transmitted to and from
the EEPROM in 8-bit words. The EEPROM sends a “0” to acknowledge that it has
received each word. This happens during the ninth clock cycle.
STANDBY MODE: The AT24C02A/04A/08A/16A features a low-power standby mode
that is enabled (a) upon power-up and (b) after the receipt of the STOP bit and the com-
pletion of any internal operations.


Similar Part No. - AT24C04AN-10SE-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C04AN-10SE-2.7 ATMEL-AT24C04AN-10SE-2.7 Datasheet
194Kb / 21P
   Write Protect Pin for Hardware Data Protection
More results

Similar Description - AT24C04AN-10SE-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_09 Datasheet
493Kb / 20P
   Two-wire Automotive Temperature Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_09 Datasheet
399Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
AT24C02A ATMEL-AT24C02A_07 Datasheet
592Kb / 16P
   Two-wire Automotive Temperature Serial EEPROM
AT24C11 ATMEL-AT24C11 Datasheet
392Kb / 14P
   Two-wire Automotive Temperature Serial EEPROM
AT24HC02B_0701 ATMEL-AT24HC02B_0701 Datasheet
504Kb / 16P
   Two-wire Automotive Temperature Serial EEPROM
AT24C02B_0701 ATMEL-AT24C02B_0701 Datasheet
512Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
AT24C01A ATMEL-AT24C01A_07 Datasheet
495Kb / 20P
   Two-wire Automotive Temperature Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com