Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1504AS-7JC84 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATF1504AS-7JC84
Description  High performance Complex Programmable Logic Device
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504AS-7JC84 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATF1504AS-7JC84 Datasheet HTML 1Page - ATMEL Corporation ATF1504AS-7JC84 Datasheet HTML 2Page - ATMEL Corporation ATF1504AS-7JC84 Datasheet HTML 3Page - ATMEL Corporation ATF1504AS-7JC84 Datasheet HTML 4Page - ATMEL Corporation ATF1504AS-7JC84 Datasheet HTML 5Page - ATMEL Corporation ATF1504AS-7JC84 Datasheet HTML 6Page - ATMEL Corporation ATF1504AS-7JC84 Datasheet HTML 7Page - ATMEL Corporation ATF1504AS-7JC84 Datasheet HTML 8Page - ATMEL Corporation ATF1504AS-7JC84 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1
Features
High-density, High-performance, Electrically-erasable Complex Programmable
Logic Device
– 64 Macrocells
– 5 Product Terms per Macrocell, Expandable up to 40 per Macrocell
– 44, 68, 84, 100 Pins
– 7.5 ns Maximum Pin-to-pin Delay
– Registered Operation up to 125 MHz
– Enhanced Routing Resources
In-System Programmability (ISP) via JTAG
Flexible Logic Macrocell
– D/T/Latch Configurable Flip-flops
– Global and Individual Register Control Signals
– Global and Individual Output Enable
– Programmable Output Slew Rate
– Programmable Output Open Collector Option
– Maximum Logic Utilization by Burying a Register with a COM Output
Advanced Power Management Features
– Automatic µA Standby for “L” Version
– Pin-controlled 1 mA Standby Mode
– Programmable Pin-keeper Circuits on Inputs and I/Os
– Reduced-power Feature per Macrocell
Available in Commercial and Industrial Temperature Ranges
Available in 44-, 68-, and 84-lead PLCC; 44- and 100-lead TQFP; and 100-lead PQFP
Advanced EE Technology
– 100% Tested
– Completely Reprogrammable
– 10,000 Program/Erase Cycles
– 20-year Data Retention
– 2000V ESD Protection
– 200 mA Latch-up Immunity
JTAG Boundary-scan Testing to IEEE Std. 1149.1-1990 and 1149.1a-1993 Supported
PCI-compliant
3.3V or 5.0V I/O Pins
Security Fuse Feature
Enhanced Features
Improved Connectivity (Additional Feedback Routing, Alternate Input Routing)
Output Enable Product Terms
Transparent – Latch Mode
Combinatorial Output with Registered Feedback within Any Macrocell
Three Global Clock Pins
ITD (Input Transition Detection) Circuits on Global Clocks, Inputs and I/O
Fast Registered Input from Product Term
Programmable “Pin-keeper” Option
V
CC Power-up Reset Option
Pull-up Option on JTAG Pins TMS and TDI
Advanced Power Management Features
– Edge-controlled Power-down “L”
– Individual Macrocell Power Option
– Disable ITD on Global Clocks, Inputs and I/O
High-
performance
Complex
Programmable
Logic Device
ATF1504AS
ATF1504ASL
Rev. 0950N–PLD–07/02


Similar Part No. - ATF1504AS-7JC84

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504AS-7JC84 ATMEL-ATF1504AS-7JC84 Datasheet
462Kb / 21P
   High- Performance EE CPLD
ATF1504AS-7JC84 ATMEL-ATF1504AS-7JC84 Datasheet
706Kb / 35P
   Highperformance Complex Programmable Logic Device
More results

Similar Description - ATF1504AS-7JC84

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504AS ATMEL-ATF1504AS_14 Datasheet
1Mb / 31P
   High-performance Complex Programmable Logic Device
ATF750LVC ATMEL-ATF750LVC Datasheet
333Kb / 14P
   High-speed Complex Programmable Logic Device
ATF750C ATMEL-ATF750C Datasheet
411Kb / 16P
   High-speed Complex Programmable Logic Device
ATF750C ATMEL-ATF750C_08 Datasheet
508Kb / 25P
   High-speed Complex Programmable Logic Device
ATF750LVC ATMEL-ATF750LVC_08 Datasheet
441Kb / 19P
   High-speed Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_05 Datasheet
706Kb / 35P
   Highperformance Complex Programmable Logic Device
ATF1504ASV ATMEL-ATF1504ASV_05 Datasheet
577Kb / 31P
   Low-voltage, Complex Programmable Logic Device
ATF1504ASV ATMEL-ATF1504ASV Datasheet
314Kb / 29P
   Low-voltage, Complex Programmable Logic Device
ATV2500B ATMEL-ATV2500B_14 Datasheet
762Kb / 21P
   High-performance, High-density Programmable Logic Device
ATV2500BQL ATMEL-ATV2500BQL_14 Datasheet
762Kb / 21P
   High-performance, High-density Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com