Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWL6153UM7P8 Datasheet(PDF) 9 Page - ANADIGICS, Inc

Part # AWL6153UM7P8
Description  2.4 GHz Wireless LAN Power Amplifier Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWL6153UM7P8 Datasheet(HTML) 9 Page - ANADIGICS, Inc

Back Button AWL6153UM7P8 Datasheet HTML 4Page - ANADIGICS, Inc AWL6153UM7P8 Datasheet HTML 5Page - ANADIGICS, Inc AWL6153UM7P8 Datasheet HTML 6Page - ANADIGICS, Inc AWL6153UM7P8 Datasheet HTML 7Page - ANADIGICS, Inc AWL6153UM7P8 Datasheet HTML 8Page - ANADIGICS, Inc AWL6153UM7P8 Datasheet HTML 9Page - ANADIGICS, Inc AWL6153UM7P8 Datasheet HTML 10Page - ANADIGICS, Inc AWL6153UM7P8 Datasheet HTML 11Page - ANADIGICS, Inc AWL6153UM7P8 Datasheet HTML 12Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PRELIMINARY DATA SHEET - Rev 1.0
08/2004
AWL6153
9
Figure 7: Gain and Current Consumption
vs. V
(T = +25 °C, V
= +3.3 V, f = 2472 MHz,
P
= +21 dBm, 54 Mbps 802.11g)
REF
A
CC
OUT
26
28
30
32
34
36
2.4
2.5
2.6
2.7
2.8
2.9
3
3.1
Vref (V)
100
120
140
160
180
200
Gain
Current
Figure 8: Gain and Current Consumption
vs. V
(T = +25 °C, V
= +5 V, f = 2472 MHz,
P
= +25 dBm, 54 Mbps 802.11g)
REF
A
CC
OUT
26
28
30
32
34
36
2.4
2.5
2.6
2.7
2.8
2.9
3
3.1
Vref (V)
100
140
180
220
260
300
Gain
Current
Figure 9: EVM vs. V
(T = +25 °C, f = 2472 MHz,
54 Mbps 802.11g)
REF
A
0
2
4
6
8
10
2.4
2.5
2.6
2.7
2.8
2.9
3
3.1
Vref (V)
Vcc = +3.3V, Pout = +21 dBm
Vcc = +5 V, Pout = +25 dBm
Figure 10: EVM vs. Output Power
(T = +25 °C, V
= +2.85 V,
f = 2472 MHz, 54 Mbps 802.11g)
A
REF
0
2
4
6
8
10
10
15
20
25
30
Output Power (dBm)
Vcc = +3.3V
Vcc=+5V


Similar Part No. - AWL6153UM7P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6152 ANADIGICS-AWL6152 Datasheet
197Kb / 12P
   2.4 GHz Wireless LAN Power Amplifier Module
AWL6152M7P8 ANADIGICS-AWL6152M7P8 Datasheet
197Kb / 12P
   2.4 GHz Wireless LAN Power Amplifier Module
More results

Similar Description - AWL6153UM7P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6152 ANADIGICS-AWL6152 Datasheet
197Kb / 12P
   2.4 GHz Wireless LAN Power Amplifier Module
logo
Skyworks Solutions Inc.
SE2623L-R SKYWORKS-SE2623L-R Datasheet
187Kb / 2P
   2.4 GHz High-Power Wireless LAN Power Amplifier
logo
SiGe Semiconductor, Inc...
SE2565T SIGE-SE2565T Datasheet
129Kb / 2P
   2.4 GHz High Power Wireless LAN Power Amplifier Preliminary
SE2576L SIGE-SE2576L Datasheet
129Kb / 2P
   2.4 GHz High Power Wireless LAN Power Amplifier Preliminary
SE2566U SIGE-SE2566U Datasheet
86Kb / 2P
   2.4 GHz Dual Channel Wireless LAN Power Amplifier Preliminary
logo
Microchip Technology
RN171 MICROCHIP-RN171 Datasheet
558Kb / 30P
   2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
06/23/16
logo
SiGe Semiconductor, Inc...
SE2521A60 SIGE-SE2521A60 Datasheet
451Kb / 16P
   RangeCharger??2.4 GHz Wireless LAN Front End
logo
Microchip Technology
RN1723 MICROCHIP-RN1723 Datasheet
306Kb / 32P
   2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
01/27/15
logo
SiGe Semiconductor, Inc...
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
   2.4 GHz Wireless LAN Front End Preliminary
logo
Skyworks Solutions Inc.
SE2620T SKYWORKS-SE2620T Datasheet
273Kb / 13P
   2.4 GHz Wireless LAN/BT Front End Preliminary
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com