Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C08AN-10SE-2.7 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT24C08AN-10SE-2.7
Description  Two-wire Serial EEPROM Extended Temperature
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C08AN-10SE-2.7 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT24C08AN-10SE-2.7 Datasheet HTML 1Page - ATMEL Corporation AT24C08AN-10SE-2.7 Datasheet HTML 2Page - ATMEL Corporation AT24C08AN-10SE-2.7 Datasheet HTML 3Page - ATMEL Corporation AT24C08AN-10SE-2.7 Datasheet HTML 4Page - ATMEL Corporation AT24C08AN-10SE-2.7 Datasheet HTML 5Page - ATMEL Corporation AT24C08AN-10SE-2.7 Datasheet HTML 6Page - ATMEL Corporation AT24C08AN-10SE-2.7 Datasheet HTML 7Page - ATMEL Corporation AT24C08AN-10SE-2.7 Datasheet HTML 8Page - ATMEL Corporation AT24C08AN-10SE-2.7 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
AT24C02A/04A/08A/16A
5083A–SEEPR–9/04
Note:
1. This parameter is characterized and is not 100% tested (TA = 25°C).
2. This parameter is characterized and is not 100% tested.
Table 4. AC Characteristics
Applicable over recommended operating range from TAE = −40°C to +125°C, VCC = +2.7V to +5.5V, CL = 1 TTL Gate and
100 pF (unless otherwise noted).
Symbol
Parameter
AT24C02A/04A/08A/16A
Units
Min
Max
f
SCL
Clock Frequency, SCL
400
kHz
t
LOW
Clock Pulse Width Low
1.2
µs
t
HIGH
Clock Pulse Width High
0.6
µs
tI
Noise Suppression Time
(1)
50
ns
tAA
Clock Low to Data Out Valid
0.1
0.9
µs
tBUF
Time the bus must be free before
a new transmission can start
(2)
1.2
µs
t
HD.STA
Start Hold Time
0.6
µs
t
SU.STA
Start Set-up Time
0.6
µs
tHD.DAT
Data In Hold Time
0
µs
tSU.DAT
Data In Set-up Time
100
ns
tR
Inputs Rise Time
(2)
300
ns
t
F
Inputs Fall Time
(2)
300
ns
t
SU.STO
Stop Set-up Time
0.6
µs
t
DH
Data Out Hold Time
50
ns
tWR
Write Cycle Time
5
ms
Endurance
(2)
5.0V, 25
°C, Page Mode
1M
Write Cycles


Similar Part No. - AT24C08AN-10SE-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C08AN-10SE-2.7 ATMEL-AT24C08AN-10SE-2.7 Datasheet
194Kb / 21P
   Write Protect Pin for Hardware Data Protection
More results

Similar Description - AT24C08AN-10SE-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_09 Datasheet
493Kb / 20P
   Two-wire Automotive Temperature Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_09 Datasheet
399Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
AT24C02A ATMEL-AT24C02A_07 Datasheet
592Kb / 16P
   Two-wire Automotive Temperature Serial EEPROM
AT24C11 ATMEL-AT24C11 Datasheet
392Kb / 14P
   Two-wire Automotive Temperature Serial EEPROM
AT24HC02B_0701 ATMEL-AT24HC02B_0701 Datasheet
504Kb / 16P
   Two-wire Automotive Temperature Serial EEPROM
AT24C02B_0701 ATMEL-AT24C02B_0701 Datasheet
512Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
AT24C01A ATMEL-AT24C01A_07 Datasheet
495Kb / 20P
   Two-wire Automotive Temperature Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com